Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC703LP4E Datasheet(PDF) 10 Page - Analog Devices

Part # HMC703LP4E
Description  8 GHz fractional synthesizer
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC703LP4E Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC703LP4E Datasheet HTML 6Page - Analog Devices HMC703LP4E Datasheet HTML 7Page - Analog Devices HMC703LP4E Datasheet HTML 8Page - Analog Devices HMC703LP4E Datasheet HTML 9Page - Analog Devices HMC703LP4E Datasheet HTML 10Page - Analog Devices HMC703LP4E Datasheet HTML 11Page - Analog Devices HMC703LP4E Datasheet HTML 12Page - Analog Devices HMC703LP4E Datasheet HTML 13Page - Analog Devices HMC703LP4E Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
6 - 10
HMC703LP4E
v02.0813
8 GHz fractional syntHesizer
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: pll@hittite.com
table 3. absolute Maximum ratings
Parameter
Rating
Max Vdc to paddle on supply pins
3,4,8,12,16,18,21
-0.3 V to +3.6 V
VDDLs, VPPCP
-0.3 V to +5.5 V
VCOIN, VCOIP single Ended DC
VCCHF -0.2 V
VCOIN, VCOIP Differential DC
5.2 V
VCOIN, VCOIP single Ended AC 50Ohm
+7 dBm
VCOIN, VCOIP Differential AC 50Ohm
+13 dBm
Digital Load
1 kΩ min
Digital Input 1.4 V to 1.7 V min rise time
20 nsec
Digital Input Voltage Range
-0.25 to VDDIO+0,5 V
Thermal Resistance (Jxn to Gnd Paddle)
25 0C/W
Operating Temperature Range
-40 OC to +85 OC
storage Temperature Range
-65 OC to + 125 OC
Maximum Junction Temperature
+150 OC
Reflow soldering
Peak Temperature
260 OC
Time at Peak Temperature
40 sec
EsD sensitivity HBM
Class 1B
stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is
a stress rating only; functional operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC703LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC703LP4E HITTITE-HMC703LP4E Datasheet
3Mb / 52P
   8 GHZ FRACTIONAL SYNTHESIZER
More results

Similar Description - HMC703LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC703LP4E HITTITE-HMC703LP4E Datasheet
3Mb / 52P
   8 GHZ FRACTIONAL SYNTHESIZER
HMC701LP6CE HITTITE-HMC701LP6CE Datasheet
1Mb / 46P
   8 GHz 16-Bit Fractional-N Synthesizer
HMC701LP6C HITTITE-HMC701LP6C_10 Datasheet
1Mb / 46P
   8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
logo
Hittite Microwave Corpo...
HMC702LP6CE HITTITE-HMC702LP6CE Datasheet
1Mb / 46P
   14 GHz 16-Bit Fractional-N Synthesizer
HMC702LP6CE HITTITE-HMC702LP6CE_10 Datasheet
1Mb / 46P
   14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
logo
Analog Devices
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
   8 GHZ FRACTIONAL-N PLL
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
   8 GHz fractionaL-N PLL
logo
National Semiconductor ...
LMX2353 NSC-LMX2353 Datasheet
210Kb / 16P
   PLLatinum??Fractional N Single 2.5 GHz Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com