Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC358MS8GE Datasheet(PDF) 4 Page - Analog Devices

Part # HMC358MS8GE
Description  VSAT Radios
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC358MS8GE Datasheet(HTML) 4 Page - Analog Devices

  HMC358MS8GE Datasheet HTML 1Page - Analog Devices HMC358MS8GE Datasheet HTML 2Page - Analog Devices HMC358MS8GE Datasheet HTML 3Page - Analog Devices HMC358MS8GE Datasheet HTML 4Page - Analog Devices HMC358MS8GE Datasheet HTML 5Page - Analog Devices HMC358MS8GE Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
11
11 - 5
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1
Vcc
Supply Voltage Vcc= 3V
2, 6, 7
N/C
No Connection
3VTUNE
Control Voltage Input. Modulation port bandwidth
dependent on drive source impedance.
4, 5
GND
Package bottom has an exposed metal paddle that
must be RF & DC grounded.
8
RFOUT
RF output (AC coupled).
HMC358MS8G / 358MS8GE
MMIC VCO w/ BUFFER
AMPLIFIER, 5.8 - 6.8 GHz
v04.0607
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC358MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC358MS8GE HITTITE-HMC358MS8GE Datasheet
202Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
More results

Similar Description - HMC358MS8GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC493LP3 AD-HMC493LP3 Datasheet
343Kb / 6P
   VSAT Radios
logo
Micross Components
HMC395 MICROSS-HMC395 Datasheet
820Kb / 9P
   Microwave & VSAT Radios
logo
Eudyna Devices Inc
FMM5522GJ EUDYNA-FMM5522GJ Datasheet
527Kb / 4P
   VSAT MMIC
logo
Analog Devices
HMC506LP4 AD-HMC506LP4 Datasheet
634Kb / 6P
   VSAT Radio
logo
Fujitsu Component Limit...
FMM5048GJ FUJITSU-FMM5048GJ Datasheet
109Kb / 4P
   VSAT MMIC
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF Datasheet
75Kb / 2P
   Microwave Radios
logo
Analog Devices
HMC709LC5 AD-HMC709LC5 Datasheet
373Kb / 6P
   Ku Band VSAT Upconverters
logo
Inchange Semiconductor ...
IXYN110N120A4 ISC-IXYN110N120A4 Datasheet
527Kb / 3P
   Ultra Low-Vsat IGBT
logo
Laird Tech Smart Techno...
RJ45-FT LSTD-RJ45-FT Datasheet
857Kb / 1P
   Wireless client radios
logo
TriQuint Semiconductor
TGA2508-EPU-SM TRIQUINT-TGA2508-EPU-SM Datasheet
142Kb / 10P
   Ku-Band VSAT Packaged Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com