Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF706BCPZ-3 Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-BF706BCPZ-3
Description  Instruction set compatible with previous Blackfin products
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF706BCPZ-3 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-BF706BCPZ-3 Datasheet HTML 4Page - Analog Devices ADSP-BF706BCPZ-3 Datasheet HTML 5Page - Analog Devices ADSP-BF706BCPZ-3 Datasheet HTML 6Page - Analog Devices ADSP-BF706BCPZ-3 Datasheet HTML 7Page - Analog Devices ADSP-BF706BCPZ-3 Datasheet HTML 8Page - Analog Devices ADSP-BF706BCPZ-3 Datasheet HTML 9Page - Analog Devices ADSP-BF706BCPZ-3 Datasheet HTML 10Page - Analog Devices ADSP-BF706BCPZ-3 Datasheet HTML 11Page - Analog Devices ADSP-BF706BCPZ-3 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 116 page
background image
Rev. A
|
Page 8 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
Static Memory Controller (SMC)
The SMC can be programmed to control up to two blocks of
external memories or memory-mapped devices, with very flexi-
ble timing parameters. Each block occupies a 8K byte segment
regardless of the size of the device used.
Dynamic Memory Controller (DMC)
The DMC includes a controller that supports JESD79-2E com-
patible double-data-rate (DDR2) SDRAM and JESD209A low-
power DDR (LPDDR) SDRAM devices. The DMC PHY fea-
tures on-die termination on all data and data strobe pins that
can be used during reads.
I/O Memory Space
The processor does not define a separate I/O space. All
resources are mapped through the flat 32-bit address space. On-
chip I/O devices have their control registers mapped into mem-
ory-mapped registers (MMRs) at addresses in a region of the
4G byte address space. These are separated into two smaller
blocks, one which contains the control MMRs for all core func-
tions, and the other which contains the registers needed for
setup and control of the on-chip peripherals outside of the core.
The MMRs are accessible only in supervisor mode and appear
as reserved space to on-chip peripherals.
Booting
The processor has several mechanisms for automatically loading
internal and external memory after a reset. The boot mode is
defined by the SYS_BMODE input pins dedicated for this pur-
pose. There are two categories of boot modes. In master boot
mode, the processor actively loads data from serial memories. In
slave boot modes, the processor receives data from external host
devices.
The boot modes are shown in Table 2. These modes are imple-
mented by the SYS_BMODE bits of the reset configuration
register and are sampled during power-on resets and software-
initiated resets.
SECURITY FEATURES
The ADSP-BF70x processor supports standards-based hard-
ware-accelerated encryption, decryption, authentication, and
true random number generation.
The following hardware-accelerated cryptographic ciphers are
supported:
• AES in ECB, CBC, ICM, and CTR modes with 128-, 192-,
and 256-bit keys
• DES in ECB and CBC mode with 56-bit key
• 3DES in ECB and CBC mode with 3x 56-bit key
The following hardware-accelerated hash functions are
supported:
•SHA-1
• SHA-2 with 224-bit and 256-bit digest
• HMAC transforms for SHA-1 and SHA-2
Public key accelerator is available to offload computation-inten-
sive public key cryptography operations.
Both a hardware-based nondeterministic random number gen-
erator and pseudo-random number generator are available. The
TRNG also provides HW post-processing to meet NIST
requirements of FIPS 140-2, while the PRNG is ANSI X9.31
compliant.
Secure boot is also available with 224-bit elliptic curve digital
signatures ensuring integrity and authenticity of the boot
stream. Optionally, confidentiality is also ensured through AES-
128 encryption.
Secure debug is also employed to allow only trusted users to
access the system with debug tools.
PROCESSOR SAFETY FEATURES
The ADSP-BF70x processor has been designed for functional
safety applications. While the level of safety is mainly domi-
nated by the system concept, the following primitives are
provided by the devices to build a robust safety concept.
Multi-Parity-Bit-Protected L1 Memories
In the processor’s L1 memory space, whether SRAM or cache,
each word is protected by multiple parity bits to detect the single
event upsets that occur in all RAMs. This applies both to L1
instruction and data memory spaces.
ECC-Protected L2 Memories
Error correcting codes (ECC) are used to correct single event
upsets. The L2 memory is protected with a single error correct-
double error detect (SEC-DED) code. By default ECC is
enabled, but it can be disabled on a per-bank basis. Single-bit
errors are transparently corrected. Dual-bit errors can issue a
Table 2. Boot Modes
SYS_BMODE Setting
Boot Mode
00
No Boot/Idle
01
SPI2 Master
10
SPI2 Slave
11
UART0 Slave
CAUTION
This product includes security features that can be
used to protect embedded nonvolatile memory
contents and prevent execution of unauthorized
code. When security is enabled on this device
(either by the ordering party or the subsequent
receiving parties), the ability of Analog Devices to
conduct failure analysis on returned devices is
limited. Contact Analog Devices for details on the
failure analysis limitations for this device.


Similar Part No. - ADSP-BF706BCPZ-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF504 AD-ADSP-BF504 Datasheet
4Mb / 80P
   Blackfin Embedded Processor
Rev. PrC
ADSP-BF504F AD-ADSP-BF504F Datasheet
4Mb / 80P
   Blackfin Embedded Processor
Rev. PrC
ADSP-BF506F AD-ADSP-BF506F Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
ADSP-BF506F AD-ADSP-BF506F Datasheet
4Mb / 80P
   Blackfin Embedded Processor
Rev. PrC
ADSP-BF512 AD-ADSP-BF512 Datasheet
1Mb / 62P
   Blackfin Embedded Processor
Rev. PrE
More results

Similar Description - ADSP-BF706BCPZ-3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC912DG128ACPVE FREESCALE-MC912DG128ACPVE Datasheet
2Mb / 478P
   Upward compatible with M68HC11 instruction set
logo
SyncMOS Technologies,In...
SM59R02G1 SYNCMOS-SM59R02G1 Datasheet
786Kb / 57P
   Instruction-set compatible with MCS-51
SM59A16U1 SYNCMOS-SM59A16U1 Datasheet
2Mb / 146P
   Instruction-set compatible with MCS-51
logo
Freescale Semiconductor...
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
   HC08 instruction set with added BGND instruction
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
   HC08 instruction set with added BGND instruction
logo
SINOWEALTH Electronic L...
SH79F1617 SINOWEALTH-SH79F1617 Datasheet
1Mb / 99P
   8bits micro-controller with Pipe-line structured 8051 compatible instruction set
V2.0
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
   Extended instruction set
February 2013 Rev 2
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
   Extended instruction set
March 2015 Rev 5
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
   Extended instruction set
March 2015 Rev 4
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
1,011Kb / 96P
   SAM47 INSTRUCTION SET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com