Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68328UM Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC68328UM
Description  Integrated Portable System Processor-DragonBall
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68328UM Datasheet(HTML) 4 Page - Motorola, Inc

  MC68328UM Datasheet HTML 1Page - Motorola, Inc MC68328UM Datasheet HTML 2Page - Motorola, Inc MC68328UM Datasheet HTML 3Page - Motorola, Inc MC68328UM Datasheet HTML 4Page - Motorola, Inc MC68328UM Datasheet HTML 5Page - Motorola, Inc MC68328UM Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
MC68328 PRODUCT INFORMATION
MOTOROLA
External Bus Interface
The external bus interface handles the transfer of information between the internal 68EC000 core and the
memory, peripherals, or other processing elements in the external address space. It consists of a 16-bit 68000
bus interface for internal and a selectable 8-bit or 16-bit interface to outside.
Interrupt Controller
The interrupt controller accepts and prioritizes both internal and external interrupt requests and generates a
vector number during the CPU interrupt acknowledge cycle. Interrupt nesting is also provided so that an inter-
rupt service routine of a lower priority interrupt may be suspended by a higher priority interrupt request. The
on-chip interrupt controller has the following major features:
• Prioritized Interrupt Sources (Internal and External)
• A Fully Nested Interrupt Environment
• Programmable Vector Generation
• Interrupt Masking
• Wake-up interrupt Masking
Parallel General-Purpose I/O Ports
The MC68328 supports up to 78-bit general-purpose I/O ports, which can be configured as general-purpose
I/O pins or as dedicated peripheral interface pins of the on-chip modules.
Each port pin can be independently programmed as general-purpose I/O pins, even when other pins related
to the same on-chip peripheral are used as dedicated pins. Even if all the pins for a particular peripheral are
configured as general-purpose I/O, the peripheral will still operate normally, although this is only useful in the
case of the RTC and timer modules.
Software Watchdog
A software watchdog timer is used to protect against system failures by providing a means to escape from
unexpected input conditions, external events, or programming errors. Once started, the software watchdog
timer must be cleared by software on a regular basis so that it never reaches its time-out value. Upon reaching
the time-out value, the assumption is made that a system failure has occurred, and the software watchdog logic
resets or interrupts the 68EC000 core.
Low-Power Stop Logic
Various options for power-saving are available: turning off unused peripherals, reducing processor clock
speed, disabling the processor altogether or a combination of these.
A wake-up from low-power mode can be achieved by causing an interrupt at the interrupt controller logic which
runs throughout the period of processor low-power. Selectable interrupt will cause a wake-up of the EC000
core followed by processing of that interrupt.
The on-chip peripherals can initiate a wake-up; for example, the timer can be set to wake-up after a certain
elapsed time, or number of external events.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68328UM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68322 MOTOROLA-MC68322 Datasheet
263Kb / 12P
   Integrated Printer Processor
MC68322AD MOTOROLA-MC68322AD Datasheet
263Kb / 12P
   Integrated Printer Processor
MC68322UM MOTOROLA-MC68322UM Datasheet
263Kb / 12P
   Integrated Printer Processor
More results

Similar Description - MC68328UM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68EZ328 MOTOROLA-MC68EZ328 Datasheet
103Kb / 8P
   Integrated Portable System Processor
logo
Freescale Semiconductor...
MC9328MX1 FREESCALE-MC9328MX1 Datasheet
1Mb / 96P
   i.MX Integrated Portable System Processor
MC9328MXL FREESCALE-MC9328MXL Datasheet
1Mb / 84P
   i.MX Integrated Portable System Processor
logo
Motorola, Inc
MC68SZ328 MOTOROLA-MC68SZ328 Datasheet
300Kb / 12P
   Integrated Portable System Processor Product Brief
MC68VZ328P MOTOROLA-MC68VZ328P Datasheet
120Kb / 6P
   Integrated Portable System Processor Product Brief
logo
Freescale Semiconductor...
P1022DS-PA FREESCALE-P1022DS-PA Datasheet
337Kb / 2P
   Integrated media and communications processor development system
logo
Dallas Semiconductor
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com