Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4311-1ARHZ1 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4311-1ARHZ1
Description  Low Cost, Dual, High Current Output Line Driver with Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4311-1ARHZ1 Datasheet(HTML) 1 Page - Analog Devices

  ADA4311-1ARHZ1 Datasheet HTML 1Page - Analog Devices ADA4311-1ARHZ1 Datasheet HTML 2Page - Analog Devices ADA4311-1ARHZ1 Datasheet HTML 3Page - Analog Devices ADA4311-1ARHZ1 Datasheet HTML 4Page - Analog Devices ADA4311-1ARHZ1 Datasheet HTML 5Page - Analog Devices ADA4311-1ARHZ1 Datasheet HTML 6Page - Analog Devices ADA4311-1ARHZ1 Datasheet HTML 7Page - Analog Devices ADA4311-1ARHZ1 Datasheet HTML 8Page - Analog Devices ADA4311-1ARHZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Low Cost, Dual, High Current Output
Line Driver with Shutdown
ADA4311-1
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
High speed
−3 dB bandwidth: 310 MHz, G = +5, RLOAD = 50 Ω
Slew rate: 1050 V/μs, RLOAD = 50 Ω
Wide output swing
20.6 V p-p differential, RLOAD of 100 Ω from 12 V supply
High output current
Low distortion
−98 dBc typical at 1 MHz, VOUT = 2 V p-p, G = +5, RLOAD = 100 Ω
−72 dBc typical at 10 MHz, VOUT = 2 V p-p, G = +5, RLOAD = 100 Ω
Power management and shutdown
Control inputs CMOS level compatible
Shutdown quiescent current: 1 mA/amplifier
Selectable quiescent current: 1 mA to 11.8 mA/amplifier
APPLICATIONS
Home networking line drivers
Twisted pair line drivers
Power line communications (PLC)
Video line drivers
ARB line drivers
I/Q channel amplifiers
PIN CONFIGURATION
NC = NO CONNECT
+VS 1
NC 2
OUT A 3
–IN A 4
+IN A 5
OUT B
10
–IN B
9
+IN B
8
PD1
7
PD0
6
ADA4311-1
Figure 1. Thermally Enhanced, 10-Lead MINI_SO_EP
TYPICAL APPLICATION
VMID*
ADA4311-1
ADA4311-1
1/2
1/2
*VMID =
VCC – GND
2
Figure 2. Typical PLC Driver Application
GENERAL DESCRIPTION
The ADA4311-1 is comprised of two high speed, current
feedback operational amplifiers. The high output current, high
bandwidth, and fast slew rate make it an excellent choice for
broadband applications requiring high linearity performance
while driving low impedance loads.
The ADA4311-1 incorporates a power management function
that provides shutdown capabilities and the ability to optimize
the quiescent current of the amplifiers. The CMOS-compatible,
power-down control pins (PD1 and PD0) enable the ADA4311-1
to operate in four different modes: full power, medium power,
low power, and complete power-down. In power-down mode, the
quiescent current drops to only 1.0 mA/amplifier, while the outputs
go to a high impedance state.
The ADA4311-1 is available in a thermally enhanced, 10-lead
MSOP with an exposed paddle for improved thermal conduction.
The ADA4311-1 is rated to work in the extended industrial
temperature range of −40°C to +85°C.


Similar Part No. - ADA4311-1ARHZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4311-1ARHZ1 AD-ADA4311-1ARHZ1 Datasheet
343Kb / 16P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
More results

Similar Description - ADA4311-1ARHZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4310-1 AD-ADA4310-1_15 Datasheet
521Kb / 17P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. A
ADA4311-1 AD-ADA4311-1_15 Datasheet
475Kb / 17P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
AD4311-1 AD-AD4311-1 Datasheet
343Kb / 16P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4310-1 AD-ADA4310-1_17 Datasheet
410Kb / 14P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
ADA4310 AD-ADA4310 Datasheet
338Kb / 16P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
   Wideband, Differential, High Output Current Line Driver with Shutdown
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
   Wideband, Differential, High Output Current Line Driver with Shutdown
AD8398 AD-AD8398_15 Datasheet
95Kb / 2P
   VDSL, Dual Line Driver with Shutdown
Rev. Sp0
AD8398 AD-AD8398 Datasheet
86Kb / 2P
   VDSL, Dual Line Driver with Shutdown
Rev. Sp0
logo
Linear Technology
LT1399HV LINER-LT1399HV_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com