Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9164BBCZRL Datasheet(PDF) 8 Page - Analog Devices

Part # AD9164BBCZRL
Description  DAC update rate up to 12 GSPS
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9164BBCZRL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9164BBCZRL Datasheet HTML 4Page - Analog Devices AD9164BBCZRL Datasheet HTML 5Page - Analog Devices AD9164BBCZRL Datasheet HTML 6Page - Analog Devices AD9164BBCZRL Datasheet HTML 7Page - Analog Devices AD9164BBCZRL Datasheet HTML 8Page - Analog Devices AD9164BBCZRL Datasheet HTML 9Page - Analog Devices AD9164BBCZRL Datasheet HTML 10Page - Analog Devices AD9164BBCZRL Datasheet HTML 11Page - Analog Devices AD9164BBCZRL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 137 page
background image
Data Sheet
AD9164
Rev. A | Page 7 of 136
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER DISSIPATION
3 GSPS
2× NRZ Mode, 6×, FIR85 Enabled, NCO On
Using 80%, 3× filter, eight-lane JESD204B
2.1
W
NRZ Mode, 24×, FIR85 Disabled, NCO On
Using 80%, 2× filter, one-lane JESD204B
1.3
W
5 GSPS
NRZ Mode, 8×, FIR85 Disabled, NCO On
Using 80%, 2× filter, eight-lane JESD204B
2.18
W
NRZ Mode, 16×, FIR85 Disabled, NCO On
Using 80%, 2× filter, eight-lane JESD204B
2.09
W
2× NRZ Mode, 6×, FIR85 Enabled, NCO On
Using 80%, 3× filter, eight-lane JESD204B
2.65
W
1
IOVDD can range from 1.8 V to 3.3 V, with ±5% tolerance.
SERIAL PORT AND CMOS PIN SPECIFICATIONS
VDD25_DAC = 2.5 V, VDD12A = VDD12_CLK = 1.2 V, VNEG_N1P2 = −1.2 V, DVDD = 1.2 V, IOVDD = 2.5 V, VDD_1P2 =
DVDD_1P2 = PLL_LDO_VDD12 = 1.2 V, SYNC_VDD_3P3 = 3.3 V, IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Test Comments/Conditions
Min
Typ
Max
Unit
WRITE OPERATION
See Figure 90
Maximum SCLK Clock Rate
fSCLK, 1/tSCLK
100
MHz
SCLK Clock High
tPWH
SCLK = 20 MHz
3.5
ns
SCLK Clock Low
tPWL
SCLK = 20 MHz
4
ns
SDIO to SCLK Setup Time
tDS
4
2
ns
SCLK to SDIO Hold Time
tDH
1
0.5
ns
CS to SCLK Setup Time
tS
9
1
ns
SCLK to CS Hold Time
tH
9
0.5
ns
READ OPERATION
See Figure 89
SCLK Clock Rate
fSCLK, 1/tSCLK
20
MHz
SCLK Clock High
tPWH
20
ns
SCLK Clock Low
tPWL
20
ns
SDIO to SCLK Setup Time
tDS
10
ns
SCLK to SDIO Hold Time
tDH
5
ns
CS to SCLK Setup Time
tS
10
ns
SCLK to SDIO (or SDO) Data Valid Time
tDV
17
ns
CS to SDIO (or SDO) Output Valid to High-Z
Not shown in Figure 89 or Figure 90
45
ns
INPUTS (SDIO, SCLK, CS, RESET, TX_ENABLE)
Voltage Input
High
VIH
1.8 V ≤ IOVDD ≤ 2.5 V
0.7 × IOVDD
V
Low
VIL
1.8 V ≤ IOVDD ≤ 2.5 V
0.3 × IOVDD
V
Current Input
High
IIH
75
µA
Low
IIL
−150
µA
OUTPUTS (SDIO, SDO)
Voltage Output
High
VOH
1.8 V ≤ IOVDD ≤ 3.3 V
0.8 × IOVDD
V
Low
VOL
1.8 V ≤ IOVDD ≤ 3.3 V
0.2 × IOVDD
V
Current Output
High
IOH
4
mA
Low
IOL
4
mA


Similar Part No. - AD9164BBCZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9161 AD-AD9161 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9161-FMCC-EBZ AD-AD9161-FMCC-EBZ Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9161BBCZ AD-AD9161BBCZ Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9161BBCZRL AD-AD9161BBCZRL Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9162 AD-AD9162 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
More results

Similar Description - AD9164BBCZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9163 AD-AD9163 Datasheet
2Mb / 124P
   DAC update rate up to 12 GSPS
logo
Maxim Integrated Produc...
MAX19700EVKIT MAXIM-MAX19700EVKIT Datasheet
998Kb / 18P
   ADC/DAC Sampling Rate Up to 7.5Msps
Rev 0; 6/05
logo
Analog Devices
AD9177 AD-AD9177 Datasheet
132Kb / 5P
   Quad, 16-Bit, 12 GSPS RF DAC
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
logo
Texas Instruments
AFE7954 TI1-AFE7954 Datasheet
925Kb / 31P
[Old version datasheet]   AFE7954 Quad RF Sampling 12 GSPS Digital-to-Analog Converter (DAC)
JULY 2023
DAC12DL3200 TI-DAC12DL3200 Datasheet
6Mb / 124P
[Old version datasheet]   DAC12DL3200 up to 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel 12-bit Digital-to-Analog Converter (DAC) with Low-Latency LVDS Interface
DAC12DL3200 TI-DAC12DL3200_V01 Datasheet
6Mb / 124P
[Old version datasheet]   DAC12DL3200 up to 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel 12-bit Digital-to-Analog Converter (DAC) with Low-Latency LVDS Interface
NOVEMBER 2021
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com