Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C225Z5UACTU Datasheet(PDF) 4 Page - Kemet Corporation

Part # C1206C225Z5UACTU
Description  Z5U Dielectric, 50 ??100 VDC (Commercial Grade)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C225Z5UACTU Datasheet(HTML) 4 Page - Kemet Corporation

  C1206C225Z5UACTU Datasheet HTML 1Page - Kemet Corporation C1206C225Z5UACTU Datasheet HTML 2Page - Kemet Corporation C1206C225Z5UACTU Datasheet HTML 3Page - Kemet Corporation C1206C225Z5UACTU Datasheet HTML 4Page - Kemet Corporation C1206C225Z5UACTU Datasheet HTML 5Page - Kemet Corporation C1206C225Z5UACTU Datasheet HTML 6Page - Kemet Corporation C1206C225Z5UACTU Datasheet HTML 7Page - Kemet Corporation C1206C225Z5UACTU Datasheet HTML 8Page - Kemet Corporation C1206C225Z5UACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1004_Z5U_SMD • 2/29/2016
4
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – Z5U Dielectric, 50 – 100 VDC (Commercial Grade)
Table 1 – Capacitance Range/Selection Waterfall (0805 – 2225 Case Sizes)
Capacitance Capacitance
Code
Case Size/
Series
C0805C
C1206C
C1210C
C1812C
C1825C
C2225C
Voltage Code
5
1
5
1
5
1
5
1
5
1
5
1
Rated Voltage (VDC)
50
100
50
100
50
100
50
100
50
100
50
100
Capacitance Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
6,800 pF
682
M
Z
DN
DN
8,200 pF
822
M
Z
DN
DN
10,000 pF
103
M
Z
DN
DN
EB
EB
12,000 pF
123
M
Z
DN
EB
EB
15,000 pF
153
M
Z
DN
EB
EB
18,000 pF
183
M
Z
DN
EB
EB
22,000 pF
223
M
Z
DN
EB
EB
27,000 pF
273
M
Z
DN
EB
EB
33,000 pF
333
M
Z
DN
EB
EB
39,000 pF
393
M
Z
DN
EB
EC
47,000 pF
473
M
Z
DN
EB
EC
FB
FB
56,000 pF
563
M
Z
DP
EB
EB
FB
FB
68,000 pF
683
M
Z
DP
EB
EB
FB
FB
82,000 pF
823
M
Z
DP
EB
EB
FB
FC
GB
GB
0.10 µF
104
M
Z
DN
EB
EB
FB
FD
GB
GB
0.12 µF
124
M
Z
EC
FB
FD
GB
GB
0.15 µF
154
M
Z
EC
FC
FD
GB
GB
0.18 µF
184
M
Z
EC
FC
GB
HB
HB
0.22 µF
224
M
Z
EC
FC
GB
HB
HB
0.27 µF
274
M
Z
FC
GB
HB
HB
0.33 µF
334
M
Z
FD
GB
HB
HB
KB
KC
0.39 µF
394
M
Z
FD
GB
HB
HB
KB
KC
0.47 µF
474
M
Z
FD
GB
HB
KB
KC
0.56 µF
564
M
Z
FD
GC
HB
KB
0.68 µF
684
M
Z
FD
GC
HB
KB
0.82 µF
824
M
Z
FF
GE
HB
KB
1.0 µF
105
M
Z
FH
GE
HB
KB
1.2 µF
125
M
Z
HB
KB
1.5 µF
155
M
Z
HC
KC
1.8 µF
185
M
Z
HD
KD
2.2 µF
225
M
Z
HF
KD
Capacitance
Capacitance
Code
Rated Voltage (VDC)
50
100
50
100
50
100
50
100
50
100
50
100
Voltage Code
5
1
5
1
5
1
5
1
5
1
5
1
Case Size/Series
C0805C
C1206C
C1210C
C1812C
C1825C
C2225C


Similar Part No. - C1206C225Z5UACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C225Z4VACTU KEMET-C1206C225Z4VACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2.2 uF, -20/80%, 16 V, 1206, Y5V, SMD, MLCC, General Purpose, Class III
More results

Similar Description - C1206C225Z5UACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C105Z4VACTU KEMET-C1206C105Z4VACTU Datasheet
1Mb / 17P
   Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
C1206C107M9PACTU KEMET-C1206C107M9PACTU Datasheet
1Mb / 22P
   X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C1210C226Z4VACTU KEMET-C1210C226Z4VACTU Datasheet
1Mb / 18P
   Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
C410C105M3U5TA7200 KEMET-C410C105M3U5TA7200 Datasheet
2Mb / 14P
   Aximax, 400, Conformally Coated, Z5U Dielectric, 25 and 250 VDC (Commercial Grade)
C410C104M5U5TA KEMET-C410C104M5U5TA Datasheet
59Kb / 1P
   AxiMax 400 Comm Z5U, Ceramic, 0.1 uF, 20%, 50 VDC, Z5U, AxiMax, Commercial Standard
C440C105M5U5TA7200 KEMET-C440C105M5U5TA7200 Datasheet
65Kb / 1P
   AxiMax 400 Comm Z5U, Ceramic, 1 uF, 20%, 50 VDC, Z5U, AxiMax, Commercial Standard
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C101J1GAC KEMET-C0603C101J1GAC Datasheet
797Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com