Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1808C226M3RALTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1808C226M3RALTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1808C226M3RALTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1808C226M3RALTU Datasheet HTML 1Page - Kemet Corporation C1808C226M3RALTU Datasheet HTML 2Page - Kemet Corporation C1808C226M3RALTU Datasheet HTML 3Page - Kemet Corporation C1808C226M3RALTU Datasheet HTML 4Page - Kemet Corporation C1808C226M3RALTU Datasheet HTML 5Page - Kemet Corporation C1808C226M3RALTU Datasheet HTML 6Page - Kemet Corporation C1808C226M3RALTU Datasheet HTML 7Page - Kemet Corporation C1808C226M3RALTU Datasheet HTML 8Page - Kemet Corporation C1808C226M3RALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1018_X7R_SnPb_SMD • 2/29/2016
1
One world. One KEMET
Overview
KEMET’s Commercial “L” Series with Tin/Lead Termination
surface mount capacitors in X7R dielectric are designed to meet
the needs of critical applications where tin/lead end metallization
is required. KEMET’s tin/lead electroplating process is designed
to meet a 5% minimum lead content and address concerns for
a more robust and reliable lead containing termination system.
As the bulk of the electronics industry moves towards RoHS
compliance, KEMET continues to provide tin/lead terminated
products for military, aerospace and industrial applications and
will ensure customers have a stable and long-term source of
supply.
KEMET’s X7R dielectric features a 125°C maximum operating
temperature and is considered “temperature stable.” The
Electronics Components, Assemblies & Materials Association (EIA)
characterizes X7R dielectric as a Class II material. Components of
this classification are fixed, ceramic dielectric capacitors suited for
bypass and decoupling applications or for frequency discriminating
circuits where Q and stability of capacitance characteristics are
not critical. X7R exhibits a predictable change in capacitance
with respect to time and voltage and boasts a minimal change in
capacitance with reference to ambient temperature. Capacitance
change is limited to ±15% from −55°C to +125°C.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Commercial “L” Series, SnPb Termination, X7R Dielectric
6.3V – 250 VDC (Commercial Grade)
Ordering Information
C
1210
C
226
K
8
R
A
L
TU
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Dielectric Failure Rate/
Design
Termination Finish1 Packaging/Grade
(C-Spec)
0402
0603
0805
1206
1210
1808
1812
1825
2220
2225
C = Standard
Two Significant
Digits + Number
of Zeros
J = ±5%
K = ±10%
M = ±20%
9 = 6.3
8 = 10
4 = 16
3 = 25
6 = 35
5 = 50
1 = 100
2 = 200
A = 250
R = X7R
A = N/A
L = SnPb (5% Pb
minimum)
See “Packaging
C-Spec Ordering
Options Table”
below
1
Additional termination finish options may be available. Contact KEMET for details
Benefits
• −55°C to +125°C operating temperature range
• Temperature stable dielectric
• Reliable and robust termination system
• EIA 0402, 0603, 0805, 1206, 1210, 1808, 1812, 1825,
2220, and 2225 case sizes
• DC voltage ratings of 6.3 V, 10 V, 16 V, 25 V, 50 V, 100 V,
200 V, and 250 V
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C1808C226M3RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1808C220CCGAC KEMET-C1808C220CCGAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
C1808C220CCRAC KEMET-C1808C220CCRAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
C1808C220CDGAC KEMET-C1808C220CDGAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
C1808C220CDRAC KEMET-C1808C220CDRAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
C1808C220CFGAC KEMET-C1808C220CFGAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
More results

Similar Description - C1808C226M3RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com