Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210C184K3HALAUTO Datasheet(PDF) 4 Page - Kemet Corporation

Part # C1210C184K3HALAUTO
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C184K3HALAUTO Datasheet(HTML) 4 Page - Kemet Corporation

  C1210C184K3HALAUTO Datasheet HTML 1Page - Kemet Corporation C1210C184K3HALAUTO Datasheet HTML 2Page - Kemet Corporation C1210C184K3HALAUTO Datasheet HTML 3Page - Kemet Corporation C1210C184K3HALAUTO Datasheet HTML 4Page - Kemet Corporation C1210C184K3HALAUTO Datasheet HTML 5Page - Kemet Corporation C1210C184K3HALAUTO Datasheet HTML 6Page - Kemet Corporation C1210C184K3HALAUTO Datasheet HTML 7Page - Kemet Corporation C1210C184K3HALAUTO Datasheet HTML 8Page - Kemet Corporation C1210C184K3HALAUTO Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1007_X8R_ULTRA_150C_SMD • 3/3/2016
4
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature 150°C Ultra-Stable X8R Dielectric, 25 – 100 VDC (Commercial & Automotive Grade)
Dimensions – Millimeters (Inches)
L
B
W
S
T
EIA
Size
Code
Metric
Size
Code
L
Length
W
Width
T
Thickness
B
Bandwidth
S
Separation
Minimum
Mounting
Technique
0402
1005
1.00 (0.040) ±0.05 (0.002) 0.50 (0.020) ±0.05 (0.002)
See Table 2 for
Thickness
0.30 (0.012) ±0.10 (0.004) 0.30 (0.012)
Solder Reflow Only
0603
1608
1.60 (0.063) ±0.15 (0.006) 0.80 (0.032) ±0.15 (0.006)
0.35 (0.014) ±0.15 (0.006) 0.70 (0.028)
Solder Wave or
Solder Reflow
0805
2012
2.00 (0.079) ±0.20 (0.008) 1.25 (0.049) ±0.20 (0.008)
0.50 (0.02) ±0.25 (0.010)
0.75 (0.030)
1206
3216
3.20 (0.126) ±0.20 (0.008) 1.60 (0.063) ±0.20 (0.008)
0.50 (0.02) ±0.25 (0.010)
N/A
1210
3225
3.20 (0.126) ±0.20 (0.008) 2.50 (0.098) ±0.20 (0.008)
0.50 (0.02) ±0.25 (0.010)
Solder Reflow Only
1812
4532
4.50 (0.177) ±0.30 (0.012) 3.20 (0.126) ±0.30 (0.012)
0.60 (0.024) ±0.35 (0.014)
Qualification/Certification
Commercial Grade products are subject to internal qualification. Details regarding test methods and conditions are referenced in
Table 4, Performance & Reliability.
Automotive Grade products meet or exceed the requirements outlined by the Automotive Electronics Council. Details regarding test
methods and conditions are referenced in document AEC–Q200, Stress Test Qualification for Passive Components. For additional
information regarding the Automotive Electronics Council and AEC–Q200, please visit their website at www.aecouncil.com.
Environmental Compliance
Lead (Pb)-Free, RoHS, and REACH compliant without exemptions (excluding SnPb termination finish option).


Similar Part No. - C1210C184K3HALAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C184K3HAL KEMET-C1210C184K3HAL Datasheet
337Kb / 4P
   Surface Mount Ceramic Chip Capacitors Ultra Stable X8R Dielectric
More results

Similar Description - C1210C184K3HALAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com