Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C226K3RALTU Datasheet(PDF) 2 Page - Kemet Corporation

Part # C1206C226K3RALTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C226K3RALTU Datasheet(HTML) 2 Page - Kemet Corporation

  C1206C226K3RALTU Datasheet HTML 1Page - Kemet Corporation C1206C226K3RALTU Datasheet HTML 2Page - Kemet Corporation C1206C226K3RALTU Datasheet HTML 3Page - Kemet Corporation C1206C226K3RALTU Datasheet HTML 4Page - Kemet Corporation C1206C226K3RALTU Datasheet HTML 5Page - Kemet Corporation C1206C226K3RALTU Datasheet HTML 6Page - Kemet Corporation C1206C226K3RALTU Datasheet HTML 7Page - Kemet Corporation C1206C226K3RALTU Datasheet HTML 8Page - Kemet Corporation C1206C226K3RALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1018_X7R_SnPb_SMD • 2/29/2016
2
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Commercial “L” Series, SnPb Termination, X7R Dielectric, 6.3 – 250 VDC (Commercial Grade)
Packaging C-Spec Ordering Options Table
Packaging Type1
Packaging/Grade
Ordering Code (C-Spec)
Bulk Bag / Unmarked
Not required (Blank)
7" Reel / Unmarked
TU
13" Reel / Unmarked
7411 (EIA 0603 and smaller case sizes)
7210 (EIA 0805 and larger case sizes)
7" Reel / Marked
TM
13" Reel / Marked
7040 (EIA 0603 and smaller case sizes)
7215 (EIA 0805 and larger case sizes)
7" Reel / Unmarked / 2mm pitch2
7081
13" Reel / Unmarked / 2mm pitch2
7082
1
Default packaging is "Bulk Bag". An ordering code C-Spec is not required for "Bulk Bag" packaging.
1
The terms "Marked" and "Unmarked" pertain to laser marking option of capacitors. All packaging options labeled as "Unmarked" will contain capacitors that have
not been laser marked. Please contact KEMET if you require a laser marked option. For more information see "Capacitor Marking".
2
The 2 mm pitch option allows for double the packaging quantity of capacitors on a given reel size. This option is limited to EIA 0603 (1608 metric) case size
devices. For more information regarding 2 mm pitch option see "Tape & Reel Packaging Information".
Benefits cont'd
• Capacitance offerings ranging from 10 pF to 22 μF
• Available capacitance tolerances of ±5%, ±10%, and ±20%
• Non-polar device, minimizing installation concerns
• SnPb plated termination finish (5% Pb minimum)
• Flexible termination option available upon request
• Available for other surface mount products, additional dielectrics and higher voltage ratings upon request
Applications
Typical applications include military, aerospace and other high reliability applications.


Similar Part No. - C1206C226K3RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C226K8PAC KEMET-C1206C226K8PAC Datasheet
42Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1206C226K8RACTU KEMET-C1206C226K8RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 22 uF, 10%, 10 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C226K9PAC KEMET-C1206C226K9PAC Datasheet
125Kb / 4P
   Ceramic Capacitor
logo
ON Semiconductor
C1206C226K9PAC ONSEMI-C1206C226K9PAC Datasheet
1Mb / 44P
   Complete Connected LED Driver Power Solution
June, 2021 - Rev. 1
logo
Kemet Corporation
C1206C226K9PACTU KEMET-C1206C226K9PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 22 uF, 10%, 6.3 V, 1206, X5R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C1206C226K3RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com