Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT5C1008SOJ-25 Datasheet(PDF) 4 Page - Austin Semiconductor

Part # MT5C1008SOJ-25
Description  128K x 8 SRAM WITH DUAL CHIP ENABLE AVAILABLE AS MILITARY SPECIFICATIONS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C1008SOJ-25 Datasheet(HTML) 4 Page - Austin Semiconductor

  MT5C1008SOJ-25 Datasheet HTML 1Page - Austin Semiconductor MT5C1008SOJ-25 Datasheet HTML 2Page - Austin Semiconductor MT5C1008SOJ-25 Datasheet HTML 3Page - Austin Semiconductor MT5C1008SOJ-25 Datasheet HTML 4Page - Austin Semiconductor MT5C1008SOJ-25 Datasheet HTML 5Page - Austin Semiconductor MT5C1008SOJ-25 Datasheet HTML 6Page - Austin Semiconductor MT5C1008SOJ-25 Datasheet HTML 7Page - Austin Semiconductor MT5C1008SOJ-25 Datasheet HTML 8Page - Austin Semiconductor MT5C1008SOJ-25 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C1008
Austin Semiconductor, Inc.
MT5C1008
Rev. 6.5 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(Note 5) (-55oC < T
C < 125
oC & -40oC to +85oC; V
CC = 5.0V +10%)
MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX UNITS NOTES
READ CYCLE
READ cycle time
tRC
12
15
20
25
35
45
ns
Address access time
tAA
12
15
20
25
35
45
ns
Chip Enable access time
tACE
12
15
20
25
35
45
ns
Output hold from address change
tOH
333333
ns
Chip Enable to output in Low-Z
tLZCE
333333
ns
4, 6, 7
Chip disable to output in High-Z
tHZCE
7
7
8
10
15
20
ns
4, 6, 7
Output Enable access time
tAOE
7
7
7
10
15
20
ns
4, 6, 7
Output Enable to output in Low-Z
tLZOE
000000
ns
Output disable to output in High-Z
tHZOE
7
7
8
10
15
20
ns
4, 6, 7
WRITE CYCLE
WRITE cycle time
tWC
12
15
20
25
35
45
ns
Chip Enable to end of write
tCW
11
12
15
20
25
35
ns
Address valid to end of write
tAW
11
12
15
20
25
35
ns
Address setup time
tAS
000000
ns
Address hold from end of write
tAH
000005
ns
WRITE pulse width
tWP
11
12
15
20
25
35
ns
Data setup time
tDS
8
8
10
15
20
20
ns
Data hold time
tDH
000000
ns
Write disable to output in Low-Z
tLZWE
555555
ns
4, 6, 7
Write Enable to output in High-Z
tHZWE
7
7
9
10
15
20
ns
4, 6, 7
DESCRIPTION
-20
SYMBOL
-25
-35
-45
-15
-12


Similar Part No. - MT5C1008SOJ-25

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1008C-30LL/MIL AUSTIN-MT5C1008C-30LL/MIL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
MT5C1008LL AUSTIN-MT5C1008LL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
More results

Similar Description - MT5C1008SOJ-25

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1009 AUSTIN-MT5C1009 Datasheet
254Kb / 17P
   128K x 8 SRAM WITH CHIP & OUTPUT ENABLE
AS8ERLC128K32 AUSTIN-AS8ERLC128K32 Datasheet
559Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
AS8ER128K32 AUSTIN-AS8ER128K32_05 Datasheet
556Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
MT5C1008LL AUSTIN-MT5C1008LL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
logo
MOSAIC
MSM8128 MOSAIC-MSM8128 Datasheet
585Kb / 10P
   128K x 8 SRAM
logo
Austin Semiconductor
AS8ER128K32 AUSTIN-AS8ER128K32_03 Datasheet
183Kb / 17P
   128K x 32 EEPROM Radiation Tolerant EEPROM Memory Array AVAILABLE AS MILITARY
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com