Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT5C1008SOJ-25 Datasheet(PDF) 10 Page - Austin Semiconductor

Part # MT5C1008SOJ-25
Description  128K x 8 SRAM WITH DUAL CHIP ENABLE AVAILABLE AS MILITARY SPECIFICATIONS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C1008SOJ-25 Datasheet(HTML) 10 Page - Austin Semiconductor

Back Button MT5C1008SOJ-25 Datasheet HTML 6Page - Austin Semiconductor MT5C1008SOJ-25 Datasheet HTML 7Page - Austin Semiconductor MT5C1008SOJ-25 Datasheet HTML 8Page - Austin Semiconductor MT5C1008SOJ-25 Datasheet HTML 9Page - Austin Semiconductor MT5C1008SOJ-25 Datasheet HTML 10Page - Austin Semiconductor MT5C1008SOJ-25 Datasheet HTML 11Page - Austin Semiconductor MT5C1008SOJ-25 Datasheet HTML 12Page - Austin Semiconductor MT5C1008SOJ-25 Datasheet HTML 13Page - Austin Semiconductor MT5C1008SOJ-25 Datasheet HTML 14Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C1008
Austin Semiconductor, Inc.
MT5C1008
Rev. 6.5 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
MECHANICAL DEFINITIONS*
ASI Case #207 (Package Designator EC)
SMD 5962-89598, Case Outline U
*All measurements are in inches.
b1
L2
Detail A
A
b2
MIN
MAX
A
0.080
0.100
b
0.022
0.028
b1
0.006
0.022
b2
0.040
---
D
0.800
0.840
E
0.392
0.408
e
h
L
0.070
0.080
L1
0.090
0.110
L2
0.003
0.015
SYMBOL
0.012 REF
SMD SPECIFICATIONS
0.050 BSC
D
E
See Detail A
L1
L
e
b
h x 45o


Similar Part No. - MT5C1008SOJ-25

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1008C-30LL/MIL AUSTIN-MT5C1008C-30LL/MIL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
MT5C1008LL AUSTIN-MT5C1008LL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
More results

Similar Description - MT5C1008SOJ-25

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1009 AUSTIN-MT5C1009 Datasheet
254Kb / 17P
   128K x 8 SRAM WITH CHIP & OUTPUT ENABLE
AS8ERLC128K32 AUSTIN-AS8ERLC128K32 Datasheet
559Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
AS8ER128K32 AUSTIN-AS8ER128K32_05 Datasheet
556Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
MT5C1008LL AUSTIN-MT5C1008LL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
logo
MOSAIC
MSM8128 MOSAIC-MSM8128 Datasheet
585Kb / 10P
   128K x 8 SRAM
logo
Austin Semiconductor
AS8ER128K32 AUSTIN-AS8ER128K32_03 Datasheet
183Kb / 17P
   128K x 32 EEPROM Radiation Tolerant EEPROM Memory Array AVAILABLE AS MILITARY
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com