Electronic Components Datasheet Search |
|
C0603C106J5NACTU Datasheet(PDF) 1 Page - Kemet Corporation |
|
C0603C106J5NACTU Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 23 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1008_X8L_150C_SMD • 2/29/2016 1 One world. One KEMET Overview KEMET’s X8L dielectric features a 150°C maximum operating temperature and is considered “general purpose high temperature.” These components are fixed, ceramic dielectric capacitors suited for high temperature bypass and decoupling applications or frequency discriminating circuits where Q and stability of capacitance characteristics are not critical. X8L exhibits a predictable change in capacitance with respect to time and voltage and boasts a minimal change in capacitance with reference to ambient temperature up to 125°C. Beyond 125°C X8L displays a wider variation in capacitance. Capacitance change is limited to ±15% from −55°C to +125°C and +15, -40% from 125°C to 150°C. Driven by the demand for a more robust and reliable component, X8L dielectric capacitors were developed for critical applications where reliability at higher operating temperatures are a concern. These capacitors are widely used in automotive circuits as well as general high temperature applications. Concerned with flex cracks resulting from excessive tensile and shear stresses produced during board flexure and thermal cycling? These devices are available with KEMET's Flexible termination technology which inhibits the transfer of board stress to the rigid ceramic body, therefore mitigating flex cracks which can result in low IR or short circuit failures. Although flexible termination technology does not eliminate the potential for mechanical damage that may propagate during extreme environmental and handling conditions, it does provide superior flex performance over standard termination systems. In addition to commercial grade, automotive grade devices are available and meet the demanding Automotive Electronics Council's AEC–Q200 qualification requirements. Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) High Temperature 150°C, X8L Dielectric, 10 – 50 VDC (Commercial & Automotive Grade) Ordering Information C 1210 X 106 K 8 N A C TU Ceramic Case Size (L" x W") Specification/ Series1 Capacitance Code (pF) Capacitance Tolerance Rated Voltage (VDC) Dielectric Failure Rate/ Design Termination Finish2 Packaging/Grade (C-Spec) 0402 0603 0805 1206 1210 C = Standard X = Flexible Termination Two significant digits + number of zeros J = ±5% K = ±10% M = ±20% 8 = 10 3 = 25 5 = 50 N = X8L A = N/A C = 100% Matte Sn L = SnPb (5% Pb minimum) See "Packaging C-Spec Ordering Options Table" below 1 The flexible termination option is not available on EIA 0402 case size product. "C" must be used in the 6th character position when ordering this case size. 2 Additional termination finish options may be available. Contact KEMET for details. 2 SnPb termination finish option is not available on Automotive Grade product. Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - C0603C106J5NACTU |
|
Similar Description - C0603C106J5NACTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |