Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8330-QGF-PB Datasheet(PDF) 2 Page - ETAL Group

Part # 8330-QGF-PB
Description  Power supplies, process control, switchgear and controlgear
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8330-QGF-PB Datasheet(HTML) 2 Page - ETAL Group

  8330-QGF-PB Datasheet HTML 1Page - ETAL Group 8330-QGF-PB Datasheet HTML 2Page - ETAL Group 8330-QGF-PB Datasheet HTML 3Page - ETAL Group 8330-QGF-PB Datasheet HTML 4Page - ETAL Group 8330-QGF-PB Datasheet HTML 5Page - ETAL Group 8330-QGF-PB Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8330-...
www.e-t-a.de
2013/14
4 - 2
4
Type No.
8330
circuit breaker
Mounting
F
flange, black
G threadneck, black
Q flange, grey
M snap-in, black
N flange, white
Size
G panel thickness 1 -2.5 mm (flange)
M 1/2“-32 for actuator B, C, M, P, 1 and 3
N 3/8”-32 for actuator D and 5
S
standard fuseholder cut out for mounting -M only
Number of poles
1
single pole
2
double pole
Panel hardware (bulk)
0
without (1 hex nut, threadneck only)
9
rocker guard
E
1 hex, 1 knurled (Ni) threadneck only
F
1 hex, 1 knurled (Ni), legend plate, threadneck only
H
1 hex, 1 knurled (Ni), locking ring, legend plate,
threadneck only
N
1 hex, 1 knurled with collar (Ni), threadneck only
P
1 hex, 1 knurled with collar (Ni), legend plate,
threadneck only
R
1 hex, 1 knurled with collar (Ni), locking ring,
legend plate, threadneck only
Terminal design
J
screw terminal, 8-32, with upturned lugs
P
blade terminal 6.3 mm
X
screw terminal, 8-32 (bus type)
W push-in stud
Actuator configuration
B
paddle, without legend plate
C
baton, without legend plate
D
push to reset, no button marking
E
dual colour rocker (legend vertical)
»ON« indication
G
dual colour rocker (legend vertical)
»OFF«indication
K
flat rocker (legend vertical) illuminated
M
paddle, legend plate ON-OFF vertical
P
paddle, legend plate I-0 vertical
R
rocker (legend vertical)
T
flat rocker (legend vertical)
W
rocker illuminated (vertical)
1
baton, legend plate ON-OFF vertical
3
baton, legend plate I-0 vertical
5
push pull, rated Amps horizontal
Characteristic curve
00
switch only
BD
medium AC/DC
BS
medium
CD
short AC/DC
CS
short
OP
instantaneous
Actuator colour and marking details
Rocker not illuminated
A
green
I-0
ON-OFF
K
white
I-0
ON/OFF
L
black
I-0
ON-OFF
V
blue
I-0
ON-OFF
W gray
I-0
ON-OFF
X
yellow
I-0
ON-OFF
Y
red
I-0
ON-OFF
Z
orange
I-0
ON-OFF
Rocker illuminated
T
clear
I-0
ON-OFF
U red transparent
I-0
ON/OFF
V
green transparent
I-0
ON-OFF
W amber transparent
I-0
ON-OFF
X
smoke gray transparent I-0
ON-OFF
Y
white translucent
I-0
ON-OFF
8330 - G M 1
0 - P
B
BS - ...
Ordering information
This is a metric design and millimeter dimensions take precedence ( mm )
inch
8330 - G M 1
0 - P
B
BS - A
Paddle, Baton, Button
1 green
2 white
3 black
4 blue
6 yellow
7 red
8 orange
Illumination voltage
A 120 V, 250 V, neon, external resistor
B 120V, 250V, green, neon,
external resistor
C LED red, external resistor
D LED green, external resistor
E LED amber, external resistor
X no illumination
Auxiliary contacts
A
without auxiliary contacts
J
1 changeover, 1st pole,
.06 dia solder turret
K
1 changeover 1st pole,
-058 dia round QC
Internal circuit
A
switch only
B
series trip
Not used
00
Frequency
4
AC 50/60 Hz
9
DC
M
AC + DC
Current rating
0.1...30 A
Approvals
A without
E
UL1077,
CSA, TÜV
8330 - G M 1
0 - P
B
BS - 2 X A
B
00 4 -
5A - ... ordering example
Standard current ratings and typical internal resistance values
Current rating (A)
Internal resistance (Ω) per pole
0.1
103
0.25
20
0.5
3.8
0.75
1.5
11
2
0.26
3
0.11
5
0.041
7.5
0.023
10
0.01
12.5
< 0.01
15
< 0.01
20
< 0.01
25
< 0.01
30
< 0.01


Similar Part No. - 8330-QGF-PB

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8330 FILTRAN-8330 Datasheet
140Kb / 1P
   RJ-45 Connector with 100 Base-TX Magnetics
logo
List of Unclassifed Man...
8330 ETC2-8330 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8330 ETC2-8330 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
8330 ETC2-8330 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
API Technologies Corp
8330 APITECH-8330 Datasheet
665Kb / 1P
   Connector with 100 Base-TX Magnetics
More results

Similar Description - 8330-QGF-PB

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8335-F ETAL-8335-F Datasheet
441Kb / 6P
   Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
8345-B ETAL-8345-B Datasheet
674Kb / 10P
   In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
   Process Control and Factory Automation
logo
Pepperl+Fuchs Inc.
DA6-IU-2K-C PF-DA6-IU-2K-C Datasheet
739Kb / 3P
   Process control and indication equipment
DA6-IU-2K-V PF-DA6-IU-2K-V Datasheet
739Kb / 3P
   Process control and indication equipment
logo
Vicor Corporation
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
   Process Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com