Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

483-G125-J1 Datasheet(PDF) 3 Page - ETAL Group

Part # 483-G125-J1
Description  Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

483-G125-J1 Datasheet(HTML) 3 Page - ETAL Group

  483-G125-J1 Datasheet HTML 1Page - ETAL Group 483-G125-J1 Datasheet HTML 2Page - ETAL Group 483-G125-J1 Datasheet HTML 3Page - ETAL Group 483-G125-J1 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High Performance Thermal Circuit Breaker 483-...
www.e-t-a.de
1646
3
1
High Performance Thermal Circuit Breaker 483-...
SW1
4
ø3.2+0.15
mounting holes
thickness 1.5 - 3 mm
.059 - .118 in.
.126+.006
M12x1
ø8.4
black
white
lock washer
tightening torque max. 4 Nm
.331
teminal screw ISO 7045-M4x6
with lock washer DIN 137 B4
tightening torque max. 1.2 Nm
aux. contact (connector to
EN 3155-016 M2018)
45°
45° 12.8
9.5
19.5
2
1
9.5
6.5
22°
8.5
location pin
current rating
in A
.335
.374
.768
ø10
.394
.504
.55
1
.374
.256
Dimensions 483-G111-K1M1-A1S1ZN (VG 95345 T06)
Dimensions 483-G533-J1M1-B2S0ZN (MS 3320)
ø8.4
black
white
lock washer
tightening torque max. 4 Nm
7/16-32-UN-2A THD
.331
8.5
.335
9.5
0.8
max.19.8
location pin
current rating
in A
.374
.031
max .780
SW14
.551
ø3.2+0.15
mounting holes
thickness 1.5 - 3 mm
.059 - .118 in.
.126+.006
teminal screw MS 51957-41 (8-32 UNC-2A)
with lock washer MS 35338-137
tightening torque max. 1.7 Nm
min.
4.
6
min
.181
45°
45° 12.8
1
2
ø10
.394
.504
Dimensions 483-G411-K1M1-A1S0ZN (VG 95345 T06)
45°
45°
ø10
M12x1
ø8.4
min.
4.
6
12.8
black
white
lock washer
8.5
9.5
0.8
19.5
location pin
current rating
in A
ø3.2+0.15
mounting holes
teminal screw ISO 7045-M4x6
with lock washer DIN 137 B4
tightening torque max. 1.2 Nm
tightening torque max. 4 Nm
1
2
thickness 1.5 - 3 mm
.059 - .118 in.
.331
.335
.394
min
.181
.504
.126+.006
.374
.031
.768
SW14
.551
Mounting
min .984
ø3.2+0.15
ø12.5+0.2 (M12 and 15/32) ø11.5+0.2 (7/16)
min. 20 min 25 when fitted with splash cover
thickness 1.5 - 3 mm
.059 - .118 in.
.126+.006
.492+.008
min. 787
.453+.008
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - 483-G125-J1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
483-01 MICROSEMI-483-01 Datasheet
239Kb / 3P
   THREE PHASE 25 AMP RECTIFIER BRIDGES
483-02 MICROSEMI-483-02 Datasheet
239Kb / 3P
   THREE PHASE 25 AMP RECTIFIER BRIDGES
logo
ON Semiconductor
483-02 ONSEMI-483-02 Datasheet
50Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
May, 2007 - Rev. 02H
logo
Microsemi Corporation
483-03 MICROSEMI-483-03 Datasheet
239Kb / 3P
   THREE PHASE 25 AMP RECTIFIER BRIDGES
483-1 MICROSEMI-483-1 Datasheet
81Kb / 2P
   RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 25 AMP, MILITARY APPROVED
More results

Similar Description - 483-G125-J1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
583-G ETAL-583-G Datasheet
267Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
4930-01 ETAL-4930-01 Datasheet
202Kb / 4P
   Aircraft electrical systems and equipment, and other high performance applications
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
413-K14 ETAL-413-K14 Datasheet
209Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
   Control equipment, communications systems, instrumentation
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com