Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9700AEBC-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9700AEBC-T
Description  1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9700AEBC-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9700AEBC-T Datasheet HTML 3Page - Maxim Integrated Products MAX9700AEBC-T Datasheet HTML 4Page - Maxim Integrated Products MAX9700AEBC-T Datasheet HTML 5Page - Maxim Integrated Products MAX9700AEBC-T Datasheet HTML 6Page - Maxim Integrated Products MAX9700AEBC-T Datasheet HTML 7Page - Maxim Integrated Products MAX9700AEBC-T Datasheet HTML 8Page - Maxim Integrated Products MAX9700AEBC-T Datasheet HTML 9Page - Maxim Integrated Products MAX9700AEBC-T Datasheet HTML 10Page - Maxim Integrated Products MAX9700AEBC-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
1.2W, Low-EMI, Filterless,
Class D Audio Amplifier
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VDD = 3.3V, SYNC = GND (SSM), TA = +25°C, unless otherwise noted.)
3.0
3.5
4.5
4.0
5.5
5.0
6.0
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +85
°C
TA = +25
°C
TA = -40
°C
0
0.06
0.04
0.02
0.10
0.08
0.14
0.12
0.16
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +85
°C
TA = -40
°C
TA = +25
°C
Functional Diagram
MAX9700
2
(B1)
5
(B2)
3
(C1)
7
(B3)
( ) UCSP BUMP.
1
µF
PGND
OUT+
OUT-
PVDD
PGND
PGND
PVDD
4
(C2)
GND
IN+
VDD
VDD
1
(A1)
SHDN
IN-
UVLO/POWER
MANAGEMENT
CLASS D
MODULATOR
PVDD
SYNC
10
(B4)
6
(A3)
8
(A4)
9
(C4)
CLICK-AND-POP
SUPPRESSION
OSCILLATOR
1
µF
1
µF


Similar Part No. - MAX9700AEBC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700AEBC-T MAXIM-MAX9700AEBC-T Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
More results

Similar Description - MAX9700AEBC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
MAX9700 MAXIM-MAX9700_08 Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
logo
Texas Instruments
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
[Old version datasheet]   Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9712 MAXIM-MAX9712 Datasheet
536Kb / 18P
   500mW, Low EMI, Filterless, Class D Audio Amplifier
Rev 1; 1/04
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com