Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9700AEBC-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9700AEBC-T
Description  1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9700AEBC-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9700AEBC-T Datasheet HTML 1Page - Maxim Integrated Products MAX9700AEBC-T Datasheet HTML 2Page - Maxim Integrated Products MAX9700AEBC-T Datasheet HTML 3Page - Maxim Integrated Products MAX9700AEBC-T Datasheet HTML 4Page - Maxim Integrated Products MAX9700AEBC-T Datasheet HTML 5Page - Maxim Integrated Products MAX9700AEBC-T Datasheet HTML 6Page - Maxim Integrated Products MAX9700AEBC-T Datasheet HTML 7Page - Maxim Integrated Products MAX9700AEBC-T Datasheet HTML 8Page - Maxim Integrated Products MAX9700AEBC-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
1.2W, Low-EMI, Filterless,
Class D Audio Amplifier
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VDD = 3.3V, SYNC = GND (SSM), TA = +25°C, unless otherwise noted.)
10
0
0.5
1.0
1.5
2.0
2.5
3.0
1
0.1
0.01
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
VDD = 3.3V
RL = 8
f = 1kHz
POUT = 300mW
DIFFERENTIAL INPUT
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER (W)
1.2
0.9
0.6
0.3
10
20
30
40
50
60
70
80
90
100
0
01.5
RL = 4
RL = 8
VDD = 3.3V
f = 1kHz
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER (W)
2.0
1.5
0.5
10
20
30
40
50
60
70
80
90
100
0
0
3.0
RL = 8
RL = 4
VDD = 5V
f = 1kHz
1.0
2.5
0
30
20
10
50
40
90
80
70
60
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
EFFICIENCY vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
RL = 8
f = 1kHz
POUT = MAX (THD+N = 1%)
RL = 4
0
30
20
10
50
40
90
80
70
60
100
800
1000
1200
1400
1800
1600
2000
EFFICIENCY
vs. SYNC INPUT FREQUENCY
SYNC FREQUENCY (kHz)
VDD = 3.3V
f = 1kHz
POUT = 300mW
RL = 8
OUTPUT POWER vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
1.5
2.0
2.5
3.0
3.5
0
2.5
5.5
1.0
0.5
RL = 4
THD+N = 10%
RL = 4
THD+N = 1%
RL = 8
THD+N = 10%
RL = 8
THD+N = 1%
f = 1kHz
OUTPUT POWER vs. LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
90
80
70
60
50
40
30
20
10
400
800
1200
1600
2000
0
0
100
VDD = 5V
f = 1kHz
THD+N = 1%
VDD = 3.3V
0
-100
10
100
1k
10k
100k
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
-30
-50
-70
-90
-10
INPUT REFERRED
VIN = 200mVP-P
0
-100
10
100
1k
10k
100k
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
-30
-50
-70
-90
-10
OUTPUT REFERRED
INPUTS AC GROUNDED
VDD = 3.3V


Similar Part No. - MAX9700AEBC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700AEBC-T MAXIM-MAX9700AEBC-T Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
More results

Similar Description - MAX9700AEBC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
MAX9700 MAXIM-MAX9700_08 Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
logo
Texas Instruments
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
[Old version datasheet]   Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9712 MAXIM-MAX9712 Datasheet
536Kb / 18P
   500mW, Low EMI, Filterless, Class D Audio Amplifier
Rev 1; 1/04
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com