Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRS130LTR Datasheet(PDF) 3 Page - International Rectifier

Part # MBRS130LTR
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRS130LTR Datasheet(HTML) 3 Page - International Rectifier

  MBRS130LTR Datasheet HTML 1Page - International Rectifier MBRS130LTR Datasheet HTML 2Page - International Rectifier MBRS130LTR Datasheet HTML 3Page - International Rectifier MBRS130LTR Datasheet HTML 4Page - International Rectifier MBRS130LTR Datasheet HTML 5Page - International Rectifier MBRS130LTR Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBRS130LTR
Bulletin PD-20588 rev. E 0
7/04
3
www.irf.com
Fig. 2 - Typical Peak Reverse Current
Vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig. 1 - Maximum Forward Voltage Drop Characteristics
10
100
1000
010
20
30
R
Reverse Voltage - V (V)
T = 25°C
J
0.1
1
10
0
0.2
0.4
0.6
0.8
FM
Forward Voltage Drop - V
(V)
T = 125°C
T = 25°C
J
J
0.0001
0.001
0.01
0.1
1
10
010
20
30
R
100°C
75°C
50°C
25°C
T = 125°C
J
Reverse Voltage - V (V)


Similar Part No. - MBRS130LTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBRS130LTRPBF IRF-MBRS130LTRPBF Datasheet
111Kb / 6P
   SCHOTTKY RECTIFIER 1 Amp
logo
Vishay Siliconix
MBRS130LTRPBF VISHAY-MBRS130LTRPBF Datasheet
91Kb / 5P
   Schottky Rectifier, 1.0 A
Revision: 15-Aug-08
MBRS130LTRPBF VISHAY-MBRS130LTRPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 05-Mar-10
MBRS130LTRPBF VISHAY-MBRS130LTRPBF_10 Datasheet
105Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 05-Mar-10
More results

Similar Description - MBRS130LTR

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com