Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9700AETB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9700AETB
Description  1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9700AETB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9700AETB Datasheet HTML 1Page - Maxim Integrated Products MAX9700AETB Datasheet HTML 2Page - Maxim Integrated Products MAX9700AETB Datasheet HTML 3Page - Maxim Integrated Products MAX9700AETB Datasheet HTML 4Page - Maxim Integrated Products MAX9700AETB Datasheet HTML 5Page - Maxim Integrated Products MAX9700AETB Datasheet HTML 6Page - Maxim Integrated Products MAX9700AETB Datasheet HTML 7Page - Maxim Integrated Products MAX9700AETB Datasheet HTML 8Page - Maxim Integrated Products MAX9700AETB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX9700 mono class D audio power amplifier pro-
vides class AB amplifier performance with class D effi-
ciency, conserving board space and extending battery
life. Using a class D architecture, the MAX9700 delivers
1.2W into an 8
Ω load while offering efficiencies above
90%. A patented, low-EMI modulation scheme renders
the traditional class D output filter unnecessary.
The MAX9700 offers two modulation schemes: a fixed-
frequency (FFM) mode, and a spread-spectrum (SSM)
mode that reduces EMI-radiated emissions due to the
modulation frequency. Furthermore, the MAX9700 oscil-
lator can be synchronized to an external clock through
the SYNC input, allowing the switching frequency to be
user defined. The SYNC input also allows multiple
MAX9700s to be cascaded and frequency locked, mini-
mizing interference due to clock intermodulation. The
device utilizes a fully differential architecture, a full-
bridged output, and comprehensive click-and-pop sup-
pression. The gain of the MAX9700 is set internally
(MAX9700A: 6dB, MAX9700B: 12dB, MAX9700C:
15.6dB, MAX9700D: 20dB), further reducing external
component count.
The MAX9700 features high 72dB PSRR, a low 0.01%
THD+N, and SNR in excess of 90dB. Short-circuit and
thermal-overload protection prevent the device from
damage during a fault condition. The MAX9700 is avail-
able in 10-pin TDFN (3mm 3mm 0.8mm), 10-pin
µMAX, and 12-bump UCSP™ (1.5mm 2mm 0.6mm)
packages. The MAX9700 is specified over the extended
-40°C to +85°C temperature range.
Applications
Features
♦ Filterless Amplifier Passes FCC Radiated
Emissions Standards with 100mm of Cable
♦ Unique Spread-Spectrum Mode Offers 5dB
Emissions Improvement Over Conventional
Methods
♦ Optional External SYNC Input
♦ Simple Master-Slave Setup for Stereo Operation
♦ 94% Efficiency
♦ 1.2W into 8Ω
♦ Low 0.01% THD+N
♦ High PSRR (72dB at 217Hz)
♦ Integrated Click-and-Pop Suppression
♦ Low Quiescent Current (4mA)
♦ Low-Power Shutdown Mode (0.1µA)
♦ Short-Circuit and Thermal-Overload Protection
♦ Available in Thermally Efficient, Space-Saving
Packages
10-Pin TDFN (3mm 3mm 0.8mm)
10-Pin µMAX
12-Bump UCSP (1.5mm 2mm 0.6mm)
1.2W, Low-EMI, Filterless,
Class D Audio Amplifier
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
5
10
9
8
7
6
PVDD
OUT-
OUT+
PGND
GND
IN-
IN+
VDD
MAX9700
TDFN/
µMAX
TOP VIEW
SYNC
SHDN
Pin Configurations
Ordering Information
MAX9700
DIFFERENTIAL
AUDIO INPUT
SYNC
INPUT
VDD
OSCILLATOR
MODULATOR
AND H-BRIDGE
Block Diagram
19-3030; Rev 1; 6/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Cellular Phones
PDAs
MP3 Players
Portable Audio
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX9700AETB
-40
oC to +85oC
10 TDFN
ACM
MAX9700AEUB
-40
oC to +85oC
10 µMAX
MAX9700AEBC-T
-40
oC to +85oC
12 UCSP-12
MAX9700BETB
-40
oC to +85oC
10 TDFN
ACI
MAX9700BEUB
-40
oC to +85oC
10 µMAX
MAX9700BEBC-T
-40
oC to +85oC
12 UCSP-12
Pin Configurations continued at end of data sheet.
Ordering Information continued at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
Selector Guide appears at end of data sheet.


Similar Part No. - MAX9700AETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700AETB MAXIM-MAX9700AETB Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9700AETB++ MAXIM-MAX9700AETB+ Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
More results

Similar Description - MAX9700AETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
MAX9700 MAXIM-MAX9700_08 Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
logo
Texas Instruments
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
[Old version datasheet]   Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9712 MAXIM-MAX9712 Datasheet
536Kb / 18P
   500mW, Low EMI, Filterless, Class D Audio Amplifier
Rev 1; 1/04
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com