Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8340-F130-P1M2 Datasheet(PDF) 4 Page - ETAL Group

Part # 8340-F130-P1M2
Description  Control equipment, communications systems, transportation, power supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8340-F130-P1M2 Datasheet(HTML) 4 Page - ETAL Group

  8340-F130-P1M2 Datasheet HTML 1Page - ETAL Group 8340-F130-P1M2 Datasheet HTML 2Page - ETAL Group 8340-F130-P1M2 Datasheet HTML 3Page - ETAL Group 8340-F130-P1M2 Datasheet HTML 4Page - ETAL Group 8340-F130-P1M2 Datasheet HTML 5Page - ETAL Group 8340-F130-P1M2 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-F...
www.e-t-a.de
1646
4
1
Terminal design / Dimensions
Actuator configuration
Installation drawing
K4 screw terminals M5
tightening torque max. 1.2 Nm
6
38.8
1
4
3
2
9.4
1
P1 blade terminals
38.8
6
1
4
3
2
blade terminals
DIN 46244-A6.3-0.8
Auxiliary contacts
1
2
11
14 12
17.9
5.1
10.2
blade terminals
DIN 46244-A2.8-0.5
1.53
.236
.236
1.53
.370
.705
.401
.200
Actuator design
number of poles: 1 - 3
Configuration: F4
Actuator long
Actuator short
number of poles: 1 - 3
Configuration: F9
Actuator long
number of poles: 1
Configuration: F4 / F9
Actuator: Z (black, without toggle, with slot)
OFF
OFFOFF
OFFOFF
OFF
OFF
OFF
OFF
OFFOFF
OFFOFF
OFF
OFF
OFF
0
0
0
0
0
0
0
0
0
0
00
00
16 A
16 A
16 A
16 A
16 A
16 A
16 A
16 A
16 A
16 A
16 A
16 A
16 A
Trip time values indicated for front mounting on a vertical
even surface
Terminal design K
Terminal design P
blow out outlet CBE
terminal
area
mounting area
2
8
42
29
blow out area
(minuaturable on request)
4
8
42
29
operating area
(reinforced insulation)
.157
.079
.315
1.65
1.14
.315
1.65
1.14
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Shock directions / Mounting attitudes
1 2
34
5
6


Similar Part No. - 8340-F130-P1M2

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8340-G ETAL-8340-G Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
8340-G210-K4E1 ETAL-8340-G210-K4E1 Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
8340-G210-K4E2 ETAL-8340-G210-K4E2 Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
8340-G210-K4F4 ETAL-8340-G210-K4F4 Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
8340-G210-K4F5 ETAL-8340-G210-K4F5 Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
More results

Similar Description - 8340-F130-P1M2

ManufacturerPart #DatasheetDescription
logo
ETAL Group
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
   Control equipment, communications systems, instrumentation
8340-T ETAL-8340-T Datasheet
409Kb / 6P
   Power supplies, control equipment, communication systems, EDP systems
3500-P10 ETAL-3500-P10 Datasheet
154Kb / 2P
   Control systems, instrumentation, medical equipment, machine tools, robotics, communications systems
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
8335-F ETAL-8335-F Datasheet
441Kb / 6P
   Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
logo
ITT Industries
PCB-ZD ITT-PCB-ZD Datasheet
62Kb / 1P
   D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
PCB-DM ITT-PCB-DM Datasheet
64Kb / 1P
   D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
logo
ATMEL Corporation
ATDVK90CAN1 ATMEL-ATDVK90CAN1 Datasheet
1Mb / 6P
   Automotive and Transportation Systems
logo
PCTEL, Inc.
BMLPVDB700-2500 PCTEL-BMLPVDB700-2500 Datasheet
689Kb / 2P
   ANTENNA SOLUTIONS FOR INTELLIGENT TRANSPORTATION SYSTEMS
July 2021
logo
Toshiba Semiconductor
TLP3103 TOSHIBA-TLP3103 Datasheet
318Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control Security Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com