Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4230-T120-K0CU-25A Datasheet(PDF) 8 Page - ETAL Group

Part # 4230-T120-K0CU-25A
Description  Protection of cables, motors, generators and transformers, thyristors and silicon rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

4230-T120-K0CU-25A Datasheet(HTML) 8 Page - ETAL Group

Back Button 4230-T120-K0CU-25A Datasheet HTML 4Page - ETAL Group 4230-T120-K0CU-25A Datasheet HTML 5Page - ETAL Group 4230-T120-K0CU-25A Datasheet HTML 6Page - ETAL Group 4230-T120-K0CU-25A Datasheet HTML 7Page - ETAL Group 4230-T120-K0CU-25A Datasheet HTML 8Page - ETAL Group 4230-T120-K0CU-25A Datasheet HTML 9Page - ETAL Group 4230-T120-K0CU-25A Datasheet HTML 10Page - ETAL Group 4230-T120-K0CU-25A Datasheet HTML 11Page - ETAL Group 4230-T120-K0CU-25A Datasheet HTML 12Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.e-t-a.de
8
Accessories - Busbars for 4230-T...
1638
1
Busbars UL 489 to be cut to length
62.4
17.8
5
15x62.4 = 936
19.3
1.8
85
59.3
16.4
Busbars for the connection of circuit breakers
type 4230-..U.. to UL
489 The busbars of 1m length can individually be cut to a suitable
length for the application and isolated with end caps. Depending on
the control cabinet design, the supply is by means of supply terminals
without increasing the installation width or by means of a terminal
block directly on the rail without increasing the installation height.
The models marked with “HS” are suitable for use with auxiliary con-
tact modules with a width of 9 mm.
Busbar cross section:
18 mm².
Max. busbar current Is (at 35°C):
with supply at the end:
80 A
with supply in the middle:
160 A
Short circuit strength Icc:
10 kA
Max. operating voltage:
480 V AC/DC
Degree of protection:
IP20
Step size:
17.8 mm
supply with terminal block
supply with supply terminal
Number of poles
Number of
modules
part no.
1-pole
57
X4230-BU157P18S
2-pole
56
X4230-BU256P18S
3-pole
57
X4230-BU357P18S
1-pole + HS
37
X4230-BU137P18H2S
2-pole + HS
46
X4230-BU246P18H1S
3-pole + HS
48
X4230-BU348P18H1S
HS = application with auxiliary switch 9 mm
Accessories for busbars UL489 that can be cut to length:
Supply terminal
X4230-FTUC35
Cross-section
2.5-35 mm² (2–14 AWG),
Tightening torque:
5.5 Nm (50 lbf.in)
Ampacity:
max. 115 A
Terminal block
part no. X4230-FBU50
Cross-section
1.5–50 mm² (1–14 AWG),
solid/stranded
1.5-35 mm² (2–14 AWG),
finely stranded with wire
end ferrule
Tightening torque:
supply: 3.5 Nm (35 lbf.in)
output (track side):
2.5 Nm (22 lbf.in)
Ampacity:
max. 115 A
end caps
part no. X4230-EC1
Accessories for all busbars UL489 that can be cut to length:
Protection against brush contact
part no. X4230-TC2
for covering unused modules


Similar Part No. - 4230-T120-K0CU-25A

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4230-00 PEREGRINE-4230-00 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-21 PEREGRINE-4230-21 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-22 PEREGRINE-4230-22 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-51 PEREGRINE-4230-51 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-52 PEREGRINE-4230-52 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
More results

Similar Description - 4230-T120-K0CU-25A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
410-K ETAL-410-K Datasheet
318Kb / 4P
   Motors, generators, transformers, thyristors and silicon rectifiers
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
   Accurate and reliable control of motors
logo
ETAL Group
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
logo
STMicroelectronics
TN1173 STMICROELECTRONICS-TN1173 Datasheet
336Kb / 23P
   Packing information for IPAD?? protection, rectifiers, thyristors and AC Switches
November 2016 Rev 4
logo
ETAL Group
2-6400 ETAL-2-6400 Datasheet
212Kb / 4P
   Motors, transformers, solenoids, controls for oil and gas boilers
logo
PHOENIX CONTACT
1424661 PHOENIX-1424661 Datasheet
89Kb / 4P
   Reliable and quick connection of electric cables
1424649 PHOENIX-1424649 Datasheet
87Kb / 4P
   Reliable and quick connection of electric cables
logo
XFMRS Inc.
ISO9001-CERT XFMRS-ISO9001-CERT Datasheet
676Kb / 6P
   Design and manufacture of chokes, inductors, transformers and connectors
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
   PLUGS AND CABLES
logo
New Jersey Semi-Conduct...
2N5164 NJSEMI-2N5164 Datasheet
198Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com