Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-0101 Datasheet(PDF) 6 Page - All Sensors Corporation

Part # DS-0101
Description  Miniature Amplifi ed Low Pressure Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DS-0101 Datasheet(HTML) 6 Page - All Sensors Corporation

  DS-0101 Datasheet HTML 1Page - All Sensors Corporation DS-0101 Datasheet HTML 2Page - All Sensors Corporation DS-0101 Datasheet HTML 3Page - All Sensors Corporation DS-0101 Datasheet HTML 4Page - All Sensors Corporation DS-0101 Datasheet HTML 5Page - All Sensors Corporation DS-0101 Datasheet HTML 6Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Miniature Amplified Low Pressure Sensors
Specification Notes
NOTE
1: ALL PARAMETERS ARE MEASURED AT 5.0 VOLT EXCITATION, FOR THE NOMINAL FULL SCALE PRESSURE AND ROOM TEMPERATURE UNLESS OTHERWISE SPECIFIED.
PRESSURE MEASUREMENTS ARE WITH POSITIVE PRESSURE APPLIED TO THE B-PORT.
NOTE
2: SHIFT IS RELATIVE TO 25°C.
NOTE
3: SHIFT IS WITHIN THE FIRST HOUR OF EXCITATION APPLIED TO THE DEVICE.
NOTE
4: MEASURED AT ONE-HALF FULL SCALE RATED PRESSURE USING BEST STRAIGHT LINE CURVE FIT.
NOTE
5: THE VOLTAGE ADDED TO THE OFFSET VOLTAGE AT FULL SCALE PRESSURE. NOMINALLY THE OUTPUT VOLTAGE RANGE IS 0.25 TO 4.25 VOLTS FOR MINUS TO PLUS
FULL SCALE PRESSURE
.
Parameter, NOTE 1
Operating Range, gage pressure
Output Span, NOTE 5
Offset Voltage @ zero pressure
Offset Temperature Shift (5°C-50°C), NOTE 2
Offset Warm-up Shift, NOTE 3
Offset Position Sensitivity (±1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, NOTE 4
Span Shift (5°C-50°C), NOTE 2
Minimum
-
3.9
0.15
-
-
-
-
-
-
Nominal
30.0
4.0
0.25
-
±5
±5
±5
0.05
-
Maximum
-
4.1
0.35
±20
-
-
-
0.25
±1
Units
inH2O
V
V
mV
mV
mV
mV
%FSS
%FSS
All Sensors reserves the right to make changes to any products herein. All Sensors does not assume any liability arising out of the application or use of any product or
circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Pressure Response: for any pressure applied the response time to get to 90% of pressure applied is typically less than
500 useconds.
Performance Characteristics for 30 INCH-G-4V-MINI


Similar Part No. - DS-0101

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0102 ASC-DS-0102 Datasheet
122Kb / 6P
   MiniatureAmplifiedLowPressureSensors
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
DS-0106 ASC-DS-0106 Datasheet
125Kb / 4P
   MiniaturePressureSensors
DS-0107 ASC-DS-0107 Datasheet
138Kb / 4P
   Miniature Pressure Sensors
More results

Similar Description - DS-0101

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCL0005 SENSORTECHNICS-HCL0005_16 Datasheet
188Kb / 10P
   Miniature compensated low pressure sensors
HCLA02X5DB SENSORTECHNICS-HCLA02X5DB Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
HCL0005 SENSORTECHNICS-HCL0005 Datasheet
188Kb / 10P
   Miniature compensated low pressure sensors
HCL0005D SENSORTECHNICS-HCL0005D Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
logo
All Sensors Corporation
PSI-GF-HGRADE-MINI ASC-PSI-GF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0107 ASC-DS-0107 Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0110 ASC-DS-0110 Datasheet
664Kb / 5P
   Miniature Pressure Sensors
5PSI-D-CGRADE-MINI ASC-5PSI-D-CGRADE-MINI Datasheet
174Kb / 4P
   Miniature Pressure Sensors
5PSI-G-CGRADE-MINI ASC-5PSI-G-CGRADE-MINI Datasheet
174Kb / 4P
   Miniature Pressure Sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com