Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8340-F110-K4M2 Datasheet(PDF) 3 Page - ETAL Group

Part # 8340-F110-K4M2
Description  Control equipment, communications systems, transportation, power supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8340-F110-K4M2 Datasheet(HTML) 3 Page - ETAL Group

  8340-F110-K4M2 Datasheet HTML 1Page - ETAL Group 8340-F110-K4M2 Datasheet HTML 2Page - ETAL Group 8340-F110-K4M2 Datasheet HTML 3Page - ETAL Group 8340-F110-K4M2 Datasheet HTML 4Page - ETAL Group 8340-F110-K4M2 Datasheet HTML 5Page - ETAL Group 8340-F110-K4M2 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-F...
www.e-t-a.de
1646
3
1
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-F...
Dimensions
Applicable for nominal dimensions without direct tolerance indication:
DIN ISO 286 ± IT13
mounting thread M3
or 6-32 UNC-2B
mounting depth
max. 4.5 mm/.177 in.
tightening torque max. 0.33 Nm
.217
.748
2.00
1.05
1.66
.169
.217
.748
3.5±0.1 (M3)
4
+0.1
-0.15 (6-32UNC)
.138±.004 (M3)
.157
+.004
-.006 (6-32UNC)
.750±.005
1.50±.005
Flange mounting
Configuration: F4
Actuator: long toggle
Actuator: short toggle
Actuator: without toggle, with slot
5.5
OFF
ON
30°
30°
50.8
19
1
43
2
42.2
26.7
4.3
number of poles: 1-3
Cut-out dimensions
max. panel thickness: 3 mm
1
43
2
30°
30°
OFF
ON
5.5
1
43
2
30°
OFF
ON
30°
19
pole:1
23
19.05±0.12
38.1±0.12
number of poles: 1-3
Cut-out dimensions
max. panel thickness: 2 ± 0.1 mm or 4 ± 0.15 mm
(snap-fit)
Configuration: F9
Actuator: long toggle
Actuator: short toggle
Actuator: without toggle, with slot
30°
30°
ON
OFF
50.8
1
4
3
2
66
27.4
ON
OFF
30°
30°
ON
OFF
30°
30°
57.6±0.2
38.4±0.2
19.2±0.2
2.00
2.60
1.08
Applicable for nominal dimensions without direct tolerance indication:
DIN ISO 286 ± IT13
2.27±.008
1.51±.008
.756±.008
Pole
23
1
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - 8340-F110-K4M2

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8340-G ETAL-8340-G Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
8340-G210-K4E1 ETAL-8340-G210-K4E1 Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
8340-G210-K4E2 ETAL-8340-G210-K4E2 Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
8340-G210-K4F4 ETAL-8340-G210-K4F4 Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
8340-G210-K4F5 ETAL-8340-G210-K4F5 Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
More results

Similar Description - 8340-F110-K4M2

ManufacturerPart #DatasheetDescription
logo
ETAL Group
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
   Control equipment, communications systems, instrumentation
8340-T ETAL-8340-T Datasheet
409Kb / 6P
   Power supplies, control equipment, communication systems, EDP systems
3500-P10 ETAL-3500-P10 Datasheet
154Kb / 2P
   Control systems, instrumentation, medical equipment, machine tools, robotics, communications systems
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
8335-F ETAL-8335-F Datasheet
441Kb / 6P
   Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
logo
ITT Industries
PCB-ZD ITT-PCB-ZD Datasheet
62Kb / 1P
   D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
PCB-DM ITT-PCB-DM Datasheet
64Kb / 1P
   D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
logo
ATMEL Corporation
ATDVK90CAN1 ATMEL-ATDVK90CAN1 Datasheet
1Mb / 6P
   Automotive and Transportation Systems
logo
PCTEL, Inc.
BMLPVDB700-2500 PCTEL-BMLPVDB700-2500 Datasheet
689Kb / 2P
   ANTENNA SOLUTIONS FOR INTELLIGENT TRANSPORTATION SYSTEMS
July 2021
logo
Toshiba Semiconductor
TLP3103 TOSHIBA-TLP3103 Datasheet
318Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control Security Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com