Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8335-F130-K6K2 Datasheet(PDF) 1 Page - ETAL Group

Part # 8335-F130-K6K2
Description  Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8335-F130-K6K2 Datasheet(HTML) 1 Page - ETAL Group

  8335-F130-K6K2 Datasheet HTML 1Page - ETAL Group 8335-F130-K6K2 Datasheet HTML 2Page - ETAL Group 8335-F130-K6K2 Datasheet HTML 3Page - ETAL Group 8335-F130-K6K2 Datasheet HTML 4Page - ETAL Group 8335-F130-K6K2 Datasheet HTML 5Page - ETAL Group 8335-F130-K6K2 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8335-...
www.e-t-a.de
2014/15
4 - 1
4
1
Description
Typical applications
Technical data
Single and multipole magnetic circuit breakers with trip-free mechanism
and toggle actuation. A choice of fast magnetic or hydraulically dela-
yed switching characteristics (S-type MO or HM CBE to EN 60934)
ensures suitability for a wide range of applications. Industry standard
dimensions and panel mounting. Options include auxiliary changeover
contacts. Low temperature sensitivity at rated load.
Approved to CBE standard EN 60934 (IEC 60934): S-type HM CBE.
Communications systems, power supplies, switchgear and controlgear
industrial process measurement and control.
8335-...
1-pole
2-pole
For further details please see chapter: Technical Information
Voltage rating
3 AC 415 V; AC 240 V (50/60 Hz); DC 80 V
Current ratings
1...50 A 1- and multipole
Auxiliary circuit
AC 250 V
5 A
DC 80 V
0,5 A
Typical life
3 AC 415 V,
AC 240 V:
1...30 A
6,000 operations at 1 x IN, inductive
10,000 operations at 1 x IN, resistive
DC 80 V:
1...50 A
10,000 operations at 1 x IN, inductive
10,000 operations at 1 x IN, resistive
Ambient temperature
-40 °C...85 °C
Insulation co-ordination
rated impulse
pollution
(IEC 60664)
withstand voltage
degree
2.5 kV
2
reinforced insulation in operating area
Dielectric strength
operating area
test voltage AC 3,000 V
Line to Load
test voltage AC 1,500 V
pole to pole (2- and 3-pole) test voltage AC 1,500 V
main to auxiliary circuit test voltage AC 1,500 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
1,500 A (AC, DC)
Interrupting capacity (UL 1077)
Standard
Ignition
protected
(UL 1500)
DC 80 V
1- + 2-pole
1...30 A
3,000 A
U1a
---
DC 80 V
1- + 2-pole
1...50 A
1,500 A
U1a
---
DC 65 V
1- + 2-pole
1...50 A
3,000 A
U1a
U1a
DC 32 V
1- + 2-pole
1...50 A
5,000 A
U3
U3
AC 250 V 1- + 2-pole
1...30 A
5,000 A
C1A
---
3,000 A
U1a
U1a
AC 250 V 1- + 2-pole
1...50 A
1,000 A
U1a
---
AC125/250 V
2-poe
1...30 A
3,000 A
U1a
U1a
AC125/250 V
2-pole
1...50 A
2,000 A
U3
---
3 AC 250 V
3-pole
1...30 A
5,000 A
U1a
---
3 AC 250 V
3-pole
1...50 A
1,000 A
U3
---
Interrupting capacity (UL 489A)
1,500 A
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
all mounting positions: 10 g (57-2000 Hz)
± 0.76 mm (10-57 Hz) at 0.9 x IN
to IEC 60068-2-6, test Fc
10 frequency cycles/axis
Shock
all shock directions
100 g (11 ms) at 0.8 x IN
to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5% salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-78, test Cab
Mass
approx. 65 g per pole
Current
Internal resistance (Ω) per pole ± 10%
rating (A)
K1, M1, T1
K2, M2, T2
1
1.04
1.03
2
0.22
0.22
3
0.11
0,11
4
0.06
0.06
5
0.04
0.04
6
0.03
0.03
8
0.02
0.02
10
< 0.02
< 0.02
12
< 0.02
< 0.02
15
< 0.02
< 0.02
16
< 0.02
< 0.02
20
< 0.02
< 0.02
24
< 0.02
< 0.02
25
< 0.02
< 0.02
30
< 0.02
< 0.02
35
< 0.02
-
40
< 0.01
-
45
< 0.01
-
50
< 0.01
-
Standard current ratings and typical internal resistance values
Authority
Voltage ratings
Current ratings
1) VDE (EN 60934) DC 80 V
1...50 A
AC 240 V
1...30 A
3 AC 415 V
1...30 A 1- and multipole
1) UL 1077
DC 80 V
1...50 A
AC 250 V
1...50 A
AC 125 V / 250 V
1...50 A 1- and multipole
1) Ignition
DC 65 V
1...50 A 1- and 2-pole
protected
DC 32 V (ABYC)
1...50 A 1- and 2-pole
(UL 10 77 +
AC 125 V/250 V (ABYC) 1...30 A 2-pole
UL 1500)
AC 250 V (ABYC)
1...30 A 1-pole
1) UL 489A
DC 80 V
1...50 A 1- and 2-pole
1) CCC
DC 80 V
1...50 A 1- and 2-pole
AC 240 V/415 V
1...30 A 1...3-pole
Approvals
1) Depending on the circuit breaker configuration


Similar Part No. - 8335-F130-K6K2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8335 ETC2-8335 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8335 ETC2-8335 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
8335 ETC2-8335 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Belden Inc.
8335 BELDEN-8335 Datasheet
157Kb / 2P
   RS232, Low Cap, #24-5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8335.060100 BELDEN-8335.060100 Datasheet
157Kb / 2P
   RS232, Low Cap, #24-5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 8335-F130-K6K2

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8330-F ETAL-8330-F Datasheet
326Kb / 6P
   Power supplies, process control, switchgear and controlgear
logo
Vicor Corporation
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
logo
ETAL Group
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
8345-B ETAL-8345-B Datasheet
674Kb / 10P
   In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
8340-F ETAL-8340-F Datasheet
463Kb / 6P
   Control equipment, communications systems, transportation, power supplies
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
   Measurement and Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com