Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4230-T130-K0CE-20A Datasheet(PDF) 3 Page - ETAL Group

Part # 4230-T130-K0CE-20A
Description  Protection of cables, motors, generators and transformers, thyristors and silicon rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

4230-T130-K0CE-20A Datasheet(HTML) 3 Page - ETAL Group

  4230-T130-K0CE-20A Datasheet HTML 1Page - ETAL Group 4230-T130-K0CE-20A Datasheet HTML 2Page - ETAL Group 4230-T130-K0CE-20A Datasheet HTML 3Page - ETAL Group 4230-T130-K0CE-20A Datasheet HTML 4Page - ETAL Group 4230-T130-K0CE-20A Datasheet HTML 5Page - ETAL Group 4230-T130-K0CE-20A Datasheet HTML 6Page - ETAL Group 4230-T130-K0CE-20A Datasheet HTML 7Page - ETAL Group 4230-T130-K0CE-20A Datasheet HTML 8Page - ETAL Group 4230-T130-K0CE-20A Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.e-t-a.de
3
Thermal-magnetic Miniature Circuit Breaker 4230-T...
1638
1
Thermal-magnetic Miniature Circuit Breaker 4230-T...
Current ratings and voltage drop @ +25°C
Time/current characteristics
Voltage drop in V at 1 IN
IN (A)
1
1.2
1.5
1.6
2
3
V
1.50
1.50
0.80
0.80
0.80
0.60
IN (A)
4
5
6
7
8
10
V
0.60
0.20
0.20
0.20
0.15
0.15
IN (A)
12
13
15
16
20
25
V
0.15
0.10
0.10
0.10
0.08
0.08
IN (A)
30
32
35
40
50
60
V
0.07
0.07
0.07
0.07
0.06
0.06
IN (A)
63
V
0.06
10000
1000
100
10
1
0,1
0,01
0,8 12
46
8102040
Curve D / 1...63 A
...times rated current
Magnetic tripping currents are increased by 30 % on DC supplies.
Ambient temperature 30 °C
10000
1000
100
10
1
0,1
0,01
0,8 12
46
8102040
Curve B / 1...63 A
...times rated current
Magnetic tripping currents are increased by 30 % on DC supplies.
Ambient temperature 30 °C
...times rated current
Curve C / 1...63 A
10000
1000
100
10
1
0,1
0,01
0,8 12
46
8102040
Magnetic tripping currents are increased by 30 % on DC supplies.
Ambient temperature 30 °C
Note
When mounted side-by-side, the breakers can only carry up to 80 %
of their rated current or a higher rating has to be selected (see chap-
ter Technical Information).


Similar Part No. - 4230-T130-K0CE-20A

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4230-00 PEREGRINE-4230-00 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-21 PEREGRINE-4230-21 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-22 PEREGRINE-4230-22 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-51 PEREGRINE-4230-51 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-52 PEREGRINE-4230-52 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
More results

Similar Description - 4230-T130-K0CE-20A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
410-K ETAL-410-K Datasheet
318Kb / 4P
   Motors, generators, transformers, thyristors and silicon rectifiers
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
   Accurate and reliable control of motors
logo
ETAL Group
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
logo
STMicroelectronics
TN1173 STMICROELECTRONICS-TN1173 Datasheet
336Kb / 23P
   Packing information for IPAD?? protection, rectifiers, thyristors and AC Switches
November 2016 Rev 4
logo
ETAL Group
2-6400 ETAL-2-6400 Datasheet
212Kb / 4P
   Motors, transformers, solenoids, controls for oil and gas boilers
logo
PHOENIX CONTACT
1424661 PHOENIX-1424661 Datasheet
89Kb / 4P
   Reliable and quick connection of electric cables
1424649 PHOENIX-1424649 Datasheet
87Kb / 4P
   Reliable and quick connection of electric cables
logo
XFMRS Inc.
ISO9001-CERT XFMRS-ISO9001-CERT Datasheet
676Kb / 6P
   Design and manufacture of chokes, inductors, transformers and connectors
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
   PLUGS AND CABLES
logo
New Jersey Semi-Conduct...
2N5164 NJSEMI-2N5164 Datasheet
198Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com