Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8335-F420-K4K2 Datasheet(PDF) 3 Page - ETAL Group

Part # 8335-F420-K4K2
Description  Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8335-F420-K4K2 Datasheet(HTML) 3 Page - ETAL Group

  8335-F420-K4K2 Datasheet HTML 1Page - ETAL Group 8335-F420-K4K2 Datasheet HTML 2Page - ETAL Group 8335-F420-K4K2 Datasheet HTML 3Page - ETAL Group 8335-F420-K4K2 Datasheet HTML 4Page - ETAL Group 8335-F420-K4K2 Datasheet HTML 5Page - ETAL Group 8335-F420-K4K2 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8335-...
www.e-t-a.de
2014/15
4 - 3
4
Magnetic and Hydraulic-Magnetic Circuit Breaker 8335-...
30°
30°
Flange mounting -F9 (snap-in frame black)
66
2.59
27.5
1.08
6.6
.260
19.2±0.2
.756±.007
38.4±0.2
1.51±.007
Cut-out dimensions
recommanded panel thickness: 2±0.5 mm
Ø 3.5±0.1 (M3)
Ø 4±0.1
19±0.2
38±0.2
Cut-out dimensions
recommanded panel thickness 1 - 2.5 mm
Flange mounting - F
actuator long A, B
30°
30°
actuator short K, L
Flange mounting F1 or F4
42.2
1.66
26.6
1.05
4.4
.173
number of poles 1 to 2
1
2
OFF
ON
30°
30°
51
2.01
19
.750
6.6
.260
19
.750
mounting thread M3 or 6-32 UNC
max. insertion depth 4.5 mm/.177 in.
to the top edge
max. tightening torque 0.5 Nm
.748±.007
1.49±.007
.157±.003
.137±.003
(6-32 UNC)
actuator slot Z
30°
30°
ON
OFF
Dimensions
Rocker W, 3
55
48
ON
OFF
24
42.2
31.6
19.5±0.2
ø4
±0.1 (0.157
±0.00
3
) 6-32UNC
ø3.5
±0.1 (0.138
±0.003
) M3
Cut-out dimensions
mounting thread M3 or 6-32 UNC
max. tightening torque 0.5 Nm
max. insertion depth 4.5 mm/
.177 in. to the top edge
.767±.007
.944
1.24
1.66
2.16
1.88
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - 8335-F420-K4K2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8335 ETC2-8335 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8335 ETC2-8335 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
8335 ETC2-8335 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Belden Inc.
8335 BELDEN-8335 Datasheet
157Kb / 2P
   RS232, Low Cap, #24-5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8335.060100 BELDEN-8335.060100 Datasheet
157Kb / 2P
   RS232, Low Cap, #24-5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 8335-F420-K4K2

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8330-F ETAL-8330-F Datasheet
326Kb / 6P
   Power supplies, process control, switchgear and controlgear
logo
Vicor Corporation
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
logo
ETAL Group
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
8345-B ETAL-8345-B Datasheet
674Kb / 10P
   In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
8340-F ETAL-8340-F Datasheet
463Kb / 6P
   Control equipment, communications systems, transportation, power supplies
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
   Measurement and Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com