Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3120-F503R-P7T1 Datasheet(PDF) 3 Page - ETAL Group

Part # 3120-F503R-P7T1
Description  Medical and laboratory equipment, apparatus and machine construction, professional tools, household and garden appliances, offices machines, audio equipment, machine tools
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

3120-F503R-P7T1 Datasheet(HTML) 3 Page - ETAL Group

  3120-F503R-P7T1 Datasheet HTML 1Page - ETAL Group 3120-F503R-P7T1 Datasheet HTML 2Page - ETAL Group 3120-F503R-P7T1 Datasheet HTML 3Page - ETAL Group 3120-F503R-P7T1 Datasheet HTML 4Page - ETAL Group 3120-F503R-P7T1 Datasheet HTML 5Page - ETAL Group 3120-F503R-P7T1 Datasheet HTML 6Page - ETAL Group 3120-F503R-P7T1 Datasheet HTML 7Page - ETAL Group 3120-F503R-P7T1 Datasheet HTML 8Page - ETAL Group 3120-F503R-P7T1 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.e-t-a.de
3
Thermal Circuit Breaker 3120-F...
1616
1
Thermal Circuit Breaker 3120-F...
preferred type F7
2-pole protected
preferred ratings (A)
0.5 1 1.5 2 3 4 5 6 8 10 12 15 16 20
3120-F72R-P7T1-
A14QR4-
x
x
x
x
x
x
x
x
x
x
x
x
x
x
preferred type F3
1-pole protected
0.5 1 2 3 4 5 6 8 10 12 15 16 20
3120-F311-P7T1-
W02D-
x
x
x
x
x
x
x
x
preferred type F3
2-pole protected
0.5 1 2 3 4 5 6 8 10 12 15 16 20
3120-F321-P7T1-
W01D-
x
x
x
x
x
x
x
x
x
x
x
x
x
preferred type F5
2-pole protected
0.5 1 2 3 4 5 6 8 10 12 15 16 20
3120-F521-P7T1-
W01D-
x
x
x
x
x
x
x
x
x
x
x
x
Schematic diagrams
11
21
line
12(i)
12(k)
22(i)
22(k)
load
12(k)
load
11 line
12(i)
12(k)
22(i)
load
11
21
line
12(i)
22(i)
2-pole,
thermally protected on both poles
2-pole,
thermally protected on one pole only
1-pole,
thermally protected
2-pole,
unprotected
12(i)
22(i)
line
load
11
21
Preferred types
Approvals
Approval
authority
Standard
Rated
voltage
Current rating range
VDE
IEC/EN 60934 AC 240 V
DC 50 V
DC 50 V
DC 28 V
0.1 A…20 A
0.1...20A (2-pole)
0.1...4 A (1-pole)
0.1 A…20 A
UL
UL 1077
AC 250 V
DC 50 V
AC 250 V
0,1 A…20 A
0,1 A…20 A
30 A (2 poles in par-
allel)
CSA
C22.2 No 235 AC 250 V
DC 50 V
AC 250 V
0,1 A…20 A
0,1 A…20 A
30 A (2 poles in parallel)
CQC
GB 17701
AC 240 V
DC 50 V
0.1 A…20 A
0.1 A…20 A
Time/current characteristics
The time/current characteristic depends on the ambient temperature.
In order to eliminate nuisance tripping, please multiply the current
rating by a derating factor (see chapter Technical Information)
ambient
temperature [°C]
-30
-20
-10
0
23
40
50
60
Temperature factor
0.8
0.84
0.88
0.92
1
1.08
1.14
1.23
+23 °C
+73.4 °F
+60 °C
+140 °F
-30 °C
-22 °F
12
46 8102040
… times rated current
10000
1000
100
10
1
0.1
+23 °C
+73.4 °F
+60 °C
+140 °F
-30 °C
-22 °F
12
46 8102040
… times rated current
10000
1000
100
10
1
0.1
single or double pole load
0.1…2 A
2.5…20 A


Similar Part No. - 3120-F503R-P7T1

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
3120-LTE-1 MOXA-3120-LTE-1 Datasheet
751Kb / 5P
   Industrial LTE Cat. 1 cellular gateways
More results

Similar Description - 3120-F503R-P7T1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
3131-A ETAL-3131-A Datasheet
469Kb / 6P
   Motor protection, transformer protection, household appliances and office equipment, electrical tools, mobile homes, watercraft, construction vehicles, medical equipment
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
   Control systems, instrumentation, medical equipment, machine tools, robotics
logo
Hirose Electric
H.FL-DFS111A HIROSE-H.FL-DFS111A Datasheet
253Kb / 24P
   Others, machine tools and jigs
logo
DB Lectro Inc
NT90T DBLECTRO-NT90T_05 Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-A HUAXINAN-NT90TP-A Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
NT90TP-B HUAXINAN-NT90TP-B Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
List of Unclassifed Man...
NT90 ETC2-NT90 Datasheet
572Kb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
logo
DB Lectro Inc
NT90 DBLECTRO-NT90_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-C HUAXINAN-NT90TP-C Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
DB Lectro Inc
NT90TP DBLECTRO-NT90TP_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com