Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4230-T140-K0DE-5A Datasheet(PDF) 2 Page - ETAL Group

Part # 4230-T140-K0DE-5A
Description  Protection of cables, motors, generators and transformers, thyristors and silicon rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

4230-T140-K0DE-5A Datasheet(HTML) 2 Page - ETAL Group

  4230-T140-K0DE-5A Datasheet HTML 1Page - ETAL Group 4230-T140-K0DE-5A Datasheet HTML 2Page - ETAL Group 4230-T140-K0DE-5A Datasheet HTML 3Page - ETAL Group 4230-T140-K0DE-5A Datasheet HTML 4Page - ETAL Group 4230-T140-K0DE-5A Datasheet HTML 5Page - ETAL Group 4230-T140-K0DE-5A Datasheet HTML 6Page - ETAL Group 4230-T140-K0DE-5A Datasheet HTML 7Page - ETAL Group 4230-T140-K0DE-5A Datasheet HTML 8Page - ETAL Group 4230-T140-K0DE-5A Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.e-t-a.de
2
Thermal-magnetic Miniature Circuit Breaker 4230-T...
1638
1
Order numbering code
Type No.
4230 single and multipole thermal-magnetic high performance circuit breaker
Mounting
T1 rail mounting
Number of poles
1 single pole protected
2 double pole protected
3 three pole protected
4 four pole protected*
Accessories
0
without
terminals
K0 screw terminals
Characteristic curve
B: thermal 1.05 - 1.30 x IN; magnetic 3.2 - 4.8 x IN
C: thermal 1.05 - 1.30 x IN; magnetic 6.4 - 9.6 x IN
D: thermal 1.05 - 1.30 x IN; magnetic 9.6 - 14.4 x IN
Approvals
E IEC/EN 60947-2 (TÜV) / UL 1077
U UL 489 (only 1-, 2- & 3-pole) /
IEC/EN 60947-2 (TÜV)
Current ratings:
1, 2, 3, 4, 5, 6, 7, 8, 10, 12, 13, 15, 16, 20, 25,
30, 32, 35, 40, 50, 60, 63 A
4230 - T1 1 0 - K0 C
E - 10 A ordering example
* not for UL 489
Dimensions – IEC/EN 60947-2 / UL1077 version
60.2 ± 0.3
70.5
± 0.8
52.9 ± 0.6
35.3 ± 0.4
17.6 ± 0.2
1 P
2 P
3 P
4 P
49.8 ± 0.3
5.5 ± 0.3
9 ± 0.3
Dimensions – UL 489 version
60.2 ± 0.3
52.9 ± 0.6
60.1 ± 0.3
5.5 ± 0.3
9 ± 0.3
35.3 ± 0.4
17.6 ± 0.2
1 P
2 P
3 P
All dimensions without tolerances are for reference only. E-T-A reserves the right change
specifications at any time in the interest of improved design, performance and cost effective-
ness, the right to make changes in these specifications without notice is reserved. Product
markings may not be exactly as the ordering codes. Errors and omissions excepted.
Schematic diagrams
1
2
3-pole
4-pole
1-pole
2-pole
1
2
3
4
1
2
3
4
5
6
1
2
3
4
5
6
7
8
DC application
1
2
80 V0 V 125 V0 V
0 V 125 V
125 V0 V
80 V
80 V
0 V
1
2
3
4
3
4
3
4
1
2
1
2
When using the 4230-T in DC application, polarity does not have to be observed.
Max. acceptable voltage between the conductors depends on the number of poles,
circuitry and relevant standard / approval.
To IEC/EN 60947-2:
( )
( )
( )
Load
Load
1
2
60 V0 V 125 V0 V
0 V 125 V
125 V0 V
60 V
60 V
0 V
1
2
3
4
3
4
3
4
1
2
1
2
To UL 489 and UL 1077:
( )
( )
( )
Load
Load
Hinweis: Spannungen zwischen Leiter und Erde sind abhängig von der
Art der Erdung (symmetrisch, unsymmetrisch).


Similar Part No. - 4230-T140-K0DE-5A

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4230-00 PEREGRINE-4230-00 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-21 PEREGRINE-4230-21 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-22 PEREGRINE-4230-22 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-51 PEREGRINE-4230-51 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-52 PEREGRINE-4230-52 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
More results

Similar Description - 4230-T140-K0DE-5A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
410-K ETAL-410-K Datasheet
318Kb / 4P
   Motors, generators, transformers, thyristors and silicon rectifiers
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
   Accurate and reliable control of motors
logo
ETAL Group
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
logo
STMicroelectronics
TN1173 STMICROELECTRONICS-TN1173 Datasheet
336Kb / 23P
   Packing information for IPAD?? protection, rectifiers, thyristors and AC Switches
November 2016 Rev 4
logo
ETAL Group
2-6400 ETAL-2-6400 Datasheet
212Kb / 4P
   Motors, transformers, solenoids, controls for oil and gas boilers
logo
PHOENIX CONTACT
1424661 PHOENIX-1424661 Datasheet
89Kb / 4P
   Reliable and quick connection of electric cables
1424649 PHOENIX-1424649 Datasheet
87Kb / 4P
   Reliable and quick connection of electric cables
logo
XFMRS Inc.
ISO9001-CERT XFMRS-ISO9001-CERT Datasheet
676Kb / 6P
   Design and manufacture of chokes, inductors, transformers and connectors
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
   PLUGS AND CABLES
logo
New Jersey Semi-Conduct...
2N5164 NJSEMI-2N5164 Datasheet
198Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com