Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDNBS08-T12C Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CDNBS08-T12C
Description  RoHS compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDNBS08-T12C Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CDNBS08-T12C Datasheet HTML 1Page - Bourns Electronic Solutions CDNBS08-T12C Datasheet HTML 2Page - Bourns Electronic Solutions CDNBS08-T12C Datasheet HTML 3Page - Bourns Electronic Solutions CDNBS08-T12C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
RoHS compliant*
Protects four lines
Unidirectional and bidirectional
configurations
ESD protection: 30 kV max.
Applications
Audio/video inputs
RS-232, RS-422 and RS-423 data lines
Portable electronics
Medical sensors
CDNBS08-T03~T36C - TVS Diode Array Series
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Information
The markets of portable communications, computing and video equipment are
challenging the semiconductor industry to develop increasingly smaller electronic
components.
Bourns offers Steering Diode/Transient Voltage Suppressor Array diodes for surge and
ESD protection applications in an eight lead narrow body SOIC package size format.
TheTransient Voltage Suppressor Array series offer a choice of voltage types ranging
from 3 V to 36 V in unidirectional and bidirectional configurations. Bourns® Chip Diodes
conform to JEDEC standards, are easy to handle on standard pick and place
equipment and their flat configuration minimizes roll away.
The Bourns® device will meet IEC 61000-4-2 (ESD), IEC 61000-4-4 (EFT) and
IEC 61000-4-5 (Surge) requirements.
8765
1234
8765
1234
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CDNBS08-
Unit
Uni-
T03
Bi-
T03C
Uni-
T05
Bi-
T05C
Uni-
T08
Bi-
T08C
Uni-
T12
Bi-
T12C
Uni-
T15
Bi-
T15C
Uni-
T24
Bi-
T24C
Uni-
T36
Bi-
T36C
Min. Breakdown Voltage @ 1 mA
VBR
3.3
6.0
8.5
13.3
16.7
26.7
40.0
V
Working Peak Voltage
VWM
3.0
5.0
8.0
12.0
15.0
24.0
36.0
V
Max. Clamping Voltage
VC @ IP = 1 A 1
VC
8.0
9.8
13.4
19.0
24.0
43.0
51.0
V
Typ. Clamping Voltage
@ 8/20 µs VC @ IPP 1
VC
10.9 V
@ 43 A
13.5 V
@ 42 A
16.9 V
@ 34 A
25.9 V
@ 21 A
30.0 V
@ 17 A
49.0 V
@ 12 A
76.8 V
@ 9 A
V
Max. Leakage Current @ VWM
ID
125
20
10
1
1
1
1
µA
Max. Cap. Bidirectional @ 0 V,
1 MHz
CJ(SD)
450
308
300
105
80
50
45
pF
ESD Protection per IEC 61000-4-2
Contact - Min.
Contact - Max.
Air - Min.
Air - Max.
ESD
±8
±30
±15
±30
kV
Peak Pulse Power (tp = 8/20 µs) 2
PPP
500
W
Forward Voltage @ 100 mA,
300 µs - Square Wave 3
VF
1.5
V
Notes:
1.
See Pulse Wave Form.
2.
See Peak Pulse Power vs. Pulse Time.
3.
Only applies to unidirectional devices.
4.
Part numbers with a “C” suffix are bidirectional devices, i.e. CDNBS08-T03C.
Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
Max.
Unit
Operating Temperature
TJ
-55 to +150
°C
Storage Temperature
TSTG
-55 to +150
°C


Similar Part No. - CDNBS08-T12C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDNBS08-T12C BOURNS-CDNBS08-T12C Datasheet
335Kb / 4P
   CDNBS08-T03~T36C - TVS Diode Array Series
More results

Similar Description - CDNBS08-T12C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com