Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

482-G211-K1M1-F Datasheet(PDF) 2 Page - ETAL Group

Part # 482-G211-K1M1-F
Description  Extra low voltage wiring systems on all types of vehicles for land, sea and air, battery powered machines, process control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

482-G211-K1M1-F Datasheet(HTML) 2 Page - ETAL Group

  482-G211-K1M1-F Datasheet HTML 1Page - ETAL Group 482-G211-K1M1-F Datasheet HTML 2Page - ETAL Group 482-G211-K1M1-F Datasheet HTML 3Page - ETAL Group 482-G211-K1M1-F Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.e-t-a.de
High Performance Thermal Circuit Breaker 482-...
1646
2
1
Standard current ratings and typical volt drop values
Dimensions 482-G1...
min. ø3.2
mounting holes
min .126
auxiliary contact
female contact
for male contacts
to EN3155-016
M2018
current rating in A
white
tightening torque max. 4 Nm
M12x1
ø8.4
45°
9.5
0.8
14.5
22°
max. 31
max. 6.5
482-G111-K1M1-A1S0 (VG 95345 T21)
lock
washer
M12x1
ø10.6
ø8.4
17.9
45°
screw ISO1580-M4x6
with lock washer DIN 137 B4
tightening torque max. 1.2 Nm
black
white
9.5
0.8
31
location pincurrent rating in A
min. ø3.2
tightening torque max. 4 Nm
mounting holes
482-G111-K1M1-A1S1 (VG 95345 T21)
.709
.417
.331
thickness 1.5 - 3 mm
.059 - .118 in.
min .126
.374
.031
lock
washer
ø10.6
17.9
black
location pin
.709
.417
.331
.374
.031
.571
max .256
max. 1.22
max. 1.22
thickness 1.5 - 3 mm
.059 - .118 in.
screw ISO1580-M4x6
with lock washer DIN 137 B4
tightening torque max. 1.2 Nm
Dimensions 482-G2../-G6../-G7...
black
M12x1
tightening torque max. 4 Nm
screw ISO1580-M4x6
with lock washer DIN 137 B4
tightening torque max. 1.2 Nm
min. ø3.2
mounting holes
thickness 1.5 - 3 mm
.059 - .118 in.
min .126
current rating
in A
31
482-G212-K1M1-A1S0 (VG 95345 T21)
ø10.6
ø8.4
17.9
45°
lock
washer
white
.417
.331
max. 1.22
9.5
0.8
location pin
.374
.031
.709
with auxiliary contact
2
line 1
2
line 1
12
11
Internal connection diagrams
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Current rating (A)
Volt drop (mV) Current rating (A)
Volt drop (mV)
0.1
16,000
5
350
0.2
8,000
7.5
230
0.5
3,000
10
< 200
0.8
2,000
15
< 200
1
1,500
20
< 200
1.2
1,200
25
< 200
1.5
1,000
30
< 200
1.8
850
35
< 200
2
800
40
< 200
2.5
700
45
< 200
3
600
50
< 200
4
430


Similar Part No. - 482-G211-K1M1-F

ManufacturerPart #DatasheetDescription
logo
Littelfuse
482 LITTELFUSE-482 Datasheet
67Kb / 2P
   Blade Terminal & Special Purpose Fuses
logo
Mallory performance clu...
482 MALLORY-482 Datasheet
68Kb / 2P
   ADJUSTABLE FLANGE DISTRIBUTOR ADJUSTMENT
logo
List of Unclassifed Man...
482 ETC2-482 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Bi technologies
482 BITECH-482 Datasheet
255Kb / 3P
   Precision Potentiometer / Position Sensor
logo
List of Unclassifed Man...
4820 ETC2-4820 Datasheet
232Kb / 2P
   NYLON M/F HEX STANDOFF
More results

Similar Description - 482-G211-K1M1-F

ManufacturerPart #DatasheetDescription
logo
ETAL Group
413-K14 ETAL-413-K14 Datasheet
209Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
4120-G ETAL-4120-G Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1170-21 ETAL-1170-21 Datasheet
218Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1610-21 ETAL-1610-21 Datasheet
259Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
437-K12 ETAL-437-K12 Datasheet
206Kb / 2P
   Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
E-1073 ETAL-E-1073 Datasheet
268Kb / 6P
   Battery and cable protection for all types of vehicle (including electric), battery powered systems.
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com