Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVS60085MR Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PVS60085MR
Description  Compact, high power density, 2U package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PVS60085MR Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PVS60085MR Datasheet HTML 1Page - List of Unclassifed Manufacturers PVS60085MR Datasheet HTML 2Page - List of Unclassifed Manufacturers PVS60085MR Datasheet HTML 3Page - List of Unclassifed Manufacturers PVS60085MR Datasheet HTML 4Page - List of Unclassifed Manufacturers PVS60085MR Datasheet HTML 5Page - List of Unclassifed Manufacturers PVS60085MR Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
v042516
6
www.bkprecision.com
High Power Programmable DC Power Supplies
PVS Series
Model
PVS60085
PVS60085MR
PVS10005
Output Rating
Output Voltage (1)
0 - 600 V
0 - 1000 V
Output Current (2)
0 - 8.5 A
0 - 5 A
Max. Output Power
5100 W
3000 W
5000 W
Line Regulation
Voltage
60 mV
100 mV
Current
4.25 mA
2.5 mA
Load Regulation
Voltage
60 mV
100 mV
Current
8.5 mA
5 mA
Ripple and Noise (20 Hz - 20 MHz)
Voltage
≤100 mVrms / ≤500 mVpp
≤100 mVrms / ≤600 mVpp
Current
15 mA
10 mA
Resolution
Programming
10 mV/0.2 mA
0.1 V/0.1 mA
Readback
10 mV/0.2 mA
0.1 V/0.1 mA
Programming Accuracy
Voltage
400 mV
700 mV
Current (3) ± (%output + offset)
0.03% + 3.5 mA
0.03% + 2 mA
Readback Accuracy ± (%output + offset)
Voltage
0.05% + 300 mV
0.05% + 500 mV
Current (3)
0.1% + 8.5 mA
0.1% + 5 mA
General
Transient Response Time (4)
≤0.5 ms
≤0.5 ms
OVP adjustment Range
5 - 660 V
5 - 1100 V
OVP Accuracy
6 V
10 V
OCP Accuracy
85 mA
50 mA
Command Response Time
20 ms
20 ms
Efficiency (5)
90%
90%
Power Factor
0.99
0.99
Remote Sense Compensation
6 V
10 V
Rising Time at Full Load
≤100 ms
≤250 ms
Rising Time at No Load
≤100 ms
≤250 ms
Falling Time at Full Load
≤100 mS
≤150 ms
≤250 ms
Falling Time at No Load
≤3000 ms
≤5000 ms
Standard Interfaces
Analog Programming, USB, RS485, RS232, GPIB, and Ethernet
AC Input (6)
170 - 265 VAC single phase
Rated Frequency
47 - 63 Hz
Maximum Rated Input Power
5800 VA
3500 VA
5800 VA
Temperature Ratings
Operation (0 °C~40 °C)
Storage (-40 °C~85 °C)
Dimensions ( W× H× D )
16.53” x 3.46” x 20.94” (420 x 88 x 532 mm)
Weight
32.18 lbs (14.6 kg)
Three-Year Warranty
Standard Accessories
User manual, power cord, test report & certificate of calibration
Optional Accessories
SASPVS (SAS software), RKPVS (rackmount kit)
(1) Minimum voltage is guaranteed to 5V.
(2) Minimum current is guaranteed to maximum 0.4% of rated output current.
(3) Current accuracy is applied when output power > 0.1% of full power.
(4) Time for output voltage to recover within 0.5% of its rated output for a load change 50 – 100% of rated output current.
(5) 90% typical at nominal line and max load.
(6) 10% of output de-rated when operating below 190 VAC.
Specifications


Similar Part No. - PVS60085MR

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
PVS60085MR BK-PVS60085MR Datasheet
727Kb / 6P
   High Power Programmable DC Power Supplies
More results

Similar Description - PVS60085MR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XLN3640 ETC2-XLN3640 Datasheet
4Mb / 5P
   Compact, high density, 1U package
YR290-B7018 ETC2-YR290-B7018 Datasheet
922Kb / 2P
   High-Density 2U dual-socket SMP server implementation
logo
Axiomtek Co., Ltd.
AX61222TP AXIOMTEK-AX61222TP_17 Datasheet
437Kb / 2P
   2U Compact Rackmount Chassis
logo
List of Unclassifed Man...
YR292-B5538 ETC2-YR292-B5538 Datasheet
1Mb / 2P
   2U High-Density and Power-Efficient Platform for VHD/VDI Applications
logo
Total Power Internation...
MCWI03 TOTAL-POWER-MCWI03 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
MCW1000 TOTAL-POWER-MCW1000_17 Datasheet
494Kb / 4P
   High Power Density in SIP-8 Package
MCWI02 TOTAL-POWER-MCWI02 Datasheet
668Kb / 3P
   High Power Density in SIP-8 Package
MCW03 TOTAL-POWER-MCW03 Datasheet
695Kb / 4P
   High Power Density in SIP-8 Package
MEW1000 TOTAL-POWER-MEW1000 Datasheet
552Kb / 4P
   High Power Density in SIP-9 Package
logo
Tripp Lite. All Rights ...
N48202U TRIPPLITE-N48202U Datasheet
496Kb / 2P
   High Density Fiber Enclosure Panel, 2U, 14-Cassette Capacity
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com