Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4930-03-5A Datasheet(PDF) 4 Page - ETAL Group

Part # 4930-03-5A
Description  Aircraft electrical systems and equipment, and other high performance applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

4930-03-5A Datasheet(HTML) 4 Page - ETAL Group

  4930-03-5A Datasheet HTML 1Page - ETAL Group 4930-03-5A Datasheet HTML 2Page - ETAL Group 4930-03-5A Datasheet HTML 3Page - ETAL Group 4930-03-5A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Remote Control Circuit Breaker 4930 (RCCB)
www.e-t-a.de
1646
4
1
Internal Connection diagrams
circuit breaker
type 4120-G111-K1M1-A1SOZN - 0.5 A
type 4120-G214-J1M1-B2SOZN - 0.5 A
electronics
RCCB
type 4930
LINE/ +
A1
backup power
LOAD / -
A2
LINE/ +
A1
S1
S3 S2
electronics
RCCB
type 4930
LOAD / -
4
5B
backup power
indicator control
unit ICU
4
A2
circuit breaker
type 4120-G111-K1M1-A1SOZN - 0.5 A
type 4120-G214-J1M1-B2SOZN - 0.5 A
mounting flange
mounting flange
Type 4930-01/ -02 (with auxiliary contacts)
Type 4930-03/ -04 (without auxiliary contacts)
indicator control
unit ICU
auxiliary
contacts
linear motor
linear motor
5A
3
5B
5A
3
6
6
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.
Application note (ICU)
A2
LINE/ +
A1
S1
S3 S2
electronics
RCCB
type 4930
LOAD / -
4
5B
backup power
indicator control
unit ICU
mounting flange
Type 4930-01/ -02 (with auxiliary contacts)
auxiliary
contacts
ON/OFF
external switch
or
additional relay
contact
5A
3
6
circuit breaker
type 4120-G111-K1M1-A1SOZN - 0.5 A
type 4120-G214-J1M1-B2SOZN - 0.5 A
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - 4930-03-5A

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4930 3M-4930 Datasheet
735Kb / 9P
   VHB Tape - Specialty Tapes
4930F 3M-4930F Datasheet
735Kb / 9P
   VHB Tape - Specialty Tapes
More results

Similar Description - 4930-03-5A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
483-G ETAL-483-G Datasheet
308Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
583-G ETAL-583-G Datasheet
267Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
logo
Ultralife Corporation.
CR2 ULTRALIFE-CR2 Datasheet
450Kb / 2P
   Military and other radio applications
19 AUG 13 Rev: -
logo
STANLEY ELECTRIC CO.,LT...
VCHW1154LDSE-3C9L4-TR STANLEY-VCHW1154LDSE-3C9L4-TR Datasheet
878Kb / 25P
   High reliability(for automotive applications and other high-reliability required applications)
VCEW1158LDS-3C3K3-TR STANLEY-VCEW1158LDS-3C3K3-TR Datasheet
854Kb / 25P
   High reliability(for automotive applications and other high-reliability required applications)
VCHW1158LDS-3C5A3-TR STANLEY-VCHW1158LDS-3C5A3-TR Datasheet
738Kb / 25P
   High reliability(for automotive applications and other high-reliability required applications)
logo
List of Unclassifed Man...
SCS-6-023 ETC2-SCS-6-023 Datasheet
110Kb / 1P
   Principal Electrical and Performance Data
13815 ETC2-13815 Datasheet
68Kb / 2P
   High Performance Precision Tools and Optical Inspection Systems
logo
Chicago Miniature Lamp,...
CM16870 CML-CM16870 Datasheet
229Kb / 1P
   Aircraft Navigation and Anticollision Lamps
logo
Visual Communications C...
CM16870 VCC-CM16870 Datasheet
74Kb / 1P
   Aircraft Navigation and Anticollision Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com