Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9130B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 9130B
Description  Three independent and electrically isolated outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9130B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  9130B Datasheet HTML 1Page - List of Unclassifed Manufacturers 9130B Datasheet HTML 2Page - List of Unclassifed Manufacturers 9130B Datasheet HTML 3Page - List of Unclassifed Manufacturers 9130B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.bkprecision.com
Programmable Triple Output DC Power Supplies
9130B Series
4
Specifications
v061015
Models
9130B
9131B
9132B
Output Rating
Voltage
0–30 V (Ch1 & Ch2), 0-5 V (Ch3)
0-30 V (Ch1 & Ch2), 0-5 V (Ch3)
0-60 V (Ch1 & Ch2), 0-5 V (Ch3)
Current
0-3 A (Ch1, Ch2), 0-3 A (Ch3)
0-6 A (Ch1, Ch2), 0-3 A (Ch3)
0-3 A (Ch1, Ch2), 0-3 A (Ch3)
Power
195 W
375 W
375 W
Load Regulation
Voltage
≤ 0.01%+3 mV
Current
≤ 0.1%+3 mA
Line Regulation
Voltage
≤ 0.01%+3 mV
Current
≤ 0.1%+3 mA
Ripple & Noise
Voltage
≤ 1mVrms
≤ 1mVrms
≤ 1mVrms
Current
≤ 3mArms
≤ 5 mArms (Ch1 & Ch2), ≤ 4 mArms (Ch3)
≤ 4 mArms
Temperature Coefficient (0 °C to 40 °C) ± (% output + offset) (typical)
Voltage
≤ 0.03% + 10 mV
Current
≤ 0.1% + 5 mA
Programming Resolution
Voltage
1 mV
Current
1 mA
Readback Resolution
Voltage
1 mV
Current
1 mA
Programming Accuracy ± (% output + offset)
Voltage
≤ 0.03% + 10 mV
Current
≤ 0.1% + 5 mA
≤ 0.1% + 8 mA (Ch1& Ch2), ≤ 0.1% + 5 mA (Ch3)
≤ 0.1% + 5 mA
Readback Accuracy ± (% output + offset)
Voltage
≤ 0.03% + 10 mV
Current
≤ 0.1% + 5 mA
≤ 0.1% + 8 mA (Ch1 & Ch2), ≤ 0.1% + 5 mA (Ch3)
≤ 0.1% + 5 mA
Series Accuracy (combined mode)
Current
≤ 0.05% + 10 mA
Parallel Accuracy (combined mode)
Voltage
≤ 0.02% + 5 mV
Current
≤ 0.1% + 20 mA
General
Transient Response Time1
Ch1,Ch2
≤180 µs
≤120 µs
≤90 µs
Ch3
≤160 µs
≤200 µs
≤80 µs
Rising Time at
Full Load / No Load
Ch1,Ch2
≤100 ms
≤100 ms
≤100 ms
Ch3
≤20 ms
≤100 ms
≤100 ms
Falling Time at
Full Load
Ch1,Ch2
≤2.4 ms
≤1.5 ms
≤5 ms
Ch3
≤1 ms
≤1.5 ms
≤4.5 ms
Falling Time at
No Load
Ch1,Ch2
≤4 s
≤1 s
≤5 s
Ch3
≤300 ms
≤1 s
≤150 ms
Memory
4 memory groups with 9 locations in each group
Timer
0.1 - 99999.9 seconds
Remote Interface
USB (USBTMC-compliant), GPIB, RS-232
AC Input
110/220 VAC (+/- 10 %), 47 Hz - 63 Hz
Operating Temperature
32 °F to 104 °F (0 °C to 40 °C), relative humidity up to 80%
Storage Temperature
-4 °F to 158 °F (-20 °C to 70 °C)
Dimensions (W x H x D)
8.45" x 3.47" x 13.96" (214.5 x 88.2 x 354.6 mm)
8.45” x 3.47” x 17.52” (214.5 x 88.2 x 445 mm)
Weight
16.98 lbs. (7.7 kg)
33.07 lbs. (15 kg)
Three-Year Warranty
Standard Accessories
Power cord, instruction manual, test report, and certificate of calibration
Optional Accessories
IT-E151 rack mount kit
“1” Following a change in output current from 10% to 100% load with output recovery to within 15 mV.
Note: All specifications apply to the unit after a temperature stabilization time of 15 minutes over an ambient temperature range of 23 °C ± 5 °C.


Similar Part No. - 9130B

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
9130B BK-9130B Datasheet
511Kb / 4P
   Programmable Triple Output DC Power Supplies
More results

Similar Description - 9130B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1672 ETC2-1672 Datasheet
1Mb / 3P
   Three independent outputs
logo
Analog Devices
ADP5071 AD-ADP5071 Datasheet
1,002Kb / 28P
   Independent Positive and Negative Outputs
ADP5070 AD-ADP5070 Datasheet
1,023Kb / 28P
   Independent Positive and Negative Outputs
logo
AAEON Technology
EMB-Q87A AAEON-EMB-Q87A Datasheet
354Kb / 2P
   three independent display
EMB-Q87B AAEON-EMB-Q87B Datasheet
356Kb / 2P
   three independent display
EMB-Q170A AAEON-EMB-Q170A Datasheet
302Kb / 2P
   three independent display
logo
IXYS Corporation
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
   Electrically isolated back surface Electrically isolated back surface
logo
Recom International Pow...
RU-RUM RECOM-RU-RUM Datasheet
97Kb / 2P
   Twin Independent Outputs
logo
List of Unclassifed Man...
Q4004F312 ETC2-Q4004F312 Datasheet
236Kb / 10P
   Electrically-isolated packages
logo
Recom International Pow...
RUM RECOM-RUM Datasheet
97Kb / 2P
   Twin Independent Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com