Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8340-T130-K1K1 Datasheet(PDF) 2 Page - ETAL Group

Part # 8340-T130-K1K1
Description  Power supplies, control equipment, communication systems, EDP systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8340-T130-K1K1 Datasheet(HTML) 2 Page - ETAL Group

  8340-T130-K1K1 Datasheet HTML 1Page - ETAL Group 8340-T130-K1K1 Datasheet HTML 2Page - ETAL Group 8340-T130-K1K1 Datasheet HTML 3Page - ETAL Group 8340-T130-K1K1 Datasheet HTML 4Page - ETAL Group 8340-T130-K1K1 Datasheet HTML 5Page - ETAL Group 8340-T130-K1K1 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-T...
www.e-t-a.de
1646
2
1
Ordering information
Type No.
8340 circuit breaker with toggle actuator
Mounting
T rail mounting
Configuration
1 snap-on installation
Number of poles
1 single pole protected
2 two pole protected
3 three pole protected
Panel hardware
0
without panel hardware
Terminal design (main contact)
K1 recessed screw/pressure plates M4
Characteristic curve *)
Characteristic curve, instantaneous:
F1 DC
F2 AC 60/50 Hz
Short delay:
K1 DC
K2 AC
Medium delay:
M1 DC
M2 AC 60/50 Hz
Long delay:
T1 DC
T2 AC 60/50 Hz
Actuator colour / design
A black, long toggle
K black, short toggle
Marking on actuator
0 without marking
L I-O; ON-OFF
M I-O; ON-OFF (IN, UN, trip curve,
schematic diagram on housing top)
N I-O; ON-OFF (IN, on housing top)
Auxiliary contacts
H0 without auxiliary contacts
H1 with auxiliary contact
H2 with auxiliary contact
on one pole only (multipole)
Auxiliary contact function
(see internal connection diagrams)
2 1 N/O contact
3 1 N/C contact
Auxiliary contact terminal design
6
screw/pressure plate M3
Current ratings
0.02...50 A
8340 - T 1 1 0 - K1 M1 - A L H1 2 6 - 10 A ordering example
} magnetic,
hydraulic-magnetic
This is a metric design and millimeter dimensions take precedence ( mm )
inch
*) Other characteristic curves upon request (e.g. pulse delayed, for high
inrush currents or capacitive loads)
Approvals
Authority Standard
Rated voltage
Current ratings
VDE
IEC / EN
60934
AC 240/415 V
AC 240 V
DC 80 V
0.02 A…30 A
0.02 A…30 A
0.02 A…50 A
UL
UL 1077
AC 250 V
DC 80 V
DC 80 V
0.02 A…30 A
0.02 A…50 A
100 A (2 poles in
parallel)
UL
UL 489A
DC 80 V
0.05 A…30 A
(1 + 2 pole)
CSA
C22.2 No
235
AC 250 V
DC 80 V
0.02 A…30 A
0.02 A…30 A
CQC
GB 17701
AC 240/415 V
AC 240 V
DC 80 V
0.02 A…30 A
0.02 A…30 A
0.02 A…50 A
QPL
Sweden
Defence
Material
Admin.
MIL-C-55629 AC 240 V
DC 50 V
AC 240 V
AC 240 / 415 V
1 A…30 A (8340-F410)
1 A…30 A (8340-410)
1 A…30 A (8340-F420)
1 A…30 A (8340-F430)


Similar Part No. - 8340-T130-K1K1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8340-T110-K1M1-ALH126-10A ETC-8340-T110-K1M1-ALH126-10A Datasheet
410Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-T...
More results

Similar Description - 8340-T130-K1K1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8340-F ETAL-8340-F Datasheet
463Kb / 6P
   Control equipment, communications systems, transportation, power supplies
logo
ITT Industries
PCB-DNG ITT-PCB-DNG Datasheet
67Kb / 1P
   D Subminiature Communication Systems Information Systems Medical Test Equipment
logo
ETAL Group
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
   Control equipment, communications systems, instrumentation
logo
ITT Industries
PCB-ZD ITT-PCB-ZD Datasheet
62Kb / 1P
   D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
PCB-DM ITT-PCB-DM Datasheet
64Kb / 1P
   D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
logo
Micross Components
HMC362 MICROSS-HMC362 Datasheet
846Kb / 9P
   Satellite Communication Systems
logo
Z-Communications, Inc
PSA3295C-LF ZCOMM-PSA3295C-LF Datasheet
87Kb / 2P
   Satellite Communication Systems
PSA3240C-LF ZCOMM-PSA3240C-LF Datasheet
87Kb / 2P
   Satellite Communication Systems
logo
Micross Components
HMC555 MICROSS-HMC555 Datasheet
891Kb / 9P
   Satellite Communication Systems
logo
Analog Devices
HMC361S8G AD-HMC361S8G Datasheet
385Kb / 6P
   Satellite communication systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com