Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

410-K-1-05-SI-10A Datasheet(PDF) 3 Page - ETAL Group

Part # 410-K-1-05-SI-10A
Description  Motors, generators, transformers, thyristors and silicon rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

410-K-1-05-SI-10A Datasheet(HTML) 3 Page - ETAL Group

  410-K-1-05-SI-10A Datasheet HTML 1Page - ETAL Group 410-K-1-05-SI-10A Datasheet HTML 2Page - ETAL Group 410-K-1-05-SI-10A Datasheet HTML 3Page - ETAL Group 410-K-1-05-SI-10A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High Performance Thermal-Magnetic Circuit Breakers 410/520/530-...
www.e-t-a.de
1646
3
1
High Performance Thermal-Magnetic Circuit Breakers 410/520/530-...
line 1
line 1
line 1
6
I >
3
I >
I >
3
5
I >
line 1
2
2
11
12
13
14
4
I >
2
4
I >
11
12
13
14
I >
2
11
12
13
14
Type 410-K
Type 410-K-Si
Type 520-K-Si
Type 530-K-Si
… times rated current
… times rated current
12
46 8 10
20
40
10000
1000
100
10
1
0.1
0.01
0.001
60 80100
12
46 8 10
20
40
10000
1000
100
10
1
0.1
0.01
0.001
60 80100
01
02
04
05
B3
C3
Typical time/current characteristics at +23 °C/+73.4 °F
Internal connection diagrams
Shock directions
1
2
4
3
5
6
Magnetic trip curves 01,02,04,05
AC/DC1)
Magnetic trip curves B3,C3
AC/DC1)
1)
Magnetic tripping currents are increased by 20% on DC
supplies.


Similar Part No. - 410-K-1-05-SI-10A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
410-003-02 GLENAIR-410-003-02 Datasheet
29Kb / 1P
   TAG Ring Shield Termination
410-003-03 GLENAIR-410-003-03 Datasheet
29Kb / 1P
   TAG Ring Shield Termination
410-003-04 GLENAIR-410-003-04 Datasheet
29Kb / 1P
   TAG Ring Shield Termination
410-003-05 GLENAIR-410-003-05 Datasheet
29Kb / 1P
   TAG Ring Shield Termination
410-003-06 GLENAIR-410-003-06 Datasheet
29Kb / 1P
   TAG Ring Shield Termination
More results

Similar Description - 410-K-1-05-SI-10A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
4230-T1 ETAL-4230-T1 Datasheet
1Mb / 12P
   Protection of cables, motors, generators and transformers, thyristors and silicon rectifiers
logo
New Jersey Semi-Conduct...
2N5164 NJSEMI-2N5164 Datasheet
198Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
MCR264-4 NJSEMI-MCR264-4 Datasheet
98Kb / 2P
   Thyristors Silicon Controlled Rectifiers
logo
Motorola, Inc
S6200 MOTOROLA-S6200 Datasheet
78Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
2N6504 NJSEMI-2N6504 Datasheet
204Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
logo
Motorola, Inc
MCR218 MOTOROLA-MCR218 Datasheet
83Kb / 4P
   Thyristors(Silicon Controlled Rectifiers)
logo
New Jersey Semi-Conduct...
MCR218 NJSEMI-MCR218 Datasheet
102Kb / 2P
   Thyristors Silicon-Controlled Rectifiers
MCR1718-5 NJSEMI-MCR1718-5 Datasheet
138Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
MCR265-2 NJSEMI-MCR265-2 Datasheet
94Kb / 2P
   Thyristors Silicon Controlled Rectifiers
logo
ETAL Group
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com