Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4230-T120-K0DU-10A Datasheet(PDF) 6 Page - ETAL Group

Part # 4230-T120-K0DU-10A
Description  Protection of cables, motors, generators and transformers, thyristors and silicon rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

4230-T120-K0DU-10A Datasheet(HTML) 6 Page - ETAL Group

Back Button 4230-T120-K0DU-10A Datasheet HTML 2Page - ETAL Group 4230-T120-K0DU-10A Datasheet HTML 3Page - ETAL Group 4230-T120-K0DU-10A Datasheet HTML 4Page - ETAL Group 4230-T120-K0DU-10A Datasheet HTML 5Page - ETAL Group 4230-T120-K0DU-10A Datasheet HTML 6Page - ETAL Group 4230-T120-K0DU-10A Datasheet HTML 7Page - ETAL Group 4230-T120-K0DU-10A Datasheet HTML 8Page - ETAL Group 4230-T120-K0DU-10A Datasheet HTML 9Page - ETAL Group 4230-T120-K0DU-10A Datasheet HTML 10Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.e-t-a.de
6
Fault indicator module X4230-A for circuit breaker type 4230-T...
1638
1
Description
Typical applications
Mounting
Add-on module for MCB type 4230-T. The fault indicator has a
change-over contact as signal contact. There will only be a signal
when the MCB tripped on grounds of a failure (overload, short circuit),
but and not when the MCB was switched on or off manually.
By actuating the reset lever on the front the tripping signal is acknowl-
edged.
Status monitoring of MCB and/or the connected loads.
The add-on module is mounted on the left side of the MCB (seen
from the front). For mounting, the MCB has to be in the OFF position.
Order numbering code
Type No.
X4230 Add-on module for type 4230-T
Module type
A
Fault indicator module
Style
0 change-over contact
terminals
1 screw terminals
Key for nominal output
A (to IEC/EN 60947-5-1)
AC voltage
DC voltage
Rated
Rated
Rated
Rated
voltage
current
voltage
current
240 V
6 A
24 V
6 A
277 V
3 A
48 V
2 A
130 V
1 A
B (to UL 489)
12...240 V 6 A
12...24 V
6 A
415 V
3 A
48 V
3 A
130 V
1.5 A
Delivery condition:
L
supplied separately, has to be mounted by the user
X4230-A
0 1
A
L
ordering example
Mounting principle
Schematic diagrams
91
94
92
Note:
As soon as the fault indicator module is
mounted on the MCB,
the terminals 912 and 92 are connected
when the MCB is in ON condition;
ther terminals 91 and 94 are connected
when the MCB tripped electrically;
the terminals 91 and 92 are connected
when the MCB was tripped manually;
at the same time the terminals 91 and 94
do not have contact.
81 ± 0.5
45 ± 0.5
85.8 ± 0.5
9
4230-T...
X4230-A
Mounting instructions
Mounting to MCB to UL 489
The following steps have to be carried out for mounting the fault
indicator module:
- Remove the left-side covers for the latching notches of the fault
indicator module on both isolation pieces of the MCB, e.g. by
means of a screw driver
- Pull off the isolation pieces from the MCB to the front
- Remove blanking plug on MCB to open left-side holes for latching
notches of indicator switch
- Re-insert isolation pieces onto MCB
- Pull off left-side adhesive cover and carefully remove the perforated
cover below
Caution: the MCB to UL489 must only be operated with the insulation
pieces fitted.
Technical Data
Rated currents to IEC/EN 60947-5-1:
Rated currents to UL 489:
Typical life
20,000 cycles
Tightening torque
1 Nm max.
Ambient temperature
-35 °C ...+ 70 °C
Width
9 mm
Mass
approx. 29 g
Voltage
ratings:
AC 240 V AC 415 V DC 24 V DC 48 V DC 130 V
Current
ratings:
6 A
3 A
6 A
2 A
1 A
Voltage
ratings:
AC 12…
240 V
AC 277 V DC 12
... 24 V
DC 48 V DC 110
... 220 V
Current
ratings:
6 A
3 A
6 A
3 A
1.5 A
Approval
authority
Standard
Types
UL
UL 489
with key index "B"
Approvals


Similar Part No. - 4230-T120-K0DU-10A

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4230-00 PEREGRINE-4230-00 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-21 PEREGRINE-4230-21 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-22 PEREGRINE-4230-22 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-51 PEREGRINE-4230-51 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-52 PEREGRINE-4230-52 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
More results

Similar Description - 4230-T120-K0DU-10A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
410-K ETAL-410-K Datasheet
318Kb / 4P
   Motors, generators, transformers, thyristors and silicon rectifiers
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
   Accurate and reliable control of motors
logo
ETAL Group
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
logo
STMicroelectronics
TN1173 STMICROELECTRONICS-TN1173 Datasheet
336Kb / 23P
   Packing information for IPAD?? protection, rectifiers, thyristors and AC Switches
November 2016 Rev 4
logo
ETAL Group
2-6400 ETAL-2-6400 Datasheet
212Kb / 4P
   Motors, transformers, solenoids, controls for oil and gas boilers
logo
PHOENIX CONTACT
1424661 PHOENIX-1424661 Datasheet
89Kb / 4P
   Reliable and quick connection of electric cables
1424649 PHOENIX-1424649 Datasheet
87Kb / 4P
   Reliable and quick connection of electric cables
logo
XFMRS Inc.
ISO9001-CERT XFMRS-ISO9001-CERT Datasheet
676Kb / 6P
   Design and manufacture of chokes, inductors, transformers and connectors
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
   PLUGS AND CABLES
logo
New Jersey Semi-Conduct...
2N5164 NJSEMI-2N5164 Datasheet
198Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com