Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2216-S120-P1M1S101 Datasheet(PDF) 2 Page - ETAL Group

Part # 2216-S120-P1M1S101
Description  Protection of AC and DC control circuits in industrial automation applications and buildings, e.g. in the chemical industry, power plants, steel industry and machine construction
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

2216-S120-P1M1S101 Datasheet(HTML) 2 Page - ETAL Group

  2216-S120-P1M1S101 Datasheet HTML 1Page - ETAL Group 2216-S120-P1M1S101 Datasheet HTML 2Page - ETAL Group 2216-S120-P1M1S101 Datasheet HTML 3Page - ETAL Group 2216-S120-P1M1S101 Datasheet HTML 4Page - ETAL Group 2216-S120-P1M1S101 Datasheet HTML 5Page - ETAL Group 2216-S120-P1M1S101 Datasheet HTML 6Page - ETAL Group 2216-S120-P1M1S101 Datasheet HTML 7Page - ETAL Group 2216-S120-P1M1S101 Datasheet HTML 8Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.e-t-a.de
2
Thermal-Magnetic Circuit Breaker 2216-S…
1646
1
Approvals
12.3
.484
45
1.77
90
3.54
Operating area
optional labels
45
12.3
optional labels
.484
1.77
90
3.54
Operating area
Envelope size to DIN 43880 (Size 1)
The envelope size of type 2216-S with socket 80plus or 81plus complies
with the requirements of DIN 43880 (built-in equipment for electrical installation).
Envelope size 2216-S with
socket 80plus or 81plus
17,5
70
70
12,5
5
6
3
4
2
1
Shock directions
Dimensions 2216-S11 with socket 80plus
Dimensions 2216-S11 with socket 81plus
Envelope size to DIN 43880
Schematic diagram
0I
1
11
12 14
2
line
I >
Authority Standard
Voltage
ratings
Current ratings
CSA
C22.2 No. 235
AC 277 V
DC 50 V
DC 80 V
0.1...16 A (1-, 2-pole)
0.1...16 A (1-pole)
0.1...16 A (2-pole)
VDE
IEC / EN 60934
AC 240 V
DC 50 V
DC 80 V
0.1...16 A (1-, 2-pole)
0.1...16 A (1-pole)
0.1...16 A (2-pole)
UL
UL 1077
C22.2 No 235
AC 277 V
DC 50 V
DC 80 V
0.1...16 A (1-, 2-pole)
0.1...16 A (1-pole)
0.1...16 A (2-pole)
GL
IEC / EN 60934
AC 240 V
DC 50 V
DC 80 V
0.1...16 A (1-, 2-pole)
0.1...16 A (1-, 2-pole)
0.1...16 A (2-pole)
UL *)
UL 60947-4-1A
C22.2 No 60947-4-1
AC 277 V
DC 50 V
DC 80 V
0.1...10 A (1-, 2-pole)
0.1...16 A (1-pole)
0.1...10 A (2-pole)
*) cULus (listed) using with socket 80PLUS or socket 81PLUS
Dimensions 2216-S1
45
1.77
max. 12.3
max. .484
11211142
Operating area
Optional labels
45
1.77
(12.3) (12.3)
.484
.484
max. 24.6
max. .969
11211142
Operating area
optional labels
Pole 2
Pole 1
1-pole
2-pole
45
1.77
max. 12.3
max. .484
11211142
Operating area
Optional labels


Similar Part No. - 2216-S120-P1M1S101

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2216-S1-A-X TEC-2216-S1-A-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
2216-S1-B-X TEC-2216-S1-B-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
2216-S1-C-X TEC-2216-S1-C-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
2216-S1-D-X TEC-2216-S1-D-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
2216-S1-E-X TEC-2216-S1-E-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
More results

Similar Description - 2216-S120-P1M1S101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
Endress+Hauser Group Se...
CPA871 EH-CPA871 Datasheet
792Kb / 24P
   Flexible retractable process assembly for water, wastewater, chemical industry and heavy industry
2022-09-02
logo
Omron Electronics LLC
E3X-NA11 OMRON-E3X-NA11 Datasheet
2Mb / 20P
   The Highest Level of Power and Precision in the Industry with ?쏥IGA RAY??Giga Power Lighting Element
logo
Endress+Hauser Group Se...
CPS341D EH-CPS341D Datasheet
530Kb / 12P
   pH sensor for use in the pharmaceutical industry and food production
2022-11-21
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
   Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
ETAL Group
1180-01 ETAL-1180-01 Datasheet
278Kb / 4P
   Protection of loads in power distribution systems in control cabinets and process control
logo
Endress+Hauser Group Se...
CPS61E EH-CPS61E Datasheet
508Kb / 12P
   pH sensor for bioreactors in life sciences and for the food industry
2021-10-08
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
International Rectifier
CHL8203 IRF-CHL8203 Datasheet
273Kb / 2P
   Digital Multi-Phase Buck Controller Easiest layout and fewest pins in the industry
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com