Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

483-G Datasheet(PDF) 2 Page - ETAL Group

Part # 483-G
Description  Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

483-G Datasheet(HTML) 2 Page - ETAL Group

  483-G Datasheet HTML 1Page - ETAL Group 483-G Datasheet HTML 2Page - ETAL Group 483-G Datasheet HTML 3Page - ETAL Group 483-G Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Performance Thermal Circuit Breaker 483-...
www.e-t-a.de
1646
2
1
Ordering information for approved devices
Internal connection diagrams
line 2
line 1
line 1
1
2
12
11
2
5
3
with auxiliary contact
with polarized auxiliary contact
Type No.
483
single pole, with temperature compensation
Mounting
G threadneck panel mounting, standard
Threadneck design
1 M12x1x6.4x8.8 dia. with mounting plate (aux. contact version)
3 MJ12x6.4x8.8 dia. (without aux. contact)
4 M12x1x6.4x8.8 dia. (without aux. contact)
5 7/16-32UNx6.4x7.8 dia. (without aux. contact)
6 M12x1x9.4x8.8 dia. (without aux. contact)
Hardware for threadneck (washers)
0 without hardware
1 wave washer 12/15 - mounted
2 mounted washer 12.1/17.2 - mounted
3 mounted washer 11.3/14.9 - mounted
(threadneck design 5,7 only)
Hardware for threadneck (nuts)
0 without hardware
1 hex nut M12x1 (threadneck design 1, 4, 6 only)
3 hex nut 7/16-32UN (threadneck design 5, 7 only)
4 hex nut M12x1, aluminium, fitted (threadneck design 8 only)
5 hex nut MJ12x1 (only with threadneck design 3)
Terminal design (main terminals)
K screws terminals with metric thread
1 K14 (M4, MJ4)
J screw terminals with inch thread
1 J14 (8-32UNC-2B)
2 J17 (8-32UNC-2B)
3 J25 (6-32UNC-2B)
Characteristic curve
M1 thermal, 1.15-1.38 IN
Terminal screws
A Phillips screw M4x6
B Phillips screw 8-32UNC-2Ax6 (MS 51957-41)
C Phillips screw 6-32UNC-2Ax6 (MS 51957-26)
D slotted flat head screw M4x6
E hex screw with Phillips head 8-32UNC-3A-9.5
L Phillips screw MJ4x6
Z without accessories
Terminal washers
0 without lock washer
1 lock washer B4
2 lock washer 4.3 (MS 35338-137)
4 lock washer 3.7 (MS 35338-136)
Auxiliary contact
S0 without auxiliary contact
S1 with auxiliary contact (N/C) connector
to EN3155-016M2018, size 20
S5 with polarized auxiliary contact (N/C)
Barrier
Z without barrier (standard)
Colour of the push button
blank: black (standard) (e. g. 7.5)
N
black, marking to EN (e. g. 7 1/2)
Current ratings
1...35 A
483 - G 4 1 1 - K 1 M1 - A 1 S0 Z
. - 5 A ordering example
Ordering information
483-G411-K1M1-A1S0ZN
Metric threadneck M12x1 and terminal design -K14 (M4x6), listed
by the German Materialamt der Bundeswehr to VG 95345 T06.
483-G533-J1M1-B2S0ZN (MS 3320)
Threadneck size 7/16-32UNSx6.4 and terminal design -J14
(inch thread 8-32), approved to MS 3320.
483-G533-J3M1-C4S0Z (483-TC-G11-J25)
Threadneck size 7/16-32UNSx6.4 and terminal design -J25
(inch thread 6-32), listed by the German Materialamt der
Bundeswehr to VG 95345, part 6.
Preferred types
Standard current ratings (A)
1
2
2.5
3
5
6
7.5
10
15
20
25
30
35
483-G411-K1M1-A1S0Z-
x
x
x
x
x
x
x
x
x
x
x
x
x
483-G411-K1M1-A1S0ZN- (VG 95345 T06)
x
x
x
x
x
x
x
x
x
x
x
x
x
Preferred types


Similar Part No. - 483-G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
483-01 MICROSEMI-483-01 Datasheet
239Kb / 3P
   THREE PHASE 25 AMP RECTIFIER BRIDGES
483-02 MICROSEMI-483-02 Datasheet
239Kb / 3P
   THREE PHASE 25 AMP RECTIFIER BRIDGES
logo
ON Semiconductor
483-02 ONSEMI-483-02 Datasheet
50Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
May, 2007 - Rev. 02H
logo
Microsemi Corporation
483-03 MICROSEMI-483-03 Datasheet
239Kb / 3P
   THREE PHASE 25 AMP RECTIFIER BRIDGES
483-1 MICROSEMI-483-1 Datasheet
81Kb / 2P
   RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 25 AMP, MILITARY APPROVED
More results

Similar Description - 483-G

ManufacturerPart #DatasheetDescription
logo
ETAL Group
583-G ETAL-583-G Datasheet
267Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
4930-01 ETAL-4930-01 Datasheet
202Kb / 4P
   Aircraft electrical systems and equipment, and other high performance applications
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
413-K14 ETAL-413-K14 Datasheet
209Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
   Control equipment, communications systems, instrumentation
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com