Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

482-G100-K1M1-A Datasheet(PDF) 3 Page - ETAL Group

Part # 482-G100-K1M1-A
Description  Extra low voltage wiring systems on all types of vehicles for land, sea and air, battery powered machines, process control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

482-G100-K1M1-A Datasheet(HTML) 3 Page - ETAL Group

  482-G100-K1M1-A Datasheet HTML 1Page - ETAL Group 482-G100-K1M1-A Datasheet HTML 2Page - ETAL Group 482-G100-K1M1-A Datasheet HTML 3Page - ETAL Group 482-G100-K1M1-A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High Performance Thermal Circuit Breaker 482-...
www.e-t-a.de
1646
3
1
High Performance Thermal Circuit Breaker 482-...
+75 °C
+167 °F
+23 °C
+73.4 °F
-55 °C
-67 °F
… times rated current
… times rated current
+75 °C
+167 °F
+23 °C
+73.4 °F
-55 °C
-67 °F
12
46 8 10
20
40
10000
1000
100
10
1
0.1
0.01
0.001
6080100
12
46 810
20
40
10000
1000
100
10
1
0.1
0.01
0.001
6080100
Typical time/current characteristics
0.1...2.5 A
3...50 A
Splash cover black /hex nut assembly with O ring (IP54)
X 200 802 01 nickel plated nut M12x1
X 200 802 02 matt black finish nut M12x1
Splash cover /hex nut assembly with O ring (IP66 and IP67)
X 200 801 08 nickel plated nut M12x1, transparent cover
X 200 801 03 matt black finish nut M12x1, black cover
X 200 801 12 with blackened nut and transparent cover
M12x1
Actuator extension (black)
to be fitted on the push button
X 200 803 01
M12x1
ø20
ø.787
Accessories (approved to VG 95345, part 23)
Identification collar to be snapped on the push button
Y 307 004 01 black
Y 307 004 02 white
Y 307 004 03 red
Y 307 004 04 green
Y 307 004 05 blue
Lock out ring to block the push button in OFF position
Y 307 005 01 red
Y 307 005 02 black
ø6.85
ø12.35
ø14
.270
.551
.486
0.65
.026
0.8
.031
ø10.9
ø14.6
.575
.429
Accessories
This is a metric design and millimeter dimensions take precedence ( mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.


Similar Part No. - 482-G100-K1M1-A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
482 LITTELFUSE-482 Datasheet
67Kb / 2P
   Blade Terminal & Special Purpose Fuses
logo
Mallory performance clu...
482 MALLORY-482 Datasheet
68Kb / 2P
   ADJUSTABLE FLANGE DISTRIBUTOR ADJUSTMENT
logo
List of Unclassifed Man...
482 ETC2-482 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Bi technologies
482 BITECH-482 Datasheet
255Kb / 3P
   Precision Potentiometer / Position Sensor
logo
List of Unclassifed Man...
4820 ETC2-4820 Datasheet
232Kb / 2P
   NYLON M/F HEX STANDOFF
More results

Similar Description - 482-G100-K1M1-A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
413-K14 ETAL-413-K14 Datasheet
209Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
4120-G ETAL-4120-G Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1170-21 ETAL-1170-21 Datasheet
218Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1610-21 ETAL-1610-21 Datasheet
259Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
437-K12 ETAL-437-K12 Datasheet
206Kb / 2P
   Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
E-1073 ETAL-E-1073 Datasheet
268Kb / 6P
   Battery and cable protection for all types of vehicle (including electric), battery powered systems.
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com