Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2210-S211-P1F2-H2 Datasheet(PDF) 4 Page - ETAL Group

Part # 2210-S211-P1F2-H2
Description  Process control equipment, robotics, machine tool control, communicationssystems, instrumentation, rail vehicles. Special versions, e.g. for aggressive environmental conditions and low voltages (e. g. 5 V) on request
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

2210-S211-P1F2-H2 Datasheet(HTML) 4 Page - ETAL Group

  2210-S211-P1F2-H2 Datasheet HTML 1Page - ETAL Group 2210-S211-P1F2-H2 Datasheet HTML 2Page - ETAL Group 2210-S211-P1F2-H2 Datasheet HTML 3Page - ETAL Group 2210-S211-P1F2-H2 Datasheet HTML 4Page - ETAL Group 2210-S211-P1F2-H2 Datasheet HTML 5Page - ETAL Group 2210-S211-P1F2-H2 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Thermal-Magnetic Circuit Breaker 2210-S2...
www.e-t-a.de
1646
4
1
The time/current characteristic curve depends on the ambient temperature
prevailing. In order to eliminate nuisance tripping, please multiply the circuit
breaker current ratings by the derating factor shown below. See also section
Technical information.
Multi pole devices: all poles symmetrically loaded. With single pole overload,
thermal tripping will be at max. 1.7 x IN with curves F1, F2 and M1 at max. 2.2 x
IN with curve M3.
1)
Magnetic tripping currents are increased by 30% on DC supplies
(curves M1, M3, T1).
Ambient °F
temp.
°C
-22
-30
-4
-20
+14
-10
+32
0
+73.4
+23
+86
+30
+104
+40
+122
+50
+140
+60
Derating factor
0.76 0.79 0.83 0.88
1
1.04 1.11
1.19 1.29
-T1 8…25 A
AC only
100
10
1
0.1
0.01
0.001
12
46 810 20 40
10000
1000
6080100
… times rated current
100
10
1
0.1
0.01
0.001
12
46 810 20 40
10000
1000
6080100
… times rated current
100
10
1
0.1
0.01
0.001
12
46 810 20 40
10000
1000
6080100
… times rated current
-M1 0.1…6 A
AC/DC 1)
-T1 0.1…6 A
AC only
-M1 8…25 A
AC/DC 1)
-M3 0.1…5 A
AC/DC 1)
-M3 6…16 A
AC/DC 1)
100
10
1
0.1
0.01
0.001
12
46 810 20 40
10000
1000
6080100
… times rated current
100
10
1
0.1
0.01
0.001
12
46 810 20 40
10000
1000
6080100
… times rated current
100
10
1
0.1
0.01
0.001
12
46 810 20 40
10000
1000
6080100
… times rated current
Typical time/current characteristics


Similar Part No. - 2210-S211-P1F2-H2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-005 ETC2-2210-005 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-010 ETC2-2210-010 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-025 ETC2-2210-025 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-050 ETC2-2210-050 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
More results

Similar Description - 2210-S211-P1F2-H2

ManufacturerPart #DatasheetDescription
logo
ETAL Group
201 ETAL-201 Datasheet
258Kb / 4P
   Process control systems, instrumentation, rail vehicles
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
   Control systems, instrumentation, medical equipment, machine tools, robotics
3500-P10 ETAL-3500-P10 Datasheet
154Kb / 2P
   Control systems, instrumentation, medical equipment, machine tools, robotics, communications systems
logo
Pepperl+Fuchs Inc.
DA6-IU-2K-C PF-DA6-IU-2K-C Datasheet
739Kb / 3P
   Process control and indication equipment
DA6-IU-2K-V PF-DA6-IU-2K-V Datasheet
739Kb / 3P
   Process control and indication equipment
logo
ETAL Group
446-K ETAL-446-K Datasheet
174Kb / 2P
   Heavy duty vehicles, battery systems, process control
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
   Control equipment, communications systems, instrumentation
logo
Schurter Inc.
0888.0221 SCHURTER-0888.0221 Datasheet
215Kb / 3P
   custom specific versions on request
logo
ETAL Group
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
logo
Weidmuller
0459460000 WEIDMULLER-0459460000 Datasheet
63Kb / 3P
   Surge protection for instrumentation and control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com