Electronic Components Datasheet Search |
|
4230-T110-K0BU-10A Datasheet(PDF) 11 Page - ETAL Group |
|
4230-T110-K0BU-10A Datasheet(HTML) 11 Page - ETAL Group |
11 / 12 page www.e-t-a.de 11 Accessories - Busbars for 4230-T... 1638 1 Accessories - Busbars for 4230-T... Busbars for IEC applications, to be cut to length 17.8 3.6 1.5 1 14.5 14.7 56x17.8 = 996.8 17.8 4 56x17.8 = 996.8 6 13 2 17.7 6 11 16.5 2 27.1 13 84.2 17.8 4x17.8 = 71.2 Busbars for the connection of circuit breakers type 4230-..E.. to IEC 60947-2. The busbars of 1m length can individually be cut to a suita- ble length for the application and isolated with end caps. The models marked with "HS" are suitable for use with auxiliary con- tact modules with a width of 9 mm. Busbar cross section: 16 mm² Max. busbar current Is (at 35°C): with supply at the end: 80 A with supply in the middle: 130 A Short circuit strength Icc: 10 kA Max. operating voltage: 690 V AC/DC Degree of protection: IP20 Step size: 17.8 mm Accessories for busbars to IEC 60947 that can be cut to length: supply terminal for multipole busbars: part number Y 311 630 01 Cross-section 6 – 25 mm², solid/stranded 4 – 16 mm², finely stranded with wire end ferrule: Ampacity: max. 80 A Accessories for busbars to IEC 60947 that can be cut to length: supply terminal for multipole busbars: part no. Y 311 631 01 Cross-section 6 – 50 mm², solid/stranded 4 – 35 mm², finely stranded with wire end ferrule: Tightening torque: 1 Nm (at 6 mm²) 3.5 Nm (at 50 mm²) Ampacity: max. 125 A Degree of protection: IP20, isolated bottom end caps for single pole busbars: part no. Y 307 851 01 for 2-/3-pole busbars part no. Y 308 506 01 for four-pole busbars: part no. Y 311 633 01 Protection against brush contact part no. Y 311 632 01 Number of poles Number of modules part no. 1-pole 57 Y 311 622 01 2-pole 56 Y 311 623 01 3-pole 57 Y 311 624 01 4-pole 56 Y 311 625 01 1-pole + HS 37 Y 311 626 01 2-pole + HS 46 Y 311 627 01 3-pole + HS 48 Y 311 628 01 4-pole + HS 52 Y 311 629 01 HS = application with auxiliary switch 9 mm |
Similar Part No. - 4230-T110-K0BU-10A |
|
Similar Description - 4230-T110-K0BU-10A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |