Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2216-S110-P1F2-S001 Datasheet(PDF) 1 Page - ETAL Group

Part # 2216-S110-P1F2-S001
Description  Protection of AC and DC control circuits in industrial automation applications and buildings, e.g. in the chemical industry, power plants, steel industry and machine construction
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

2216-S110-P1F2-S001 Datasheet(HTML) 1 Page - ETAL Group

  2216-S110-P1F2-S001 Datasheet HTML 1Page - ETAL Group 2216-S110-P1F2-S001 Datasheet HTML 2Page - ETAL Group 2216-S110-P1F2-S001 Datasheet HTML 3Page - ETAL Group 2216-S110-P1F2-S001 Datasheet HTML 4Page - ETAL Group 2216-S110-P1F2-S001 Datasheet HTML 5Page - ETAL Group 2216-S110-P1F2-S001 Datasheet HTML 6Page - ETAL Group 2216-S110-P1F2-S001 Datasheet HTML 7Page - ETAL Group 2216-S110-P1F2-S001 Datasheet HTML 8Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.e-t-a.de
1
Thermal-Magnetic Circuit Breaker 2216-S…
1646
1
Type no.
2216 thermal-magnetic circuit breaker
Mounting method
S1 plug-in mounting
Number of poles
1 1-pole
2 2-pole
Additional function / accessories
0
without
Main terminals
P1 blade terminals A6.3 x 0.8 with polarising
tooth (standard)
Characteristic curve
F1 therm. 1.01-1.4 x IN; magn. 2-4 x IN (only for DC)
F2 therm. 1.01-1.4 x IN; magn. 3-6 x IN AC / 4-8 IN DC
M1 therm. 1.01-1.4 x IN; magn. 6-12 x IN AC / 8-15 IN DC
Auxiliary contacts
S0 without auxiliary contact
S1 with auxiliary contact
Auxiliary contact function
0 without
1 change-over
Auxiliary contact terminals
0 without
1 blade terminals A6.3 x 0.8
with polarising tooth (standard)
Voltage rating
A ≤ AC 277 V, ≤ DC 80 V
Current ratings
0.5....16 A
2216 - S1 1 0 - P1 F1- S1 1 1 - A-16A Ordering example
Description
Typical applications
Technical data
One and two pole thermal-magnetic circuit breaker in compact design
with slide actuator, trip-free mechanism, various trip characteristics and
optional auxiliary contacts.
Meets the requirements of the circuit breaker standard EN 60934
(IEC 60934): S-type, TM.
Protection of AC and DC control circuits in industrial automation
applications and buildings, e.g. in the chemical industry, power
plants, steel industry and machine construction (machine tools,
packing machines etc.)
Voltage rating
AC 240 V (50/60 Hz); DC 50 V (1-pole)
DC 80 V (2-pole)
Current rating range
0.5...16 A
Auxiliary circuit
AC 240 V, 0.5 A (VDE)
AC 277 V, 0.5 A (UL)
DC 50 V, 1 A (VDE/UL)
Typical life
6,000 operations at 1 x IN
3,000 operations at 1 x IN
DC 80 V, 2-pole
Ambient temperature
-30...60 °C
Insulation co-ordination
(IEC 60664)
2,5 kV/2
re-inforced insulation in operating area
Dielectric strength
operating area
test voltage AC 3,000 V
main/aux. circuit
test voltage AC 1,500 V
Open aux. circuit
AC 1,000 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
AC 240 V 1-pole
300 A
DC 32 V
1-pole
1500 A
DC 50 V
1-pole
600 A
AC 240 V 2-pole
400 A
DC 32 V
2-pole
1500 A
DC 80 V
2-pole
600 A
Interrupting capacity
AC 277 V
1,000 A
(UL 1077)
DC 50 V
1-pole
1,000 A
DC 80 V
2-pole
1,000 A
Degree of protection
operating area IP30
(IEC 60529)
terminal area IP00
Vibration
curve F1:
5 g (57-500 Hz), ± 0.38 mm (10-57 Hz);
curves F2, M1:
8 g (57-500 Hz) ± 0.61 mm (10-57 Hz)
test to IEC 60068-2-6, test Fc,
10 frequency cycles per axis
Shock
curve F1:
15 g (11 ms) for shock direction 1-6
curves F2, M1:
30 g (11 ms) for shock direction 1-6
test to IEC 60068-2-27, test Ea
Corrosion
96 hrs in 5 % salt mist,
test to IEC 60068-2-11, test Ka
Humidity
240 hrs in 95 % RH,
test to IEC 60068-2-78, test Cab
Mass
approx. 25 g (per pole with aux. contact)
Ordering information
Standard current ratings and typical internal resistance values
Current rating
(A)
Internal
resistance (Ω)
Current rating
(A)
Internal
resistance (Ω)
0.5
5.0
6
0.05
1
1.1
8
≤ 0.02
2
0.3
10
≤ 0.02
3
0.14
12
≤ 0.02
4
0.09
15
≤ 0.02
5
0.06
16
≤ 0.02
2216-S11
with socket
with socket
80plus
81plus


Similar Part No. - 2216-S110-P1F2-S001

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2216-S1-A-X TEC-2216-S1-A-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
2216-S1-B-X TEC-2216-S1-B-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
2216-S1-C-X TEC-2216-S1-C-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
2216-S1-D-X TEC-2216-S1-D-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
2216-S1-E-X TEC-2216-S1-E-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
More results

Similar Description - 2216-S110-P1F2-S001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
Endress+Hauser Group Se...
CPA871 EH-CPA871 Datasheet
792Kb / 24P
   Flexible retractable process assembly for water, wastewater, chemical industry and heavy industry
2022-09-02
logo
Omron Electronics LLC
E3X-NA11 OMRON-E3X-NA11 Datasheet
2Mb / 20P
   The Highest Level of Power and Precision in the Industry with ?쏥IGA RAY??Giga Power Lighting Element
logo
Endress+Hauser Group Se...
CPS341D EH-CPS341D Datasheet
530Kb / 12P
   pH sensor for use in the pharmaceutical industry and food production
2022-11-21
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
   Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
ETAL Group
1180-01 ETAL-1180-01 Datasheet
278Kb / 4P
   Protection of loads in power distribution systems in control cabinets and process control
logo
Endress+Hauser Group Se...
CPS61E EH-CPS61E Datasheet
508Kb / 12P
   pH sensor for bioreactors in life sciences and for the food industry
2021-10-08
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
International Rectifier
CHL8203 IRF-CHL8203 Datasheet
273Kb / 2P
   Digital Multi-Phase Buck Controller Easiest layout and fewest pins in the industry
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com