Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3900-P10-SI-0.05A Datasheet(PDF) 4 Page - ETAL Group

Part # 3900-P10-SI-0.05A
Description  Process control systems, instrumentation, communications systems,
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

3900-P10-SI-0.05A Datasheet(HTML) 4 Page - ETAL Group

  3900-P10-SI-0.05A Datasheet HTML 1Page - ETAL Group 3900-P10-SI-0.05A Datasheet HTML 2Page - ETAL Group 3900-P10-SI-0.05A Datasheet HTML 3Page - ETAL Group 3900-P10-SI-0.05A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thermal-Magnetic Circuit Breakers 3600/3900
www.e-t-a.de
1646
4
1
Accessories
1
0.5
12.5
7.3
M4
8.5
60.4
50
16.5
20
.039
.020
.335
.287
.492
.650 .787
2.38
1.97
100 quick-connect tabs 6.3 (.250)
DIN 46247 tinned brass,
insulated
Connector bus links -P10
X 210 588 01/ 1.5 mm2 (AWG 16), brown up to 13 A max. load
X 210 588 02/ 2.5 mm2 (AWG 14), black up to 20 A max. load
X 210 588 03/ 2.5 mm2 (AWG 14), red up to 20 A max. load
X 210 588 04/ 2.5 mm2 (AWG 14), blue up to 20 A max. load
9
5.4
125
.213
.354
4.92
cylinder head screw washer
M4x4 ISO1207
nickel plated
A 4.3 DIN 125
nickel plated
female
connector
Phoenix terminal AKG 35
max.cross section 35 mm2 (AWG 2)
M4
12.8
7
154.8
pressure-relief joint
(1.1 mm (.043 in.)
thick constriction)
Cu rail, tin-plated
.504
.276
6.09
Extraction tool
Y 301 398 02
Bus bar (10-way) (supplied as a complete package)
for socket 17 (for max. 100 A continuous load)
X 211 157 01 with terminal
X 211 157 02 without terminal
(more positions available on request)
Insulate sleeving for bus bar
Y 303 824 01
Mounting clip
Y 300 504 02
(2 pcs needed per unit)
Installation drawing with
mounting clips Y 300 504 02
56
2.21
This is a metric design and millimeter dimensions take precedence ( mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.


Similar Part No. - 3900-P10-SI-0.05A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3900-4500 MOLEX-3900-4500 Datasheet
346Kb / 5P
   Fine Adjust Applicator for Micro-Fit 3.0 Crimp Terminals
07-06-17
More results

Similar Description - 3900-P10-SI-0.05A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
   Control equipment, communications systems, instrumentation
201 ETAL-201 Datasheet
258Kb / 4P
   Process control systems, instrumentation, rail vehicles
3500-P10 ETAL-3500-P10 Datasheet
154Kb / 2P
   Control systems, instrumentation, medical equipment, machine tools, robotics, communications systems
8335-F ETAL-8335-F Datasheet
441Kb / 6P
   Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
8340-F ETAL-8340-F Datasheet
463Kb / 6P
   Control equipment, communications systems, transportation, power supplies
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
   Control systems, instrumentation, medical equipment, machine tools, robotics
446-K ETAL-446-K Datasheet
174Kb / 2P
   Heavy duty vehicles, battery systems, process control
logo
Micross Components
HMC247 MICROSS-HMC247 Datasheet
1Mb / 15P
   E-Band Communications Systems
logo
Analog Devices
HMC1081 AD-HMC1081 Datasheet
460Kb / 8P
   E-Band Communications Systems
HMC1057 AD-HMC1057 Datasheet
1Mb / 12P
   E-Band Communications Systems
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com