Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3120-F713R-PTT1 Datasheet(PDF) 11 Page - ETAL Group

Part # 3120-F713R-PTT1
Description  Medical and laboratory equipment, apparatus and machine construction, professional tools, household and garden appliances, offices machines, audio equipment, machine tools
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

3120-F713R-PTT1 Datasheet(HTML) 11 Page - ETAL Group

Back Button 3120-F713R-PTT1 Datasheet HTML 7Page - ETAL Group 3120-F713R-PTT1 Datasheet HTML 8Page - ETAL Group 3120-F713R-PTT1 Datasheet HTML 9Page - ETAL Group 3120-F713R-PTT1 Datasheet HTML 10Page - ETAL Group 3120-F713R-PTT1 Datasheet HTML 11Page - ETAL Group 3120-F713R-PTT1 Datasheet HTML 12Page - ETAL Group 3120-F713R-PTT1 Datasheet HTML 13Page - ETAL Group 3120-F713R-PTT1 Datasheet HTML 14Page - ETAL Group 3120-F713R-PTT1 Datasheet HTML 15Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.e-t-a.de
11
Thermal Circuit Breaker 3120-F...
1616
1
Thermal Circuit Breaker 3120-F...
Technical Data (type X3120-B, without filter)
Technical Data (type X3120-A with filter)
Rated voltage
AC 240 V
Current rating
(inlet)
16 A (IEC)
20 A (UL/CSA)
Ambient temperature
-25°C ...+60°C
Number of poles
L, N + earth
Protection class:
I
Mounting method:
screw-type mounting
(front or rear)
Connection:
blade terminals DIN 46244
6.3 mm x 0.8 mm
Housing material:
thermoplastics, black UL94V-0
Appliance inlet:
C20 according to IEC/EN 60320-1,
UL498
Mains switch:
Circuit breaker 3120-F5/-F7/-F8
(3120-F8 with push button actuation:
technical data upon request)
Rated voltage
AC 250 V
Current rating (inlet)
10 A (IEC)
15 A (UL/CSA)
Current rating (filter)
1 A, 3 A, 6 A, 8 A, 10 A, 12 A, 15 A
Ambient temperature
-25°C ...+60°C
Number of poles
L, N + earth
Protection class:
I
Mounting method:
screw-type mounting
(front or rear)
Connection:
blade terminals DIN 46244
6.3 mm x 0.8 mm
Housing material:
thermoplastics, black UL94V-0
Appliance inlet:
C14 according to IEC/EN 60320-1,
UL498
Mains switch:
Circuit breaker 3120-F5/-F7/-F8
(3120-F8 with push button actuation:
technical data upon request)
Cut-out dimensions (type X3120-B)
Cut-out dimensions (type X3120-A)
Dimensions (type X3120-B)
Dimensions (type X3120-A)
5.5
0.21
circuit breaker 3120
26
47
1.0
1.85
37
1.457
Ø 3.3
Ø .130
36.2
1.43
Ø 3.3
Ø .130
49.3
1.94
11.8
.465
40
1.57
90 ±0.1
79.5 ±0.3
80.0 ± .1
72.0 +.3
-.0
-.00
R3.0 +.0
-1.0
-.03
(4x)
(4x)
2.83 +.01
3.15±.00
.12 +.00


Similar Part No. - 3120-F713R-PTT1

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
3120-LTE-1 MOXA-3120-LTE-1 Datasheet
751Kb / 5P
   Industrial LTE Cat. 1 cellular gateways
More results

Similar Description - 3120-F713R-PTT1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
3131-A ETAL-3131-A Datasheet
469Kb / 6P
   Motor protection, transformer protection, household appliances and office equipment, electrical tools, mobile homes, watercraft, construction vehicles, medical equipment
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
   Control systems, instrumentation, medical equipment, machine tools, robotics
logo
Hirose Electric
H.FL-DFS111A HIROSE-H.FL-DFS111A Datasheet
253Kb / 24P
   Others, machine tools and jigs
logo
DB Lectro Inc
NT90T DBLECTRO-NT90T_05 Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-A HUAXINAN-NT90TP-A Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
NT90TP-B HUAXINAN-NT90TP-B Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
List of Unclassifed Man...
NT90 ETC2-NT90 Datasheet
572Kb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
logo
DB Lectro Inc
NT90 DBLECTRO-NT90_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-C HUAXINAN-NT90TP-C Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
DB Lectro Inc
NT90TP DBLECTRO-NT90TP_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com