Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3130-F110-P7T1-W02 Datasheet(PDF) 5 Page - ETAL Group

Part # 3130-F110-P7T1-W02
Description  Motors, transformers, solenoids, household and office machines, electrical tools, mobile homes, boating, construction vehicles, medical equipment to EN 60601
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

3130-F110-P7T1-W02 Datasheet(HTML) 5 Page - ETAL Group

  3130-F110-P7T1-W02 Datasheet HTML 1Page - ETAL Group 3130-F110-P7T1-W02 Datasheet HTML 2Page - ETAL Group 3130-F110-P7T1-W02 Datasheet HTML 3Page - ETAL Group 3130-F110-P7T1-W02 Datasheet HTML 4Page - ETAL Group 3130-F110-P7T1-W02 Datasheet HTML 5Page - ETAL Group 3130-F110-P7T1-W02 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Appliance Inlet Module X3130 for 2-pole circuit breaker 3130-FA.A
www.e-t-a.de
1646
5
1
Thermal Overcurrent Circuit Breaker 3130
Dimensions
Mounting hole X3130
24
40.2
36.5
Circuit breaker 3130 (2-pole)
ø 3.3
72 ± 0.2
63.6 ± 0.15
2.50
2.83
Description
Typical applications
The appliance inlet module X3130 with double pole circuit breaker
3130-FA.A combines three functions within a single component: A C14
appliance inlet and rocker switch with resettable overcurrent protection;
screw mounting from the front or the rear.
Electrical medical apparatus, laboratory equipment, professional audio
equipment and office machines.
Ordering information
Type No.
X3130 Appliance inlet module for circuit breaker type 3130-FA.A
Module
A appliance inlet C14
Design
04 screw-type mounting
Accessories
00 without
Version
00
not wired; mounting position 3130:
I to connector
01
not wired; mounting position 3130:
0 to connector (standard)
Delivery condition
M module supplied with
circuit breaker FA.A
X3130 - A
04 00 01 - M Ordering example
Approvals
Technical data
Rated voltage
AC 240 V
Rated current
10 A (IEC)
15 A (UL/CSA)
Ambient temperature
-25°C ... 70°C
Number of poles
L, N + ground
Cable cross section
max. 1.5 mm2
Degree of protection
Class I
Mounting method
screw-type mounting (front or rear)
Terminal design
blade terminals DIN 46244 A6.3 x 0.8
Housing material
thermoplastics, black UL94V-0
Appliance inlet
C14 according to IEC/EN 60320-1, UL 498
Switch
circuit breaker type 3130, 2-pole
Authority Standard
Rated voltage Current ratings
UL
UL 489
C22.2 No 42


Similar Part No. - 3130-F110-P7T1-W02

ManufacturerPart #DatasheetDescription
logo
Kendall Howard
3130-3-001-06 KENDALLHOWARD-3130-3-001-06 Datasheet
474Kb / 1P
   LINIER SWING OUT WALL MOUNT CABINETS
3130-3-001-09 KENDALLHOWARD-3130-3-001-09 Datasheet
474Kb / 1P
   LINIER SWING OUT WALL MOUNT CABINETS
3130-3-001-12 KENDALLHOWARD-3130-3-001-12 Datasheet
131Kb / 2P
   12U LINIER WM SWINGOUT CABINET- GLASS DOOR
3130-3-001-12 KENDALLHOWARD-3130-3-001-12 Datasheet
474Kb / 1P
   LINIER SWING OUT WALL MOUNT CABINETS
3130-3-001-15 KENDALLHOWARD-3130-3-001-15 Datasheet
131Kb / 2P
   15U LINIER WM SWINGOUT CABINET- GLASS DOOR
More results

Similar Description - 3130-F110-P7T1-W02

ManufacturerPart #DatasheetDescription
logo
ETAL Group
3131-A ETAL-3131-A Datasheet
469Kb / 6P
   Motor protection, transformer protection, household appliances and office equipment, electrical tools, mobile homes, watercraft, construction vehicles, medical equipment
1110-F112-P1M1 ETAL-1110-F112-P1M1 Datasheet
179Kb / 2P
   Motors, transformers, solenoids, extra low voltage systems, household and office machines, instrumentation, marine applications, mobile homes
3120-F ETAL-3120-F Datasheet
1Mb / 16P
   Medical and laboratory equipment, apparatus and machine construction, professional tools, household and garden appliances, offices machines, audio equipment, machine tools
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
1410-L110-L1F1 ETAL-1410-L110-L1F1 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L210-L2F1 ETAL-1410-L210-L2F1_16 Datasheet
255Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-F110-P1-F1-W14Q ETAL-1410-F110-P1-F1-W14Q Datasheet
191Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1-S01 ETAL-1410-L110-L1F1-S01 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation.
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Recom International Pow...
RXXP2XX RECOM-RXXP2XX Datasheet
127Kb / 4P
   EN-60601 for Medical Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com