Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2210-S231-P1F1-H1 Datasheet(PDF) 1 Page - ETAL Group

Part # 2210-S231-P1F1-H1
Description  Process control equipment, robotics, machine tool control, communicationssystems, instrumentation, rail vehicles. Special versions, e.g. for aggressive environmental conditions and low voltages (e. g. 5 V) on request
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

2210-S231-P1F1-H1 Datasheet(HTML) 1 Page - ETAL Group

  2210-S231-P1F1-H1 Datasheet HTML 1Page - ETAL Group 2210-S231-P1F1-H1 Datasheet HTML 2Page - ETAL Group 2210-S231-P1F1-H1 Datasheet HTML 3Page - ETAL Group 2210-S231-P1F1-H1 Datasheet HTML 4Page - ETAL Group 2210-S231-P1F1-H1 Datasheet HTML 5Page - ETAL Group 2210-S231-P1F1-H1 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Thermal-Magnetic Circuit Breaker 2210-S2...
www.e-t-a.de
1646
1
1
Description
Typical applications
Technical data
One, two and three pole thermal-magnetic circuit breakers with tripfree
mechanism and toggle actuation (S-type TM CBE to EN 60934/IEC
934). Designed for panel or plug-in mounting. Available with auxiliary
contacts (1 x N/O, 1 x N/C) for status signalling. Two and three pole
models are internally linked to ensure that both/all poles trip in the
event of an overload on one pole, even if the actuator is held in the ON
position. A choice of characteristic curves further extends the range
of applications possibilities for these CBEs. Special auxiliary contact
versions for industrial atmosphere and low voltages (e. g. 5 V) available
on request.
Approved to CBE standard EN 60934 (IEC 60934).
Suitable for use in distribution rails – see section Power Distribution
Systems.
Processcontrolequipment,robotics,machinetoolcontrol,communications
systems, instrumentation, rail vehicles. Special versions, e.g. for aggressive
environmental conditions and low voltages (e. g. 5 V) on request.
2210-S2..
For further details please see chapter: Technical Information
Voltage rating
AC 250 V*; 3 AC 433 V (50-60Hz); DC 65 V
(*UL: AC 277/480 V; DC 65 V)
Current rating range
0.1...25 A for curves M1, T1
0.1...16 A for curves F1, F2, M3
Auxiliary circuit
1 A, AC 240 V/DC 65 V, resistive
Typical life
10,000 operations at 1 x IN, inductive
Ambient temperature
-30...+60 °C (-22...+140 °F) T 60
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664A)
withstand voltage
degree
2.5 kV
2
reinforced insulation in operating area
Dielectric strength
(IEC 60664 and 60664A)
test voltage
operating area
AC 3,000 V
main/aux. circuit
AC 1,500 V
aux. circuit 11-12/23-24 AC 1,000 V
pole/pole
AC 1,500 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
0.1...5 A
400 A
6...25 A
800 A
curves F1, F2, M1, T1:
0.1...16 A
2,500A (at DC 32 V)
curve M3:
0.1...2 A AC 200 A
DC 400 A
Interrupting capacity (UL 1077)
Degree of protection
operating area IP30
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
curves F1, F2:
3 g (57-500 Hz), ± 0.23 mm (10-57 Hz)
curves M1, M3, T1:
5 g (57-500 Hz), ± 0.38 mm (10-57 Hz)
to IEC 60068-2-6, test Fc
10 frequency cycles/axis
Shock
curves F1, F2:
25 g (11 ms), directions 1, 2, 3, 4, 5
10 g (11 ms), direction 6
curves M1, M3, T1:
25 g (11 ms), directions 1, 2, 3, 4, 5
20 g (11 ms), direction 6
to IEC 60068-2-27, test Ea
Corrosion
96 hours in 5 % salt mist
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-78, test Cab
Mass
approx. 50 g per pole
IN
0.1...16 A
20...25 A
AC 277 V 1-pole
5,000 A
2,000 A
AC 277/480 V 2-/3-pole
5,000 A
2,000 A
DC 65 V
2,000 A
2,000 A
Standard current ratings and typical internal resistance values
Current
rating (A)
Internal resistance (Ω)
F1
F2
M1
T1
M3
fast acting
for DC only
fast acting
delay
for AC+DC
standard
for AC+DC
delayed
low
resistance
only for AC
standard
delay
0.1
162
162
92
81
42
0.2
39.3
39.3
26.1
24.2
11.7
0.3
17.5
17.5
11.6
10.4
5.6
0.4
9.2
9.2
6.6
6.0
2.9
0.5
6.8
6.8
4.1
3.9
1.75
0.6
4.2
4.2
3
2.7
1.42
0.8
2.8
2.8
1.65
1.53
0.75
1
1.6
1.6
1.10
0.98
0.5
1.5
0.78
0.78
0.47
0.42
0.22
2
0.42
0.42
0.28
0.24
0.136
2.5
0.26
0.26
0.183
0.17
0.083
3
0.18
0.18
0.124
0.12
0.057
4
0.12
0.12
0.077
0.073
0.041
5
0.092
0.092
0.063
0.055
0.032
6
0.054
0.054
0.045
0.039
0.021
8
0.025
0.025
≤ 0.02
≤ 0.02
≤ 0.02
10
0.022
0.02
≤ 0.02
≤ 0.02
≤ 0.02
12
≤ 0.02
≤ 0.02
≤ 0.02
≤ 0.02
≤ 0.02
16
≤ 0.02
≤ 0.02
≤ 0.02
≤ 0.02
≤ 0.02
20
-
-
≤ 0.02
≤ 0.02
-
25
-
-
≤ 0.02
≤ 0.02
-
Preferred types
Standard current ratings (A)
1-pole:
1
2
4
6
8
10
16
2210-S211-P1F1-H111-
x
x
x
x
x
2210-S211-P1M1-H111-
x
x
x
x
x
x
x
2210-S211-P1M1-Z111-
x
x
x
x
x
x
x
2-pole:
2210-S221-P1M1-H111-
x
x
x
x
x
x
x
2210-S221-P1M1-H211-
x
x
x
x
x
x
x
Preferred types


Similar Part No. - 2210-S231-P1F1-H1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-005 ETC2-2210-005 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-010 ETC2-2210-010 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-025 ETC2-2210-025 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-050 ETC2-2210-050 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
More results

Similar Description - 2210-S231-P1F1-H1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
201 ETAL-201 Datasheet
258Kb / 4P
   Process control systems, instrumentation, rail vehicles
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
   Control systems, instrumentation, medical equipment, machine tools, robotics
3500-P10 ETAL-3500-P10 Datasheet
154Kb / 2P
   Control systems, instrumentation, medical equipment, machine tools, robotics, communications systems
logo
Pepperl+Fuchs Inc.
DA6-IU-2K-C PF-DA6-IU-2K-C Datasheet
739Kb / 3P
   Process control and indication equipment
DA6-IU-2K-V PF-DA6-IU-2K-V Datasheet
739Kb / 3P
   Process control and indication equipment
logo
ETAL Group
446-K ETAL-446-K Datasheet
174Kb / 2P
   Heavy duty vehicles, battery systems, process control
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
   Control equipment, communications systems, instrumentation
logo
Schurter Inc.
0888.0221 SCHURTER-0888.0221 Datasheet
215Kb / 3P
   custom specific versions on request
logo
ETAL Group
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
logo
Weidmuller
0459460000 WEIDMULLER-0459460000 Datasheet
63Kb / 3P
   Surge protection for instrumentation and control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com