Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M902-01I156.2500 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # M902-01I156.2500
Description  VCSO BASED GBE CLOCK GENERATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M902-01I156.2500 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  M902-01I156.2500 Datasheet HTML 1Page - Integrated Circuit Systems M902-01I156.2500 Datasheet HTML 2Page - Integrated Circuit Systems M902-01I156.2500 Datasheet HTML 3Page - Integrated Circuit Systems M902-01I156.2500 Datasheet HTML 4Page - Integrated Circuit Systems M902-01I156.2500 Datasheet HTML 5Page - Integrated Circuit Systems M902-01I156.2500 Datasheet HTML 6Page - Integrated Circuit Systems M902-01I156.2500 Datasheet HTML 7Page - Integrated Circuit Systems M902-01I156.2500 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
M902-01 Datasheet Rev 2.1
4 of 8
Revised 24Jun2004
I n te g r at ed C i rcui t Syste m s , Inc. ● Ne tw or kin g & C o mmun ica t io ns ● ww w. ic st.c om ● tel (5 08 ) 8 52-5 4 0 0
Integrated
Circuit
Systems, Inc.
M902-01
VCSO BASED GBE CLOCK GENERATOR
Prod uct Data Sh eet
APPLICATION INFORMATION
This section includes information on the optional
external crystal and on the external loop filter.
The subsections on the loop filter provide example
component values and also briefly describe the SAW
PLL simulator tool and additional application
information available at www.icst.com.
External Crystal Specifications
If an external crystal is used with the on-chip crystal
oscillator circuit (XTAL OSC), the external crystal
should have the following general specifications:
The external crystal will be applied to the XTAL_1 / REF_IN
and XTAL_2 input pins. External crystal load capacitors
are also required.
Recommended External Crystal Configuration
Figure 4: Recommended External Crystal Configuration
XTAL= 25 or 30 MHz, Load Capacitance Specification = 18 pF
C1
= 27 pF
C2
= 33 pF
External load capacitors C1 and C2 present a load of 15 pf
to the crystal (they are seen in series by the crystal through
the common ground connection). With the additional of PCB
trace capacitance and M902-01 input capacitance, the total
load to the crystal is about 18 pf.
External Loop Filter
To provide stable PLL operation, and thereby a low jitter
output clock, the M902-01 requires the use of an
external loop filter. This is provided via the provided
filter pins (see Figure 5).
Figure 5: External Loop Filter
The loop filter is implemented as a differential circuit
to minimize system noise interference. Due to the
differential signal path design, the implementation
requires two identical complementary RC filters as
shown here. See Table 4, External Loop Filter
Component Values, below.
Refer to the M902-01 product web page at
www.icst.com/products/summary/m902-01.htm for
additional product information.
Crystal Specifications
Parameter
Min Typ Max Unit
Crystal Type
AT-cut quartz
Mode of Oscillation
Fundamental
f0
Nominal Frequency Range
16
40
MHz
f/f0
Frequency Tolerance @+25 oC 1
Note 1: These frequency tolerance specifications are suitable for
a
±100 ppm clock output frequency requirement.
±15
ppm
f/f
C / TA
Frequency Stability -40 to +85 oC 1
±50
ppm
f/f0 / y Aging, per year (first) @+25 oC 1
±5
ppm
ESR
Equivalent Series Resistance
50
C
S
Shunt Capacitance
7
pF
Spurious Response (non-harmonic)
-40 dBc
C
L
Load Capacitance,
parallel load resonant
16
32
pF
P0
Drive Level
0.1
1.0
mW
Table 3: External Loop Filter Component Values
XTAL_2
XTAL
XTAL OSC
M9xx-0x
XTAL_1 / REF_IN
C1
C2
M902-01
External Loop Filter Component Values
PLL Bandwidth
(kHz)
Damping
Factor
R loop
(k
)
C loop
(
µF)
R post
(k
)
C post
(pF)
0.5
3.0
1.5
4.70
20
150
1.5 1
Note 1: Optimum loop bandwidth when using an external reference
crystal. Will help to attenuate interference on the crystal’s
sinusoidal clock waveform and therefore will minimize
device output clock jitter.
3.3
4.7
1.00
10
150
2.1 2
Note 2: Alternative loop filter setting when using an external refer-
ence crystal. Smaller C loop lowers loop damping factor with
negligible increase in output jitter.
1.1
4.7
0.10
10
150
6.4
4.5
20.0
0.10
20
270
10.6
3
Note 3: Optimum loop bandwidth when using an external reference
crystal oscillator. The square wave clock reference does not
require as much jitter attenuation, which allows for a wider
loop bandwidth and improved system noise tolerance.
4.2
33.0
0.03
20
120
Table 4: External Loop Filter Component Values
C
POST
C
POST
VC
nVC
R
POST
nOP_OUT
OP_OUT
R
POST
R
LOOP
R
LOOP
C
LOOP
C
LOOP
OP_IN
nOP_IN
6
7
5
49
8


Similar Part No. - M902-01I156.2500

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9021A KEYSIGHT-M9021A Datasheet
2Mb / 14P
   18-slot PXIe Chassis
M9021A KEYSIGHT-M9021A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9021A KEYSIGHT-M9021A Datasheet
1Mb / 10P
   M9187A PXI Digital I/O Control Module
M9021A KEYSIGHT-M9021A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9021A KEYSIGHT-M9021A Datasheet
2Mb / 16P
   Interface Modules and Adapters for PXIe
More results

Similar Description - M902-01I156.2500

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
   VCSO BASED CLOCK PLL
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M1010-01 ICST-M1010-01 Datasheet
360Kb / 8P
   VCSO BASED CLOCK JITTER ATTENUATOR
M1025 ICST-M1025 Datasheet
340Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1033 ICST-M1033 Datasheet
198Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1040 ICST-M1040 Datasheet
436Kb / 12P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
logo
Texas Instruments
CDC5806 TI1-CDC5806_15 Datasheet
340Kb / 13P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com