Electronic Components Datasheet Search |
|
1658-G21-00-P10-5A Datasheet(PDF) 1 Page - ETAL Group |
|
1658-G21-00-P10-5A Datasheet(HTML) 1 Page - ETAL Group |
1 / 4 page Thermal Overcurrent Circuit Breaker 1658-... www.e-t-a.de 1 1 1635 Description Typical applications Ordering information Technical data Very cost effective design to meet international requirements. No exposed metal parts which are, or could become, current-carrying except for terminals. R-type TO CBE to EN 60934. l Manual reset, cycling trip free mechanism l Extremely small and lightweight l UL, CSA, VDE and EN 60934 (IEC 60934) approved Battery chargers, consumer products, power supplies, motors. 1658-... Standard current ratings and typical voltage drop values Type No. 1658 single pole thermal circuit breaker Threadneck design G21 manual reset type, 3/8“-27 threadneck A00 auto reset type, without threadneck Hardware 00 no hardware 01 one PAL nut Y306 671 01, bulk 02 one PAL nut Y306 671 01, one knurled nut Y307 117 02, bulk Terminals P10 blade terminals A6.3-0.8 (QC .250) P13 blade terminals A6.3-0.8 (QC .250), 90° Current ratings 5 ...30 A 1658 - G21 - 02 - P10 - 5 A Ordering example * Screws and lock washers bulk shipped Packaging unit: minimum order quantity 250 pieces Current rating (A) voltage drop values (mV) Current rating (A) voltage drop values (mV) 5 ≤ 250 12 ≤ 250 6 ≤ 250 15 ≤ 250 7 ≤ 250 16 ≤ 250 8 ≤ 250 20 ≤ 250 9 ≤ 250 25 ≤ 250 10 ≤ 250 30 ≤ 250 Preferred types Standard current ratings (A) 5 6 7 8 9 10 12 15 16 20 25 30 1658-G21-02-P10- x x x x x x x x x x x x 1658-G21-02-P13- x x x x x x x x x 1658-A00-00-P10- x x x x x x x x x Preferred types For further details please see chapter: Technical Information Voltage rating AC 240 V; DC 28 V Current ratings 5...30 A Typical life AC + DC 5...16 A 1,000 operations at 2 x IN, inductive 17...25 A 1,000 operations at 2 x IN, resistive Ambient temperature -20...+60 °C (-4...+140 °F), ≤ 7 A max. +40 °C (+104 °F) Insulation co-ordination rated impulse pollution (IEC 60664 and 60664 A) withstand voltage degree 2.5 kV 2 reinforced insulation in operating area Dielectric strength (IEC 60664 and 60664A) test voltage operating area AC 3,000 V Insulation resistance > 100 MΩ (DC 500 V) Interrupting capacity Icn 5...7 A 180 A 8...30 A 200 A Interrupting capacity IN UN (UL 1077/EN 60934 PC1) 5...16 A AC 240 V 2,000 A 5...30 A AC 120 V 2,000 A 5...30 A DC 32 V 2,500 A 5...30 A DC 28 V 2,000 A (1658-A..) Degree of protection operating area IP40 (IEC 60529/DIN 40050) terminal area IP00 Vibration 8 g (57-500 Hz) ± 0.61 mm (10-57 Hz), to IEC 60068-2-6, test Fc, 10 frequency cycles/axis Shock 30 g (11 ms) to IEC 60068-2-27, test Ea Corrosion 96 hours at 5 % salt mist, to IEC 60068-2-11, test Ka Humidity 240 hours at 95 % RH to IEC 60068-2-78, test Cab Mass approx. 16 g Behaviour at rated switching capacity (EN 60934; test sequence D) operat. IN UN 40 5...16 A AC 240 V 6 x IN ind 40 5...16 A DC 28 V 4 x IN ind 40 17...25 A AC 240 V 120 A resistive 40 17...25 A DC 28 V 120 A resistive |
Similar Part No. - 1658-G21-00-P10-5A |
|
Similar Description - 1658-G21-00-P10-5A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |