Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M902-01-156.2500 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # M902-01-156.2500
Description  VCSO BASED GBE CLOCK GENERATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M902-01-156.2500 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  M902-01-156.2500 Datasheet HTML 1Page - Integrated Circuit Systems M902-01-156.2500 Datasheet HTML 2Page - Integrated Circuit Systems M902-01-156.2500 Datasheet HTML 3Page - Integrated Circuit Systems M902-01-156.2500 Datasheet HTML 4Page - Integrated Circuit Systems M902-01-156.2500 Datasheet HTML 5Page - Integrated Circuit Systems M902-01-156.2500 Datasheet HTML 6Page - Integrated Circuit Systems M902-01-156.2500 Datasheet HTML 7Page - Integrated Circuit Systems M902-01-156.2500 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
M902-01 Datasheet Rev 2.1
5 of 8
Revised 24Jun2004
Integr ated Circuit Systems , Inc. ● Netw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● tel (5 08) 85 2-54 00
M902-01
VCSO BASED GBE CLOCK GENERATOR
Prod uct Data Sh eet
Integrated
Circuit
Systems, Inc.
PLL Simulator Tool Available
A free PC software utility is available on the ICS website
(www.icst.com). The M2000 Timing Modules PLL
Simulator is a downloadable application that simulates
PLL jitter and wander transfer characteristics. This
enables the user to set appropriate external loop
component values in a given application.
Refer to the SAW PLL Simulator Software web page at
www.icst.com/products/calculators/m2000filterSWdesc.htm
for additional information.
SAW PLL Application Notes Available
The ICS web site (www.icst.com) also has application
notes on:
PCB layout guidelines (including special detailed
instructions for preventing issues such as external
reference crosstalk)
Any new special device application details that may
become available
Instructions for using PLL simulator software
Guidelines for PCB fabrication (including recom-
mended PCB footprint, solder mask, and furnace
profile)
Refer to the SAW PLL Application Notes web page at
www.icst.com/products/appnotes/SawPllAppNotes.htm
for application notes and any additional product
information that may become available.
ABSOLUTE MAXIMUM RATINGS1
Symbol Parameter
Rating
Unit
V
I
Input Voltage
-0.5 to V
CC +0.5
V
V
O
Output Voltage
-0.5 to V
CC +0.5
V
I
O
Output Current
25
mA
V
CC
Power Supply Voltage
4.6
V
T
S
Storage Temperature
-45 to +100
oC
Table 5: Absolute Maximum Ratings
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional operation of product at these conditions
or any conditions beyond those listed in Recommended Conditions of Operation, DC Characteristics, or
AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
RECOMMENDED CONDITIONS OF OPERATION
Symbol Parameter
Min
Typ
Max
Unit
V
CC
Positive Supply Voltage
3.135
3.3
3.465
V
T
A
Ambient Operating Temperature
Commercial
0
+70
oC
Industrial
-40
+85
oC
Table 6: Recommended Conditions of Operation


Similar Part No. - M902-01-156.2500

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9021A KEYSIGHT-M9021A Datasheet
2Mb / 14P
   18-slot PXIe Chassis
M9021A KEYSIGHT-M9021A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9021A KEYSIGHT-M9021A Datasheet
1Mb / 10P
   M9187A PXI Digital I/O Control Module
M9021A KEYSIGHT-M9021A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9021A KEYSIGHT-M9021A Datasheet
2Mb / 16P
   Interface Modules and Adapters for PXIe
More results

Similar Description - M902-01-156.2500

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
   VCSO BASED CLOCK PLL
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M1010-01 ICST-M1010-01 Datasheet
360Kb / 8P
   VCSO BASED CLOCK JITTER ATTENUATOR
M1025 ICST-M1025 Datasheet
340Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1033 ICST-M1033 Datasheet
198Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1040 ICST-M1040 Datasheet
436Kb / 12P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
logo
Texas Instruments
CDC5806 TI1-CDC5806_15 Datasheet
340Kb / 13P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com