Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQS3160QFR Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # IQS3160QFR
Description  16 Touch Keys with distributed Proximity Sensing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS3160QFR Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button IQS3160QFR Datasheet HTML 7Page - List of Unclassifed Manufacturers IQS3160QFR Datasheet HTML 8Page - List of Unclassifed Manufacturers IQS3160QFR Datasheet HTML 9Page - List of Unclassifed Manufacturers IQS3160QFR Datasheet HTML 10Page - List of Unclassifed Manufacturers IQS3160QFR Datasheet HTML 11Page - List of Unclassifed Manufacturers IQS3160QFR Datasheet HTML 12Page - List of Unclassifed Manufacturers IQS3160QFR Datasheet HTML 13Page - List of Unclassifed Manufacturers IQS3160QFR Datasheet HTML 14Page - List of Unclassifed Manufacturers IQS3160QFR Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
IQ Switch
®
ProxSense
® Series
Copyright © Azoteq (Pty) Ltd 2015
IQS316 Datasheet
Page 11 of 28
All rights reserved.
Revision 1.03
November 2015
automatic selection are highlighted in the
table.
Table 4.1
Automatic Shield
Setting Channels
Group
SHLD_A
SHLD_B
0
CxA0
CxB0
1
CxA0
CxB0
2
CxA1
CxB1
3
CxA2
CxB2
4
CxA3
CxB3
The active driven shields follow the waveforms
of the sensor lines. A screenshot of two pairs
of shield and sensor lines are illustrated in
Figure 4.2.
It can be seen that generally 2
different channels have very similar signals,
and it has been found that the shield of a
specific channel can be effectively used to
shield the other channels in the same timeslot
(Group).
Figure 4.2
Active shields
Pull-up resistors are required on each shield
line as shown in Figure 6.9 and Figure 6.10.
A suggested value for the pull-up resistors are
2kΩ when using the controller at 3.3V, and
4.7kΩ when using the controller at 5V.
Smaller resistor values will increase the
driving ability of the shield, but will also
increase the current consumption.
For more information regarding shielding, refer
to
the
application
note
“AZD009
Implementation of Driven Shield
”.
4.3 Proximity Output (POUT)
All the individual PROX status for each
channel
is
available
through
the
device
memory map, but an additional POUT I/O has
been added.
This I/O is active HIGH when
any of the PROX channels (CH0
– CH3)
sense a PROX. This could, for example, be
used
to
control
the
backlighting
of
an
application.
4.4 Zero Cross Synchronising
When an application is operated in a noisy AC
environment,
it
could
be
required
to
synchronise the charging to the AC.
This
reduces the noise influence on the count
value. This is not normally required since the
Prox Mode filters should remove this AC
component, but is available if needed.
If unused, it is best to connect directly to GND.
4.5 Device Sleep
The IQS316 can be placed in low power
SLEEP mode.
This however is a totally
inactive state, and no channel sensing is
performed.
This
could
be
used
if
an
application does not require the keys to be
sensed, or if custom low power mode is
implemented. All the device settings and data
is retained after waking from the sleep.
4.6 Communication Bypass
The IQS316 can be set up to bypass the
communication window. This could be useful
if a master does not want to be interrupted
during every charging cycle of the IQS316.
The communication will be resumed (Ready
will indicate available data) if the IQS316
senses a proximity.
The master can also
initiate communication if required (only in SPI).
Therefore the master sends a command to
bypass the communication. The IQS316 then
continually
does
conversions
without
interaction with the master, until a proximity
occurs, which is most likely the first time that
the master will be interested in the IQS316
data.
If
the
master
wants
to
force
the
communication to resume in SPI mode, then


Similar Part No. - IQS3160QFR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS316 ETC2-IQS316 Datasheet
985Kb / 26P
   Multi-channel Capacitive Sensing Controller with Advanced Signal Processing Functions
IQS316EV01 ETC2-IQS316EV01 Datasheet
4Mb / 9P
   IQ Switch - ProxSense Series
IQS316EV02 ETC2-IQS316EV02 Datasheet
2Mb / 10P
   IQ Switch - ProxSense Series
More results

Similar Description - IQS3160QFR

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP229-AQG TONTEK-TTP229-AQG Datasheet
354Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-LSF TONTEK-TTP229-LSF Datasheet
337Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-KSF TONTEK-TTP229-KSF Datasheet
336Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229 TONTEK-TTP229 Datasheet
370Kb / 19P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
logo
List of Unclassifed Man...
IQS621 ETC-IQS621_V01 Datasheet
2Mb / 79P
   Combination sensor with ambient light sensing (ALS), capacitive proximity/touch, Halleffect sensor & inductive sensing capabilities
May 2018
logo
STMicroelectronics
STMPE16M31PX STMICROELECTRONICS-STMPE16M31PX Datasheet
669Kb / 75P
   S-Touch짰 16-channel touchkey controller with proximity sensing
January 2011 Rev 2
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
   Proximity Sensing
logo
STMicroelectronics
STM8T141 STMICROELECTRONICS-STM8T141 Datasheet
1Mb / 50P
   Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
June 2011 Rev 7
logo
PADAUK Technology.
PMS164 PADAUK-PMS164 Datasheet
1Mb / 74P
   12 Touch Keys OTP Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com